Part Number Hot Search : 
GM160 020JL 23C5V1 UPB425D TA7687AF MF2000 2SC4357 CXA1380M
Product Description
Full Text Search
  transfer Datasheet PDF File

For transfer Found Datasheets File :: 95836    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SK1155 2SK1155-E 2SK1156 2SK1156-E

Renesas Electronics Corporation
Part No. 2SK1155 2SK1155-E 2SK1156 2SK1156-E
OCR Text ...tate resistance 2SK1156 Forward transfer admittance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Body to drain diode forward voltage Body to drain diode reverse...
Description Silicon N Channel MOS FET

File Size 77.04K  /  7 Page

View it Online

Download Datasheet





    TOSHIBA
Part No. 3SK195
OCR Text ...on performance. low reverse transfer capacitance: c rss = 0.015 pf (typ.) low noise figure: nf = 1.1db (typ.) maximum ratings (ta 25c) characteristics symbol rating unit drain-source voltage v ds 13.5 v gate 1-...
Description Field Effect Transistor Silicon N Channel Dual Gate MOS Type TV Tuner, VHF RF Amplifier Applications FM Tuner Applications

File Size 180.79K  /  6 Page

View it Online

Download Datasheet

    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text ... switching High forward current transfer ratio hFE which has satisfactory linearity Dielectric breakdown voltage of the package: > 5kV (TC=25C) Ratings 80 50 6 6 3 1 20 2.0 150 -55 to +150 Unit V V V A A A W C C 15.00.5 3.20.1 13....
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet

    ZVN4424G ZVN4424GTA

Diodes Incorporated
Part No. ZVN4424G ZVN4424GTA
OCR Text ...ance (2) c oss 15 25 pf reverse transfer capacitance (2) c rss 3.5 15 pf turn-on delay time (2)(3) t d(on) 2.5 5 ns v dd ? 50v, i d =0.25a, v gen =10v rise time (2)(3) t r 58ns turn-off delay time (2)(3) t d(off) 40 60 ns fall time (2)(3...
Description SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET

File Size 112.43K  /  4 Page

View it Online

Download Datasheet

    AUK
Part No. SMK1060PS
OCR Text ... =5.0a - 0.60 0.75 forward transfer conductance g fs v ds =10v, i d =5.0a - 8.0 - s input capacitance ciss - 2000 2350 output capacitance coss - 160 215 reverse transfer capacitance crss v gs =0v, v ds =25v f=1mhz ...
Description Advanced N-Ch Power MOSFET

File Size 1,694.38K  /  34 Page

View it Online

Download Datasheet

    2SA1022 2SC2295

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1022 2SC2295
OCR Text ... cutoff current Forward current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise figure Reverse transfer impedance Common emitter reverse transfer capacitance (Ta=25C) Symbol ICBO...
Description Silicon PNP epitaxial planer type

File Size 37.20K  /  2 Page

View it Online

Download Datasheet

    LDA100 LDA100S LDA100STR

IXYS Corporation
Part No. LDA100 LDA100S LDA100STR
OCR Text ...n voltage bv ceo 30 v p current transfer ratio (typical) 300 % saturation voltage 0.5 v input control current 1 ma applications features description ordering information pin configuration ? telecom switching ? tip/ring circuits ? modem s...
Description Optocoupler, Bidirectional Input Single-Transistor Output

File Size 119.16K  /  6 Page

View it Online

Download Datasheet

    2SA1031 2SA1032 2SA1031B 2SA1031D

HITACHI[Hitachi Semiconductor]
Microsemi, Corp.
Part No. 2SA1031 2SA1032 2SA1031B 2SA1031D
OCR Text ...mA) -8 -20 -15 -4 -5 Typical transfer Characteristics VCE = -5 V -4 -10 -5 A IB = 0 -2 -2 -1 0 -5 -10 -15 -20 -25 0 -0.2 -0.4 -0.6 25 -0.8 -6 -3 Ta = 75C -1.0 Collector Em...
Description Silicon PNP Transistor
Silicon PNP Epitaxial
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
5-Pin &#181;P Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路

File Size 30.18K  /  7 Page

View it Online

Download Datasheet

    2SA1034 2SA1035 2SC2406 2SC2405

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1034 2SA1035 2SC2406 2SC2405
OCR Text ...to base voltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise voltage *h FE1 (Ta=25C) Symbol ICBO ICEO Conditions VCB = -10V, IE = 0 VCE = -10V, IB = 0 IC = -1...
Description Silicon PNP epitaxial planer type

File Size 50.24K  /  3 Page

View it Online

Download Datasheet

    Panasonic
Part No. 2SD2074
OCR Text ...nce r on ? high forward current transfer ratio h fe ? allowing supply with radial taping absolute maximum ratings t a = 25 c parameter symbol rating unit collector-base voltage (emitter open) v cbo 25 v collector-emitter voltage (bas...
Description Small-signal device - Small-signal transistor - General-use Low-Frequency Amplifires

File Size 81.54K  /  3 Page

View it Online

Download Datasheet

For transfer Found Datasheets File :: 95836    Search Time::1.531ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of transfer

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.76578903198242