Part Number Hot Search : 
58LW064 W83321G SA24ARL 1N2441 MAX19 BL2040 PE1145MV PVD1052
Product Description
Full Text Search
  tolerance Datasheet PDF File

For tolerance Found Datasheets File :: 92847    Search Time::1.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N5338B 1N5352B 1N5366B 1N5374B 1N5372B 1N5375B 1N5333B 1N5378B 1N5344B

Microsemi, Corp.
Motorola Mobility Holdings, Inc.
Motorola Inc
Motorola, Inc.
MOTOROLA[Motorola Inc]
ON Semi
MOTOROLA[Motorola, Inc]
Diotec Elektronische
Part No. 1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N5338B 1N5352B 1N5366B 1N5374B 1N5372B 1N5375B 1N5333B 1N5378B 1N5344B 1N5355B 1N5353B 1N5342B 1N5388B 1N5359B 1N5345B 1N5381B 1N5363B 1N5383B 1N5336B ON0008 1N5341B 1N5361B 1N5334B 1N5335B 1N5337B 1N5340B 1N5343B 1N5346B 1N5348 1N5348B 1N5350B 1N5351B 1N5357B 1N5358B 1N5360B 1N5362B 1N5365B 1N5367B 1N5368B 1N5369B 1N5370B 1N5373B 1N5376B 1N5377B 1N5379B 1N5380B 1N5382B 1N5384B 1N5385B 1N5386 1N5386B 1N5387B 1N5333BTHRU1N5388B 1N5354B
OCR Text ...29.4 28 26.4 25 23.6 NOTE 1. tolerance AND TYPE NUMBER DESIGNATION The JEDEC type numbers shown indicate a tolerance of 5%. NOTE 4. VOLTAGE REGULATION (VZ) Test conditions for voltage regulation are as follows: VZ measurements are mad...
Description    5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 47 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 12 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 3.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.300 VOLTS 5瓦稳压稳压二极管3.30
MOSFET P-CH 250V 200MA SOT-89
500 mW DO-35 Glass Zener Voltage Regulator Diodes
From old datasheet system
Silicon-Power-Z-Diodes (non-planar technology)

File Size 87.83K  /  6 Page

View it Online

Download Datasheet





    5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ A

AD[Analog Devices]
Analog Devices, Inc.
Part No. 5962-89805012A 5962-8980501CA 5962-8980501IA AD536A AD536AJCHIPS AD536AJD AD536AJH AD536AJQ AD536AKD AD536AKH AD536AKQ AD536ASCHIPS AD536ASD AD536ASE AD536ASH 5962-89805 AD536 AD883B AD536AKH_ AD536AKH/
OCR Text ... Scale Factor IOUT Scale Factor tolerance Output Resistance Voltage Compliance BUFFER AMPLIFIER Input and Output Voltage Range Input Offset Voltage, RS = 25 k Input Bias Current Input Resistance Output Current Short Circuit Current Output R...
Description Complete Monolithic IC Which Performs True RMS-to-DC Conversion
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No
JT 28C 26#20 2#16 SKT PLUG
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, CDIP14
Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, MBCY10

File Size 149.33K  /  8 Page

View it Online

Download Datasheet

    AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5201 AD5207 AD5207BRU100-REEL7 AD5207BRU10-REEL7 AD5207BRU50-REEL7 AD5231 AD5233 AD5241 AD8402 AD8403 AD5242 AD5200 AD5203 AD5204 AD5206 AD5220 AD5222 AD5232 AD5235 AD5262 AD7376 AD8400 AD5207BRU10 AD5260 AD5207BRUZ10
OCR Text ... 1% channel-to-channel matching tolerance with a nominal temperature coefficient of 500 ppm/C. A unique switching circuit minimizes the high glitch inherent in traditional switched resistor designs and avoids any make-before-break or breakb...
Description Dual, 256 Position, Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
CONNECTOR ASSEMBLIES RoHS Compliant: Yes
2-Channel, 256-Position Digital Potentiometer DUAL 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14
2-Channel, 256-Position Digital Potentiometer 2通道56位数字电位器

File Size 651.48K  /  16 Page

View it Online

Download Datasheet

    AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5203 AD5203AN10 AD5203AN100 AD5203AR10 AD5203AR100 AD5203ARU10 AD5203ARU100 AD5203AR10-REEL
OCR Text ... 1% channel-tochannel matching tolerance with a nominal temperature coefficient of 700 ppm/C. Each VR has its own VR latch which holds its programmed resistance value. These VR latches are updated from an internal serial-to-parallel shift ...
Description 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
4-Channel, 64-Position Digital Potentiometer 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom Solutions Available- Efficiency to 85%
RECTIFIER SCHOTTKY SINGLE 3A 60V 80A-ifsm 0.74V-vf 0.5mA-ir DO-201AD 500/BULK
2-Channel/ 256-Position Digital Potentiometer
4-Channel 64-Position Digital Potentiometer

File Size 259.09K  /  12 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ... 50 k or 100 k Nominal Resistor tolerance R TA = +25C VAB = VDD, Wiper = No Connect Resistance Temperature Coefficient RAB/T Wiper Resistance RW IW = VDD/R, VDD = +3 V or +5 V DC CHARACTERISTICS POTENTIOMETER DIVIDER MODE Specifications App...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ...L RWB, VA = NC Nominal Resistor tolerance R VAB = VDD, Wiper = No Connect, T A = 25C Resistance Temperature Coefficient RAB/T VAB = VDD, Wiper = No Connect Wiper Resistance3 RW IW = VDD /R, VDD = 3 V or 5 V Nominal Resistance Match R/RO CH ...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ... Nonlinearity2 Nominal Resistor tolerance Wiper Resistance 3 Symbol R-DNL R-INL RAB/RAB (RAB/RAB) x 10 /T RW 4 Conditions RWB, A terminal = no connect RWB, A terminal = no connect Min -0.5 -0.5 -20 Typ1 0.05 0.1 35 Max +0.5...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201

AD[Analog Devices]
Part No. AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201 AD5203 AD5204 AD5206 AD5207 AD5220 AD5222 AD5231 AD5233 AD5235 AD5241 AD5242 AD5260 AD5262 AD7376 AD8400 AD8402
OCR Text ...nearity2 R-INL Nominal Resistor tolerance RAB Resistance Temperature Coefficient RAB/ T Wiper Resistance RW RW RWB, VA = NC RWB, VA = NC IW = 100 A, VDD = 5.5 V, Code = 1EH IW = 100 A, VDD = 3 V, Code = 1EH -1 -0.4 -40 1/2 600 5 2...
Description 8-Bit Dual Nonvolatile Memory Digital Potentiometer

File Size 252.48K  /  20 Page

View it Online

Download Datasheet

    AD5235 AD5235BRU25 AD5235BRU250

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5235 AD5235BRU25 AD5235BRU250
OCR Text ... Nonlinearity2 Nominal resistor tolerance Resistance Temperature Coefficent Wiper Resistance Wiper Resistance Symbol R-DNL R-INL R RAB/T RW RW N INL DNL VW/T VWFSE VWZSE VA,B,W CA,B CW ICM VIH VIL VOH VOH VOL IIL CIL VDD VDD/VSS IDD IDD...
Description Audio digital potentiometers DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO16
Nonvolatile Memory/ Dual 1024 Position Digital Potentiometers
RES MF 1/8W 160K 1% 2PPM
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers

File Size 100.47K  /  10 Page

View it Online

Download Datasheet

    AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU

AD[Analog Devices]
Part No. AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU10-REEL7 AD5242BRU1M-REEL7 AD5241BR1M AD5241BRU10-REEL7 AD5241BRU100-REEL7 AD5241BRU1M-REEL7 AD5241BR10-REEL7 AD5241BR100-REEL7 AD5241 AD5242
OCR Text ... 1% channel-to-channel matching tolerance. The nominal temperature coefficient of both parts is 30 ppm/C. Wiper position programming defaults to midscale at system power ON. Once powered, the VR wiper position is programmed by an I2C compat...
Description I2C Compatible 256-Position Digital Potentiometers

File Size 331.94K  /  16 Page

View it Online

Download Datasheet

For tolerance Found Datasheets File :: 92847    Search Time::1.906ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tolerance

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1886789798737