Part Number Hot Search : 
HIN208CP LX1660 70N70 MLX16303 SL431 TLP1224 HIN208CA MRF555
Product Description
Full Text Search
  to-65 Datasheet PDF File

For to-65 Found Datasheets File :: 218982    Search Time::4.688ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD9228BCPZRL-65 AD9228BCPZRL-40 AD9228 AD9228-65EB AD9228BCPZ-40 AD9228BCPZ-65

Analog Devices
Part No. AD9228BCPZRL-65 AD9228BCPZRL-40 AD9228 AD9228-65EB AD9228BCPZ-40 AD9228BCPZ-65
OCR Text ...channel at 65 MSPS SNR = 70 dB (to Nyquist) Excellent linearity DNL = 0.3 LSB (typical) INL = 0.4 LSB (typical) Serial LVDS (ANSI-644, default) Low power reduced signal option, IEEE 1596.3 similar Data and frame clock outputs 315 MHz full p...
Description Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter

File Size 1,691.56K  /  52 Page

View it Online

Download Datasheet





    GS8160F18BT-6.5 GS8160F18BT-5.5 GS8160F18BT-5.5I GS8160F18BT-6.5I GS8160F18BT-7.5I GS8160F36BT-7.5I GS8160F18BGT-5.5 GS8

GSI[GSI Technology]
Part No. GS8160F18BT-6.5 GS8160F18BT-5.5 GS8160F18BT-5.5I GS8160F18BT-6.5I GS8160F18BT-7.5I GS8160F36BT-7.5I GS8160F18BGT-5.5 GS8160F18BGT-5.5I GS8160F18BGT-6.5 GS8160F18BGT-6.5I GS8160F18BGT-7.5 GS8160F18BGT-7.5I GS8160F18BT GS8160F32BGT-5.5 GS8160F32BGT-5.5I GS8160F32BGT-6.5 GS8160F32BGT-6.5I GS8160F32BGT-7.5 GS8160F32BGT-7.5I GS8160F32BT-5.5 GS8160F32BT-5.5I GS8160F32BT-6.5 GS8160F32BT-6.5I GS8160F32BT-7.5 GS8160F32BT-7.5I GS8160F36BGT-5.5 GS8160F36BGT-5.5I GS8160F36BGT-6.5 GS8160F36BGT-6.5I GS8160F36BGT-7.5 GS8160F36BGT-7.5I GS8160F36BT-5.5 GS8160F36BT-5.5I GS8160F36BT-6.5 GS8160F36BT-6.5I GS8160F36BT-7.5
OCR Text ... be designed with VSS connected to the FT pin location to ensure the broadest access to multiple vendor sources. Boards designed with FT pin...65 17 64 18 63 19 62 20 61 21 60 22 59 23 58 24 57 25 56 26 55 27 54 28 53 29 52 30 51 31 32 33 34 3...
Description 1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs

File Size 543.17K  /  22 Page

View it Online

Download Datasheet

    TOTAL-POWER[Total Power International]
Part No. MPS-65 MPS-65-7.5 MPS-65-12 MPS-65-13.5 MPS-65-15 MPS-65-24 MPS-65-27 MPS-65-3.3 MPS-65-48 MPS-65-5
OCR Text TOTAL POWER INT'L 65W Single Output Medical Type Features : Low leakage current 0.3mA MPS-65 series Universal AC input / Full range Protections:Short circuit/Over load/Over voltage Cooling by free air convection 100% full load b...
Description 65W Single Output Medical Type

File Size 340.02K  /  2 Page

View it Online

Download Datasheet

    AD9238BSTRL-65 AD9238BSTRL-20

Analog Devices
Part No. AD9238BSTRL-65 AD9238BSTRL-20
OCR Text to-Digital Converters Single 3 V Supply Operation (2.7 V to 3.6 V) SNR = 70 dBc (to Nyquist, AD9238-65) SFDR = 85 dBc (to Nyquist, AD9238-65) Low Power: 600 mW at 65 MSPS Differential Input with 500 MHz 3 dB Bandwidth On-Chip Reference and ...
Description 12-Bit 20/40/65 MSPS Dual A/D Converter

File Size 1,709.37K  /  25 Page

View it Online

Download Datasheet

    FN402-6.5-02 FN3416-10-44 FN3416-110-35 FN3416-13-44 FN3416-16-44 FN3416-180-40 FN3416-210-40 FN3416-24-33 FN3416-260-99

List of Unclassifed Manufacturers
Part No. FN402-6.5-02 FN3416-10-44 FN3416-110-35 FN3416-13-44 FN3416-16-44 FN3416-180-40 FN3416-210-40 FN3416-24-33 FN3416-260-99 FN3416-32-33 FN3416-320-99 FN3416-38-33 FN3416-45-33 FN3416-60-34 FN3416-75-34 FN3416-90-35 FN3418-28-33 FN3418-105-35 FN3418-11-44 FN3418-130-40 FN3418-15-44 FN3418-160-40 FN3418-190-40 FN3418-21-33 FN3418-240-99 FN3418-310-99 FN3418-35-33 FN3418-41-33 FN3418-53-34
OCR Text ...nce, however, is still sufcient to comply with en61000-3-12 (for thd) or with ieee- 519, table 10-3 (for tdd). schafner ecosine? flters he...65-34 50 393 -34 42 fn3418-80-35 60 493 -35 45 fn3418-105-35 75 514 -35 54 fn3418-130...
Description ECOsine Compact economy line of passive harmonic filters

File Size 1,069.13K  /  6 Page

View it Online

Download Datasheet

    http://
Alpha Industries, Inc.
ALPHA[Alpha Industries]
Alpha Industries Inc
Part No. AA022N1-65
OCR Text ...the operating frequencies prior to shipment for guaranteed performance. The amplifier is targeted for millimeterwave point-to-point and poin...65 RF In RF In RF Out RF Out YYWW VDD VD Electrical Specifications at 25C (VD = 5.5 V) R...
Description 20-24 GHz Low Noise Amplifier
204 GHz Low Noise Amplifier

File Size 660.28K  /  4 Page

View it Online

Download Datasheet

    EVERLIGHT ELECTRONICS CO LTD
Part No. 65-21-R7C-A6Q2S1B0E-2T8-AM
OCR Text ...ite package. ? brightness: 90 to 224mcd at 20ma. ? qualification according to aec-q101 rev c. ? precondition: bases on jedec j-std 020...65-21-r7c-a6q2s1b0e-2t8-am everlight electronics co., ltd. http://www.everlight.com rev.: 1 pag...
Description SINGLE COLOR LED, DARK RED, 1.7 mm

File Size 199.26K  /  13 Page

View it Online

Download Datasheet

    CYPRESS SEMICONDUCTOR CORP
Part No. GVT71256ZB36-6.5 GVT71256ZB36-7.5
OCR Text ...red outputs eliminate the need to control oe  3.3v ?5% and +5% power supply  3.3v or 2.5v i/o supply  single wen (read/write) control ...65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 44 45 46 47 48 49 50 a a ce1 adv/ld nc a clk oe a a vcc...
Description 256K X 36 ZBT SRAM, 6.5 ns, PQFP100
256K X 36 ZBT SRAM, 7.5 ns, PQFP100

File Size 576.94K  /  31 Page

View it Online

Download Datasheet

    MICROSEMI[Microsemi Corporation]
Part No. LXMG1626-05-65
OCR Text ...er Module specifically designed to be compatible with a variety of LCD panels that have both lamps on one side of the panel and use a single...65 LXMG1626-05-65 UNIVERSAL DIMMING INPUT "PWM", VDC, OR POTENTIOMETER Lamp Current 10 to 13mA i...
Description 5V 10W Dual CCFL Programmable Inverter Module

File Size 190.83K  /  6 Page

View it Online

Download Datasheet

    MICROSEMI[Microsemi Corporation]
Part No. LXMG1626-12-65
OCR Text ...er Module specifically designed to be compatible with a variety of LCD panels the have both lamps on one side of the panel and use a single ...65) is also available. Other benefits of this new topology are stable fixed-frequency operation, sec...
Description 12V 10W Dual CCFL Programmable Inverter Module

File Size 209.44K  /  6 Page

View it Online

Download Datasheet

For to-65 Found Datasheets File :: 218982    Search Time::4.688ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of to-65

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.5024600028992