Part Number Hot Search : 
RJH60F7 1N5231B MT3271BE 10209 RJH60F7 MBR1030 TDA1001B IT124G
Product Description
Full Text Search
  to-263 Datasheet PDF File

For to-263 Found Datasheets File :: 8237    Search Time::3.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TO-263

Hi-Sincerity Mocroelectronics
Part No. to-263
OCR Text ...n Tab 2 1 3-Lead Plastic to-263 Package Code: U Pin 1: Gate Pin 2 & Tab: Drain Pin 3: Source This high voltage MOSFET uses an advanced termination scheme to provide enhanced voltage-blocking capability without degratding performan...
Description N-Channel Power Field Effect Transistor

File Size 70.68K  /  6 Page

View it Online

Download Datasheet





    AT-263 AT-263PIN

Tyco Electronics
Part No. AT-263 AT-263PIN
OCR Text to 31 dB n Temperature Stability: 0.18 dB from -55C to +85C n n n n CR-12 Typical Low DC Power Consumption Hermetic Surface Mount Pac...263 is a GaAs FET 5-bit digital attenuator with a 1 dB minimum step size and 31 dB total attenuation...
Description Digital Attenuator/ 31 dB/ 5-Bit/ TTL Driver/ DC - 2 GHz

File Size 225.47K  /  3 Page

View it Online

Download Datasheet

    AT-263 AT-263PIN

Tyco Electronics
Part No. AT-263 AT-263PIN
OCR Text to 31 dB n Temperature Stability: 0.18 dB from -55C to +85C n n n n CR-12 Typical Low DC Power Consumption Hermetic Surface Mount Pac...263 is a GaAs FET 5-bit digital attenuator with a 1 dB minimum step size and 31 dB total attenuation...
Description Digital Attenuator, 31 dB, 5-Bit, TTL Driver, DC - 2 GHz

File Size 225.16K  /  3 Page

View it Online

Download Datasheet

    AT-263-PIN AT-263TR AT-263-TB

M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
Part No. AT-263-PIN AT-263TR AT-263-TB
OCR Text to 31 dB * Temperature Stability: 0.18 dB from -55C to +85C Typical * Low DC Power Consumption * Hermetic Surface Mount Package * Integral ...263-PIN is a GaAs FET 5-bit digital attenuator with a 1 dB minimum step size and 31 dB total attenua...
Description Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz

File Size 115.30K  /  4 Page

View it Online

Download Datasheet

    REEL-TO-263-5

Analog Microelectronics
Part No. REEL-to-263-5
OCR Text to-263-5 carrier tape, number of components per reel and reel size package carrier width (w) pitch (p) part per full reel reel size to-263-5 24.00.1 mm 4.00.1 mm 800pcs 3301 mm
Description Carrier Width (W) 24.0 -0.1 mm Pitch (P) 4.0 -0.1 mm

File Size 24.76K  /  1 Page

View it Online

Download Datasheet

    REEL-TO-263-3

Analog Microelectronics
Part No. REEL-to-263-3
OCR Text to-263-3 carrier tape, number of components per reel and reel size package carrier width (w) pitch (p) part per full reel reel size to-263-3 24.00.1 mm 4.00.1 mm 800pcs 3301 mm
Description Carrier Width (W) 24.0 -0.1 mm Pitch (P) 4.0 -0.1 mm

File Size 24.71K  /  1 Page

View it Online

Download Datasheet

    TO-263-5

List of Unclassifed Manufacturers
ETC[ETC]
Electronic Theatre Controls, Inc.
Part No. to-263-5
OCR Text to-263-5 D B C U V E L1 L2 e b b2 A Symbol A B b b2 C D E e L1 L2 U V Dimensions In Millimeters Min 4.064 1.143 0.660 0.305 1.143 9.652 8.128 1.524 14.605 2.286 Max 4.826 1.676 0.914 0.584 1.397 10.668 9.652 1.829 15...
Description 5-Lead to-263 Plastic Surface Mount Package
CONNECTOR ACCESSORY

File Size 100.99K  /  1 Page

View it Online

Download Datasheet

    REEL-TO-263-2

Analog Microelectronics
Part No. REEL-to-263-2
OCR Text to-263-2 carrier tape, number of components per reel and reel size package carrier width (w) pitch (p) part per full reel reel size to-263-2 24.00.1 mm 4.00.1 mm 800pcs 3301 mm
Description Carrier Width (W) 24.0 -0.1 mm Pitch (P) 4.0 -0.1 mm

File Size 24.71K  /  1 Page

View it Online

Download Datasheet

    MMB1502R960-263 MM-B1502-R960 36718-0007

Molex Electronics Ltd.
Part No. MMB1502R960-263 MM-B1502-R960 36718-0007
OCR Text ...) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Termination Material - Resin Number...263 Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-3...
Description 2.54mm (.100") Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60渭m (24渭") Selective Gold (Au), PC Tail Length 4.50mm (.177"), 96 Circui
2.54mm (.100) Pitch DIN 41612 Receptacle, Style R, Male, Right Angle, Through Hole, 0.60μm (24μ) Selective Gold (Au), PC Tail Length 4.50mm (.177), 96 Circuits

File Size 202.33K  /  4 Page

View it Online

Download Datasheet

    MMB15W1R960-263 36718-0006

Molex Electronics Ltd.
Part No. MMB15W1R960-263 36718-0006
OCR Text ...e / last break no guide to mating part no keying to mating part yes material - metal brass material - plating ma...263 reference - drawing numbers product specification ps-36509-001 sales drawing sd-36718-...
Description R ML 96P CL2 AU ST 15.1 C DOT PRINT

File Size 189.92K  /  4 Page

View it Online

Download Datasheet

For to-263 Found Datasheets File :: 8237    Search Time::3.5ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of to-263

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.8788018226624