Part Number Hot Search : 
R09P15D GFJB3 68HC805 AD62806 AS7C3 R12SS15 M12864N LT1230C
Product Description
Full Text Search
  tin lead Datasheet PDF File

For tin lead Found Datasheets File :: 31850    Search Time::1.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RCLAMP0504F RCLAMP0504F.TCT

Semtech Corporation
Part No. RCLAMP0504F RCLAMP0504F.TCT
OCR Text ...0 6L package lead Finish: Matte tin RoHS/WEEE Compliant Molding compound flammability rating: UL 94V-0 Marking : F54 Packaging : Tape and Reel per EIA 481 Applications USB 2.0 USB OTG Monitors and Flat Panel Displays Digital Visual Inte...
Description RailClamp? Low Capacitance TVS Array
RailClamp㈢ Low Capacitance TVS Array

File Size 178.98K  /  9 Page

View it Online

Download Datasheet





    AS358M AS358MTR AS358 EG3A AS358A AS358AM-E1 AS358AMTR-E1 AS358AP-E1 AS358G-E1 AS358GTR-E1 AS358M-E1 AS358MM-E1 AS358MMT

http://
BCD Semiconductor Manufacturing Limited
BCDSEMI
BCD Semiconductor Manuf...
Part No. AS358M AS358MTR AS358 EG3A AS358A AS358AM-E1 AS358AMTR-E1 AS358AP-E1 AS358G-E1 AS358GTR-E1 AS358M-E1 AS358MM-E1 AS358MMTR-E1 AS358MTR-E1 AS358P AS358P-E1
OCR Text ...58/358A E1: lead Free Blank: tin lead TR: Tape and Reel Blank: Tube Package M: SOIC-8 P: DIP-8 G: TSSOP-8 MM: MSOP-8 Package Temperature Range Part Number tin lead AS358M lead Free AS358M-E1 AS358MTR-E1 AS358AM-E1 AS358AMTR-E1 ...
Description LOW POWER DUAL OPERATIONAL AMPLIFIERS

File Size 273.08K  /  15 Page

View it Online

Download Datasheet

    Crane Connectors
Part No. PEG40SS-XXX PEGXXXX-XXX
OCR Text ..." (0,00038) Gold 100" (0,00254) tin / lead 50" (0,00127) Gold 30" (0,00076) Gold 10" (0,00025) Gold 3" (0,00008) Gold PC TAIL Inches (Millimeters) 100" (0,00254) tin/lead - Min 100" (0,00254) tin/lead - Min 100" (0,00254) tin/lead - Min 100...
Description (PEG Series) Pin Strip Header

File Size 248.25K  /  3 Page

View it Online

Download Datasheet

    Advanced Interconnections, Corp.
ADVANCED INTERCONNECTIONS CORP
Part No. KSS024-176TGRTV KSS025-176TGRTV NB012-01TTRTV NB012-01TGRTV NB012-01GGRTV
OCR Text ...4 terminal: gold over nickel or tin-lead over nickel contact: gold over nickel or tin-lead over nickel - glass filled thermoplastic polyester (p.b.t.) u.l. rated 94v-o, -60 c to 140 c (-76 f to 284 f) - polyimide film -269 c to 400 c (-452...
Description 24 POS PEEL-A-WAY&#174; SIP SOKET SIP24, IC SOCKET
25 POS PEEL-A-WAY&#174; SIP SOCKET SIP25, IC SOCKET
SIP12, IC SOCKET
12 POS MOLDED SIP SOCKET

File Size 42.31K  /  1 Page

View it Online

Download Datasheet

    ICL3207 ICL3207CA ICL3207CAZ ICL3207CB ICL3207CBZ ICL3207IA ICL3207IAZ ICL3217 ICL3217CA ICL3217CAZ ICL3217CB ICL3217CBZ

INTERSIL[Intersil Corporation]
Part No. ICL3207 ICL3207CA ICL3207CAZ ICL3207CB ICL3207CBZ ICL3207IA ICL3207IAZ ICL3217 ICL3217CA ICL3217CAZ ICL3217CB ICL3217CBZ ICL3217IA ICL3217IAZ ICL3217IB
OCR Text ...attach materials and 100% matte tin plate termination finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil ...lead Temperature (Soldering 10s) . . . . . . . . . . . . 300C (lead Tips Only) Operating Conditio...
Description Low Power/ 3V to 5.5V/ 250kbps/ RS-232 Transmitters/Receivers
Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
RS-232 Transceiver, 5T/3R, 3V to 5.5V, 250kbps, 13KV ESD, Auto Powerdown

File Size 217.99K  /  11 Page

View it Online

Download Datasheet

    M570

M/A-COM Technology Solutions, Inc.
Part No. M570
OCR Text ...talliza- tion. the use of gold tin solder perform (80% au, 20% sn) with an eutectic melting point of 295 5 ? c is recommended. a clean,...lead solders. cleaning of flux must be done carefully eutectic solder au-sn (80,20) sn-sb (...
Description Bonding, Handling, and Mounting Procedures for Millimeterwave PHEMT MMIC’s

File Size 167.30K  /  4 Page

View it Online

Download Datasheet

    SMS15-LF

PROTEK DEVICES
Part No. SMS15-LF
OCR Text ... ? available in lead-free pure-tin plating(annealed) ? solder reflow temperature: pure-tin - sn, 100: 260-270c ? consult factory for leaded device availability ? flammability rating ul 94v-0 ? 8mm tape and reel per eia standard 481 ? ...
Description 350 W, UNIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE

File Size 78.48K  /  5 Page

View it Online

Download Datasheet

    ICL3225 ICL3225CA ICL3225CA-T ICL3225CP ICL3225IA ICL3225IA-T ICL3225IAZ ICL3225IAZ-T ICL3245 ICL3245CA ICL3245CA-T ICL3

Intersil, Corp.
INTERSIL[Intersil Corporation]
Part No. ICL3225 ICL3225CA ICL3225CA-T ICL3225CP ICL3225IA ICL3225IA-T ICL3225IAZ ICL3225IAZ-T ICL3245 ICL3245CA ICL3245CA-T ICL3245IV ICL3245IV-T
OCR Text ...attach materials and 100% matte tin plate termination finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil ...lead. External capacitor (voltage doubler) is connected to this lead. External capacitor (voltage in...
Description 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO20
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDSO28
1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown

File Size 331.85K  /  18 Page

View it Online

Download Datasheet

    ICL3237E ICL3237ECA ICL3237ECAZ ICL3237EIA ICL3237EIAZ

INTERSIL[Intersil Corporation]
Part No. ICL3237E ICL3237ECA ICL3237ECAZ ICL3237EIA ICL3237EIAZ
OCR Text ...attach materials and 100% matte tin plate termination finish, which is compatible with both SnPb and Pb-free soldering operations. Intersil ...lead. External capacitor (voltage doubler) is connected to this lead. External capacitor (voltage in...
Description -15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers

File Size 229.71K  /  12 Page

View it Online

Download Datasheet

For tin lead Found Datasheets File :: 31850    Search Time::1.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tin lead

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.4676558971405