Part Number Hot Search : 
WM2638CD 05K250 M12533ED C102Z MB905 4822A WAB060 BDS19SMD
Product Description
Full Text Search
  through Datasheet PDF File

For through Found Datasheets File :: 126427    Search Time::1.579ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N5338B 1N5352B 1N5366B 1N5374B 1N5372B 1N5375B 1N5333B 1N5378B 1N5344B

Microsemi, Corp.
Motorola Mobility Holdings, Inc.
Motorola Inc
Motorola, Inc.
MOTOROLA[Motorola Inc]
ON Semi
MOTOROLA[Motorola, Inc]
Diotec Elektronische
Part No. 1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N5338B 1N5352B 1N5366B 1N5374B 1N5372B 1N5375B 1N5333B 1N5378B 1N5344B 1N5355B 1N5353B 1N5342B 1N5388B 1N5359B 1N5345B 1N5381B 1N5363B 1N5383B 1N5336B ON0008 1N5341B 1N5361B 1N5334B 1N5335B 1N5337B 1N5340B 1N5343B 1N5346B 1N5348 1N5348B 1N5350B 1N5351B 1N5357B 1N5358B 1N5360B 1N5362B 1N5365B 1N5367B 1N5368B 1N5369B 1N5370B 1N5373B 1N5376B 1N5377B 1N5379B 1N5380B 1N5382B 1N5384B 1N5385B 1N5386 1N5386B 1N5387B 1N5333BTHRU1N5388B 1N5354B
OCR Text ...CATION: Seoul, Korea 1N5333B through 1N5388B 5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS CASE 17 PLASTIC MAXIMUM RATINGS Rating DC Power Dissipation @ TL = 75C Lead Length = 3/8 Derate above 75C Operating and Storage Junction Tem...
Description    5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 47 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 12 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 3.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.300 VOLTS 5瓦稳压稳压二极管3.30
MOSFET P-CH 250V 200MA SOT-89
500 mW DO-35 Glass Zener Voltage Regulator Diodes
From old datasheet system
Silicon-Power-Z-Diodes (non-planar technology)

File Size 87.83K  /  6 Page

View it Online

Download Datasheet





    Winbond Electronics
Part No. W78C52D/DP/DF
OCR Text ...tion p0.0 ? p0.7 port 0, bits 0 through 7. port 0 is a bidirectional i/o port. this port also provides a multiplexed low order address/data bus during accesses to external memory. p1.0 ? p1.7 port 1, bits 0 through 7. port 1 is a bidirectio...
Description 8-bit MCU w/ 8Kx8 ROM, 256x8 RAM, 32 I/Os, 3 Timers, 1 Serial Port

File Size 181.31K  /  18 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8605
OCR Text ...ror correction as packets pass through the switch. power management and clock buffering the pex8605 supports the following power management states: l0, l0s, l1, l2/l3 ready, l2 and l3. moreover, the pex8605 supports vaux alo...
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 271.10K  /  3 Page

View it Online

Download Datasheet

    Shenzhen Luguang Electronic Technology Co., Ltd
AVAGO TECHNOLOGIES LIMI...
Part No. PEX8603
OCR Text ...ror correction as packets pass through the switch. power management and reference clock buffers the pex8603 supports the following power management states: l0, l0s, l1, l2/l3 ready, l2 and l3. moreover, the pex8603 supports v...
Description Low Packet Latency & High Performance
PCI Express Gen 2 Switch

File Size 248.58K  /  3 Page

View it Online

Download Datasheet

    LINEAR TECHNOLOGY CORP
Part No. LTM2881HV-3PBF
OCR Text ...rs both sides of the interface through an integrated, isolated, low noise, efficient 5v output dc/dc converter. coupled inductors and an isolation power transformer provide 2500v rms of isolation between the line transceiver and the lo...
Description LINE TRANSCEIVER, PBGA32

File Size 304.44K  /  22 Page

View it Online

Download Datasheet

    FAIRCHILD SEMICONDUCTOR CORP
Part No. FSA1256AL8X
OCR Text ... symbols fsa1256, fsa1256a (top through view) fsa1257, fsa1257a (top through view) truth tables h high logic level l low logic level analog symbol fsa1258, fsa1258a (top through view) truth table h high logic level l low log...
Description Low RON Low Voltage Dual SPST Analog Switch with Low ICCT ????Option

File Size 611.94K  /  9 Page

View it Online

Download Datasheet

    CY7C1522KV18

Cypress Semiconductor
Part No. CY7C1522KV18
OCR Text ...s to each port is accomplished through a common address bus. addresses for read and write are latched on alternate rising edges of the input (k) clock. write data is registered on the ri sing edges of both k and k . read data is driven on ...
Description 72-Mbit DDR II SIO SRAM 2-Word Burst Architecture

File Size 626.25K  /  31 Page

View it Online

Download Datasheet

For through Found Datasheets File :: 126427    Search Time::1.579ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of through

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.3780469894409