|
|
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers
|
Part No. |
GLT41316-50J3 GLT41316-50FC GLT41316-12P GLT41316-50FA GLT41316-50FB GLT41316-12FA GLT41316-12FB GLT41316-12FC GLT41316-12J3 GLT41316-12J4 GLT41316-20J4 GLT41316-20J3 GLT41316-20TC GLT41316-12PL GLT41316-12Q GLT41316-12T GLT41316-12TC GLT41316-12TS GLT41316-15FA GLT41316-12TQ GLT41316-40TC GLT41316-40TQ GLT41316-40FC GLT41316-40J4 GLT41316-40PL GLT41316-40TS GLT41316-40FA GLT41316-40Q GLT41316-40FB GLT41316-40J3 GLT41316-15TC GLT41316-45TC GLT41316-30PL GLT41316-30J3 GLT41316-30J4 GLT41316-20TS GLT41316-70TC GLT41316-20FA GLT41316-20FB GLT41316-20FC GLT41316-20P GLT41316-20PL GLT41316-20Q GLT41316-20TQ GLT41316-45J3 GLT41316-45J4 GLT41316-15FC GLT41316-15J4 GLT41316-15TQ GLT41316-15Q GLT41316-15J3 GLT41316-15P GLT41316-15PL GLT41316-15TS GLT41316-15FB GLT41316-30FA GLT41316-30FB GLT41316-30FC GLT41316-70J3 GLT41316-70J4 GLT41316-45FB GLT41316-45FC GLT41316-45TS GLT41316-45P GLT41316-45FA GLT41316-45TQ GLT41316-45Q GLT41316-45PL GLT41316-30TC GLT41316-30TQ GLT41316-30Q GLT41316-30TS GLT41316-50TC GLT41316-50Q GLT41316-50TQ GLT41316-50P GLT41316-50PL GLT41316-50J4 GLT41316-50TS GLT41316-60PL GLT41316-70FA GLT41316-70FB GLT41316-70TS GLT41316-70PL GLT41316-70FC GLT41316-70TQ GLT41316-
|
Description |
30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 voltage Reference 3-SOT-23 -40 to 125 64K的16的cmos动态RAM的快速页面模 64K X 16 cmos DYNAMIC RAM WITH FAST PAGE MODE 64K的16的cmos动态RAM的快速页面模 3.0V 100ppm/Degrees C, 50uA in SOT23-3 series (Bandgap) voltage Reference 3-SOT-23 -40 to 125 30ppm/C Drift, 3.9uA, SOT23-3, SC70-3 voltage Reference 3-SC70 -40 to 125 2.5V 50ppm/Degrees C, 50uA in SOT23-3 series (Bandgap) voltage Reference 3-SOT-23 -40 to 125 20ppm/Degrees C Max, 100uA, SOT23-3 series voltage Reference 3-SOT-23 -40 to 125 3.3V 100ppm/Degrees C, 50uA in SOT23-3 series (Bandgap) voltage Reference 3-SOT-23 -40 to 125 4.096V 50ppm/Degrees C, 50uA in SOT23-3 series (Bandgap) voltage Reference 3-SOT-23 -40 to 125 3.3V 50ppm/Degrees C, 50uA in SOT23-3 series (Bandgap) voltage Reference 3-SOT-23 -40 to 125 1.25V 4ppm/Degrees C, 100uA SOT23-6 series (Bandgap) voltage Reference 6-SOT-23 -40 to 125 2.048 4ppm/Degrees C, 100uA SOT23-6 series (Bandgap) voltage Reference 6-SOT-23 -40 to 125 4.096V 4ppm/Degrees C, 100uA SOT23-6 series (Bandgap) voltage Reference 6-SOT-23 -40 to 125 2.5V 4ppm/Degrees C, 100uA SOT23-6 series (Bandgap) voltage Reference 6-SOT-23 -40 to 125 3.3V 4ppm/Degrees C, 100uA SOT23-6 series (Bandgap) voltage Reference 6-SOT-23 -40 to 125 2.048V 50ppm/Degrees C, 50uA in SOT23-3 series (Bandgap) voltage Reference 3-SOT-23 -40 to 125 3.0V 50ppm/Degrees C, 50uA in SOT23-3 series (Bandgap) voltage Reference 3-SOT-23 -40 to 125 3.0V 4ppm/Degrees C, 100uA SOT23-6 series (Bandgap) voltage Reference 6-SOT-23 -40 to 125 Enhanced Product 4 Ppm/Degreesc 100 Ua Sot23-6 series voltage References 6-SOT-23 -55 to 125
|
File Size |
1,499.03K /
22 Page |
View
it Online |
Download Datasheet |
|
|
|
Microchip
|
Part No. |
MCP103 MCP121 MCP131
|
Description |
The MCP103 series are cmos voltage supervisors are well suited for many portable and consumer electrics applications due to the extremely ... The MCP121 series of cmos voltage detectors are well suited for many portable and consumer electrics applications due to the extremely ... The MCP131 series, of cmos voltage supervisors, are well suited for portable and consumer electrics applications due to the extremely ...
|
File Size |
297.30K /
24 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|