Part Number Hot Search : 
RLZ14STR DS1137 Z5238B P5NC50FP 7C135 KAMN40 LM334AZT OMR183NC
Product Description
Full Text Search
  terminations Datasheet PDF File

For terminations Found Datasheets File :: 8889    Search Time::2.687ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PRECI-DIP SA
PREDIP[Precid-Dip Durtal SA]
Part No. 546-99-108-12-101-036 546-91-108-12-101-035 546-91-108-12-101-036 546-93-108-12-101-028 546-93-108-12-101-036 546-99-108-12-101-035 546-93-108-12-101-035
OCR Text terminations 83 Pin Grid Array sockets with press-fit terminations PGA sockets are high density connecting devices equipped with machined precision contacts with soft contact clips assuring low insertion/withdrawal forces. Over 200 st...
Description Pin Grid Array sockets Press-fit terminations 针栅阵列插座压接端子

File Size 41.31K  /  1 Page

View it Online

Download Datasheet





    8168J80AKE22 8060 8261SHAPE223 8161SHAKE22

ITT Corporation
ITT Industries
Part No. 8168J80AKE22 8060 8261SHAPE223 8161SHAKE22
OCR Text ...hoice required Y3 7.6mm, keyway terminations A Right angle, PC thru-hole AV2 Vertical right angle, PC thru-hole C PC Thru-hole Z Solder lug A3 Right angle, snap-in, PC thru-hole AV3 Vertical right angle, snap-in, PC thru-hole V3 .460" high,...
Description Alternate Action and Momentary Pushbutton Switches

File Size 1,244.48K  /  10 Page

View it Online

Download Datasheet

    CY3683

Cypress Semiconductor
Part No. CY3683
OCR Text ...ity to switch between FS and HS terminations and signaling * Supports detection of USB reset, suspend, and resume * Supports HS identification and detection as defined by the USB 2.0 Specification * * * * Supports transmission of resume sig...
Description MoBL-USB⑩ TX2 USB 2.0 UTMI Transceiver

File Size 477.92K  /  14 Page

View it Online

Download Datasheet

    CY7C68000A08 CY7C68000A CY7C68000A-56BAXC CY7C68000A-56LFXC

Cypress Semiconductor
Part No. CY7C68000A08 CY7C68000A CY7C68000A-56BAXC CY7C68000A-56LFXC
OCR Text ...N and 56-pin VFBGA All required terminations, including 1.5 Kohm pull up on DPLUS, are internal to chip Supports USB 2.0 Test Modes UTMI-compliant and USB 2.0 certified for device operation Operates in both USB 2.0 High Speed (HS), 480 M...
Description MoBL-USB?/a> TX2 USB 2.0 UTMI Transceiver
MoBL-USB⑩ TX2 USB 2.0 UTMI Transceiver
   MoBL-USB?TX2 USB 2.0 UTMI Transceiver

File Size 378.80K  /  15 Page

View it Online

Download Datasheet

    E213L3F1AKE

ITT Industries
Part No. E213L3F1AKE
OCR Text ...80" high Y Threaded, .350" high terminations A Right angle, PC thru-hole AV2 Vertical right angle, PC thru-hole C PC Thru-hole V3 .460" high, V-bracket Z Solder lug A3 Right angle, PC thru-hole AV3 Vertical right angle, PC thru-hole V6 .460...
Description Sealed Miniature Toggle Switches

File Size 1,908.64K  /  8 Page

View it Online

Download Datasheet

    COILCRAFT INC
Part No. AE235RAA10NGSC AE235RAA11NGSN
OCR Text ...d pattern core material ceramic terminations tin-lead (63/37) over s ilver-platinum-glass frit ambient temperature ?55c to +125c with i max current, +125c to +155c with derated current storage temperature component: ?55c to +155c. packagin...
Description 1 ELEMENT, 0.01 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
1 ELEMENT, 0.011 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD

File Size 77.46K  /  2 Page

View it Online

Download Datasheet

    YAGEO Corporation
Part No. CC1206JRNPO0BN101 CC0805JRNPO9BN103
OCR Text ...hip capacitors with lead-free terminations. applications ?? pcs, hard disk, game pcs ?? power supplies ?? lcd panel ?? adsl, modem features ?? supplied in tape on reel ?? nickel-barrier end termination ?? rohs compliant ...
Description SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS

File Size 477.67K  /  23 Page

View it Online

Download Datasheet

    Murata
Part No. PRG18BC2R2MM1RB PRG18BC1R0MM1RB PRG18BC4R7MM1RB
OCR Text ... and problems 4. pb free plated terminations 5. sturdy construction resists mechanical vibration and shock. 6. prf18xxx5rb series is available for reflow/flow soldering. r1 r l r e r2 prf thermal contact thermal contact +vcc gnd fan motor...
Description Chip POSISTOR
PTC - NTC for Surface Mounting Application

File Size 683.88K  /  12 Page

View it Online

Download Datasheet

    LV3344BE-70.0M LV3344BV-70.0M LV3344BY-70.0M LV1144BY-70.0M LV3744BY-70.0M LV3745BE-70.0M LV3745BV-70.0M LV3745BY-70.0M

Pletronics, Inc.
Part No. LV3344BE-70.0M LV3344BV-70.0M LV3344BY-70.0M LV1144BY-70.0M LV3744BY-70.0M LV3745BE-70.0M LV3745BV-70.0M LV3745BY-70.0M LV1120BY-70.0M LV3320BY-70.0M LV3720BY-70.0M
OCR Text ...yout Guidelines Continued PECL terminations: Suggested terminations for 50 ohm impedance matched termination Vcc Vcc R1 Vcc Out Oscillator GND Vcc Out Oscillator GND Thevenin Equivalent Termination Vcc 5.0 V 3.3 V 2.5 V R1 82 ohm 1...
Description 6 Pad Leadless Surface Mount Oscillator

File Size 70.38K  /  5 Page

View it Online

Download Datasheet

For terminations Found Datasheets File :: 8889    Search Time::2.687ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of terminations

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.39658308029175