Part Number Hot Search : 
UPD61051 HD64F 54FCT MAX13 AK4550VT TA0593A D1275A 54FCT
Product Description
Full Text Search
  temp Datasheet PDF File

For temp Found Datasheets File :: 76434    Search Time::1.437ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CCPD-033 CCPD-033-20 CCPD-033-25 CCPD-033-50 CCPD-033M CCPD-033M-20 CCPD-033M-25 CCPD-033M-50 CCPD-033X CCPD-033X-20 CCP

List of Unclassifed Manufacturers
ETC
Part No. CCPD-033 CCPD-033-20 CCPD-033-25 CCPD-033-50 CCPD-033M CCPD-033M-20 CCPD-033M-25 CCPD-033M-50 CCPD-033X CCPD-033X-20 CCPD-033X-25 CCPD-033X-50
OCR Text ...me: Logic: Terminated to Vdd-2V temp. 0C to 85C temp. -40C to 0C Disable Time Start-up Time 12KHz to 80MHz 10Hz 100Hz 1KHz 10KHz 100KHz~100MHz ree dF ea oHS nt L R plia m Co Differential LVPECL Clock Oscillator Designed to meet today...
Description Clock Oscillator

File Size 111.03K  /  1 Page

View it Online

Download Datasheet





    CCPD-023 CCPD-023-155.520 CCPD-023-20-155.520 CCPD-023-25-155.520 CCPD-023-50-155.520 CCPD-023M-155.520 CCPD-023M-20-155

Crystek Corporation
Part No. CCPD-023 CCPD-023-155.520 CCPD-023-20-155.520 CCPD-023-25-155.520 CCPD-023-50-155.520 CCPD-023M-155.520 CCPD-023M-20-155.520 CCPD-023M-25-155.520 CCPD-023M-50-155.520 CCPD-023X-155.520 CCPD-023X-20-155.520 CCPD-023X-25-155.520 CCPD-023X-50-155.520
OCR Text ...rminated to Vdd-2V into 50 ohms temp. 0C to 85C "0"=0.690 Min., 1.095 Max "1"=1.475 Min., 1.760 Max temp. -40C to 0C "0"=0.670 Min., 1.195 Max "1"=1.415 Min., 1.620 Max Disable Time 200nSec Max Start-up Time 1mSec Typ., 2mSec Max Phase Jitt...
Description 5x7mm SMD LVPECL Clock Oscillator 2.5 Volts

File Size 572.93K  /  3 Page

View it Online

Download Datasheet

    AO4915 AO4915L

Alpha & Omega Semiconductors
Part No. AO4915 AO4915L
OCR Text ...IR reflow@240 (260 for Green) temp = 150 C, Vgs=100% of Vgsmax 0hr Normal: 81 lots Green: 23 lots (Note B**) HTGB 168 / 500 hrs 1000 hrs 168 / 500 hrs 246 pcs (Note A*) 77+5 pcs / lot 246 pcs (Note A*) 77+5 pcs / lot 3740 p...
Description Plastic Encapsulated Device

File Size 100.26K  /  5 Page

View it Online

Download Datasheet

    2SC5071

SANKEN[Sanken electric]
Part No. 2SC5071
OCR Text ... 10 V B E( sat) 1 -55C (Case temp) Collector Current I C (A) 8 400m A 8 6 25C (Cas 125C (C e temp) as e 25 temp ) C 6 emp se T (Ca 25C mp 4 4 se IB=100mA 2 V C E( sat) 0 0.02 0.05 0.1 0.5 1 5 ...
Description Silicon NPN Triple Diffused Planar Transistor(Switching Regulator and General Purpose)

File Size 23.88K  /  1 Page

View it Online

Download Datasheet

    93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG 93LC46BX-E_OT 93LC46BX-E_P 93LC46BX-E_PG 93LC46BX-E_SN 93LC46BX-E_SNG

MICROCHIP[Microchip Technology]
Part No. 93C46A 93C46C 93LC46C 93LC46BX-E_MS 93LC46BX-E_MSG 93LC46BX-E_OT 93LC46BX-E_P 93LC46BX-E_PG 93LC46BX-E_SN 93LC46BX-E_SNG 93LC46BX-E_ST 93LC46BX-E_STG 93LC46BX-I_MS 93LC46BX-I_MSG 93LC46BX-I_OT 93LC46BX-I_OTG 93LC46BX-I_P 93LC46BX-I_PG 93LC46BX-I_SN 93LC46BX-I_ST 93LC46BX-I_STG 93LC46BXT-E_MS 93LC46BXT-E_MSG 93LC46BXT-E_OT 93LC46BXT-E_OTG 93LC46BXT-E_P 93LC46BXT-E_PG 93LC46BXT-E_SN 93LC46BXT-E_SNG 93LC46BXT-E_ST 93LC46BXT-E_STG 93LC46BX-E_OTG 93LC46BXT-I_OT 93LC46BXT-I_PG 93LC46BXT-I_ST 93LC46BXT-I_MS 93LC46BXT-I_OTG 93LC46BXT-I_P 93LC46BX-I_SNG 93LC46C-I_SN 93LC46C-I_SNG 93LC46C-I_ST 93LC46C-I_STG 93LC46B-I_PG 93LC46BXT-I_SN 93LC46BXT-I_SNG 93LC46BXT-I_STG 93LC46BT-E_OTG 93LC46BT-E_SN 93LC46BT-I_OT 93LC46BT-I_OTG 93LC46BT-I_SN 93LC46BXT-I_MSG 93LC46BT-I_SNG 93LC46BT-I_STG 93LC46BT-E_OT 93LC46BT-E_P 93LC46BT-E_ST 93LC46AT-E_ST 93LC46AT-I_MSG 93LC46AT-I_SNG 93LC46AT-I_MS 93LC46AT-I_PG 93LC46AT-I_SN 93LC46BT-I_ST 93LC46AT-I_OT 93AA46A-I_SNG 93AA46AT-E_MS 93AA46AT-E_MSG 93LC46BT-E_MSG 93LC46BT-E_PG 93LC46BT-I_PG 93AA46CX-I_MS 93LC46AT-E_MS 93LC46AT-E_MSG 93LC46AT-E_OT 93LC46AT-E_OTG 93LC46AT-E_P 93LC46AT-E_PG 93LC46AT-E_SN 93LC46AT-E_SNG 93LC46AT-E_STG 93LC46BT-E_MS 93LC46BT-E_SNG 93LC
OCR Text ...-bit 8 or 16-bit 8 or 16-bit temp Ranges I I I, E I, E I, E I, E I I, E I, E Packages P, SN, ST, MS, OT P, SN, ST, MS, OT P, SN, ST, MS, OT P, SN, ST, MS, OT P, SN, ST, MS, OT P, SN, ST, MS, OT P, SN, ST, MS P, SN, ST, MS P, SN, ST,...
Description This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial ...
This datasheet is compatible with the following devices: 93AA46A/B/C, 93LC46A/B/C, and 93C46A/B/C 1K Microwire-Compatible Serial EERPOM
 
1K Microwire Compatible Serial EEPROM

File Size 271.04K  /  24 Page

View it Online

Download Datasheet

    AMMP-6430-BLKG AMMP-6430-TR1G AMMP-6430-TR2G

http://
AVAGO TECHNOLOGIES LIMITED
Part No. AMMP-6430-BLKG AMMP-6430-TR1G AMMP-6430-TR2G
OCR Text ...Power Maximum Operating Channel temp. Storage Case temp. Maximum Assembly temp (20 sec max) Units V V mA W dBm C C C Value 6 -3 to 0.5 700 5.5 23 +155 -65 to +155 +260 2, 3 2 4, 5 Notes 2 Notes: 1. Operation in excess of any one of these...
Description 27-32 GHz 0.5W Power Amplifier in SMT Package

File Size 867.49K  /  11 Page

View it Online

Download Datasheet

    ALH60F48 ALH60G48 ALH60K48 ALH60Y48

Astec America, Inc
Part No. ALH60F48 ALH60G48 ALH60K48 ALH60Y48
OCR Text ...Output Regulation (Line, Load, temp) Ripple and Noise <2% 2% typical (100mV p-p max) Up to 10%Vout Special Features * * * * * * * * * High efficiency, 92% (30-70%Load)) -40C to 100C baseplate operating temp Open Frame version also avai...
Description Industry Standard Brick - 36-75V Input, 3.3V / 60A Output

File Size 386.22K  /  21 Page

View it Online

Download Datasheet

    ADP3404ARU ADP3404 ADP3404ARU-REEL ANALOGDEVICESINC-ADP3404ARUZ-REEL

AD[Analog Devices]
ANALOG DEVICES INC
Part No. ADP3404ARU ADP3404 ADP3404ARU-REEL ANALOGDEVICESINC-ADP3404ARUZ-REEL
OCR Text ...unction temperature Line, Load, temp 3 V < VBAT < 7 V, Min Load 50 A < ILOAD < 100 mA, VBAT = 3.6 V 160 35 2.400 2.450 2.500 2 15 C C V mV mV F 2.2 Line, Load, temp 3 V < VBAT < 7 V, Min Load 200 A < ILOAD < 130 mA, VBAT = 3.6 V VO...
Description    GSM Power Management System
80-Lead Mixed Signal DSP with 7, 10-bit Analog Input Channels
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO28

File Size 142.07K  /  12 Page

View it Online

Download Datasheet

    CCPD-033 CCPD-033-155.520 CCPD-033-20-155.520 CCPD-033-25-155.520 CCPD-033-50-155.520 CCPD-033M-155.520 CCPD-033M-20-155

Crystek Corporation
Part No. CCPD-033 CCPD-033-155.520 CCPD-033-20-155.520 CCPD-033-25-155.520 CCPD-033-50-155.520 CCPD-033M-155.520 CCPD-033M-20-155.520 CCPD-033M-25-155.520 CCPD-033M-50-155.520 CCPD-033X-155.520 CCPD-033X-20-155.520 CCPD-033X-25-155.520 CCPD-033X-50-155.520
OCR Text ...rminated to Vdd-2V into 50 ohms temp. 0C to 85C "0"=1.490 Min., 1.680 Max "1"=2.275 Min., 2.420 Max temp. -40C to 0C "0"=1.470 Min., 1.745 Max "1"=2.215 Min., 2.420 Max Disable Time 200nSec Max Start-up Time 1mSec Typ., 2mSec Max Phase Jitt...
Description LVPECL Clock Oscillator 5x7mm SMD 3.3 Volts

File Size 575.52K  /  3 Page

View it Online

Download Datasheet

For temp Found Datasheets File :: 76434    Search Time::1.437ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of temp

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5745029449463