Part Number Hot Search : 
SR815 KBU80 SB880 2SK1838 253801B C5197 FQI85N06 SP2000
Product Description
Full Text Search
  tail Datasheet PDF File

For tail Found Datasheets File :: 17799    Search Time::0.969ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CPV364M4K

IRF[International Rectifier]
Part No. CPV364M4K
OCR Text ...ching-loss rating includes all "tail" losses * HEXFREDTM soft ultrafast diodes * Optimized for high operating frequency (over 5kHz) See Fig. 1 for Current vs. Frequency curve 7 13 19 Product Summary Output Current in a Typical ...
Description IGBT SIP MODULE

File Size 269.79K  /  10 Page

View it Online

Download Datasheet





    22-28-0181

Molex Electronics Ltd.
Part No. 22-28-0181
OCR Text ...ows 1 orientation vertical pc tail length (in) 0.135 in pc tail length (mm) 3.43 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packagi...
Description 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Friction Lock, 18 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating

File Size 55.51K  /  5 Page

View it Online

Download Datasheet

    CPV363MM

International Rectifier
Part No. CPV363MM
OCR Text ...ching-loss rating includes all "tail" losses ? hexfred tm soft ultrafast diodes ? optimized for medium operating frequency (1 to 10khz) see fig. 1 for current vs. frequency curve product summary output current in a typical 5.0 khz motor...
Description 600V 3-Phase Bridge IGBT in a IMS-2 package

File Size 240.51K  /  8 Page

View it Online

Download Datasheet

    Molex, Inc.
Part No. 41771-0901 41771-0902 26-60-2180 26-60-2161 26-62-2130
OCR Text ....270 gold loc g n/a pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.56 / .140 pc tail p 3.61 / .142 options tin loc t overall tin loc t 4.06 / .160 tin loc t 4.06 / .160 tin...
Description KK 156 Hdr Assy 15 SGold 04 Ckt 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
KK 156 Hdr Assy 15 SGold 05 Ckt 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
KK 156 Hdr Assy Tin 18 Ckt 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
KK 156 Hdr Assy Tin 16 Ckt 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
KK 156 Hdr Assy Tin 13 Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER

File Size 132.52K  /  6 Page

View it Online

Download Datasheet

    367180074

Molex Electronics Ltd.
Part No. 367180074
OCR Text ...selective gold (au), pc tail length 4.50mm (.177"), 32 circuits, lead free documents: drawing (pdf) rohs certificate of compliance (pdf) product specification ps-36511-001 (pdf) general product family...
Description 2.54mm (.100) Pitch DIN 41612 Header, Style R, Male, Vertical, Through Hole, 0.6μm (24μ) Selective Gold (Au), PC tail Length 4.50mm (.177), 32 Circuits, Lead free

File Size 154.35K  /  4 Page

View it Online

Download Datasheet

    SGP20N60HS SGW20N60HS

INFINEON[Infineon Technologies AG]
Part No. SGP20N60HS SGW20N60HS
OCR Text ... = 40 pF Energy losses include "tail" and diode reverse recovery. 18 15 207 13 0.39 0.30 0.69 mJ ns Symbol Conditions Value min. typ. max. Unit Switching Characteristic, Inductive Load, at Tj=150 C Parameter IGBT Characteristic Turn-on d...
Description High Speed IGBT in NPT-technology

File Size 429.45K  /  12 Page

View it Online

Download Datasheet

    0423753566

Molex Electronics Ltd.
Part No. 0423753566
OCR Text ...ows 1 orientation vertical pc tail length (in) 0.210 in pc tail length (mm) 5.33 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packagin...
Description 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, 34 Circuits

File Size 522.24K  /  36 Page

View it Online

Download Datasheet

    A-42225-0068

Molex Electronics Ltd.
Part No. A-42225-0068
OCR Text ...ows 1 orientation vertical pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packagi...
Description 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Polarizing Wall, 33 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating

File Size 190.44K  /  8 Page

View it Online

Download Datasheet

    A-42225-0067

Molex Electronics Ltd.
Part No. A-42225-0067
OCR Text ...ows 1 orientation vertical pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packagi...
Description 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Polarizing Wall, 32 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating

File Size 190.44K  /  8 Page

View it Online

Download Datasheet

    A-42225-0066

Molex Electronics Ltd.
Part No. A-42225-0066
OCR Text ...ows 1 orientation vertical pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packagi...
Description 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Polarizing Wall, 31 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating

File Size 190.43K  /  8 Page

View it Online

Download Datasheet

For tail Found Datasheets File :: 17799    Search Time::0.969ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tail

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.40163898468018