Part Number Hot Search : 
ZT488EEN 10V8X1 12011 WCB30C2 MA4P505 74HC1 73MSA 319008A
Product Description
Full Text Search
  t1 e1 oc3 Datasheet PDF File

For t1 e1 oc3 Found Datasheets File :: 55    Search Time::2.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 |   

    MT9043AN48PINSSOP MT9043 MT9043AN

ZARLINK[Zarlink Semiconductor Inc]
Part No. MT9043AN48PINSSOP MT9043 MT9043AN
OCR Text t1/e1 System Synchronizer Data Sheet Features * Supports AT&T TR62411 and Bellcore GR-1244CORE, Stratum 4 Enhanced and Stratum 4 timing for DS1 interfaces Supports ETSI ETS 300 011, TBR 4, TBR 12 and TBR 13 timing for e1 interfaces Select...
Description Dual reference frequency selectable, 3,3V Digital PLL with multiple clock outputs for t1/e1 and Stratum 4 and 4E applications
t1/e1 System Synchronizer

File Size 264.87K  /  29 Page

View it Online

Download Datasheet





    IDT82V3011 IDT82V3011PV IDT82V3011PV8

IDT[Integrated Device Technology]
Part No. IDT82V3011 IDT82V3011PV IDT82V3011PV8
OCR Text t1/e1/oc3 WAN PLL WITH SINGLE REFERENCE INPUT FEATURES * Supports AT&T TR62411 and Telcordia GR-1244-CORE Stratum 4 Enhanced and Stratum 4 timing for DS1 interfaces * Supports ETSI ETS 300 011, TBR 4, TBR 12 and TBR 13 timing for e1 inter...
Description t1/e1/oc3 WAN PLL with Single Input Reference Clock
t1/e1/oc3 WAN PLL WITH SINGLE REFERENCE INPUT
t1/e1/oc3(19.44M) WAN PLL, Single Input Reference. Stratum 4/4E

File Size 365.36K  /  30 Page

View it Online

Download Datasheet

    IDT82V3012 IDT82V3012PV IDT82V3012PV8

IDT[Integrated Device Technology]
Part No. IDT82V3012 IDT82V3012PV IDT82V3012PV8
OCR Text t1/e1/oc3 WAN PLL WITH DUAL REFERENCE INPUTS FEATURES * Supports AT&T TR62411 and Telcordia GR-1244-CORE Stratum 3, Stratum 4 Enhanced and Stratum 4 timing for DS1 interfaces * Supports ITU-T G.813 Option 1 clocks * Supports ITU-T G.812 Ty...
Description t1/e1/oc3(19.44M) WAN PLL, Dual Input Reference. Stratum 3/4/4E
t1/e1/oc3 WAN PLL WITH DUAL REFERENCE INPUTS

File Size 364.91K  /  30 Page

View it Online

Download Datasheet

    MK2049-01 MK2049-01S MK2049-01SI MK2049-01SITR MK2049-01STR

http://
ICST[Integrated Circuit Systems]
Part No. MK2049-01 MK2049-01S MK2049-01SI MK2049-01SITR MK2049-01STR
OCR Text ...ut as a reference and generates t1, e1, T3, E3, and oc3 frequencies. The device can also accept a t1, e1, T3, or E3 input clock and provide the same output for loop timing. All outputs are frequency locked together and to the input. This al...
Description Communications Clock PLL

File Size 136.45K  /  11 Page

View it Online

Download Datasheet

    MK2049-02 MK2049-02S MK2049-02SI MK2049-02SITR MK2049-02STR MK2049-03S MK2049-03SI MK2049-03SITR MK2049-03STR

http://
ICST[Integrated Circuit Systems]
Part No. MK2049-02 MK2049-02S MK2049-02SI MK2049-02SITR MK2049-02STR MK2049-03S MK2049-03SI MK2049-03SITR MK2049-03STR
OCR Text ...ence, the MK2049-02/03 generate t1, e1, T3, E3, ISDN, xDSL, and other communications frequencies. This allows for the generation of clocks frequency-locked and phaselocked to an 8 kHz backplane clock, simplifying clock synchronization in co...
Description Communications Clock PLLs
CAPACITOR, 1000UF 450V CAPACITOR, 1000UF 450V; CAPACITANCE:1000UF; VOLTAGE RATING, DC:450V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:B43456; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-25(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes

File Size 147.61K  /  12 Page

View it Online

Download Datasheet

    MK2049-34 MK2049-34SI MK2049-34SITR

ICST[Integrated Circuit Systems]
Part No. MK2049-34 MK2049-34SI MK2049-34SITR
OCR Text ...erence, the MK2049-34 generates t1, e1, T3, E3, ISDN, xDSL, and other communications frequencies. This allows for the generation of clocks frequency-locked and phase-locked to an 8 kHz backplane clock, simplifying clock synchronization in c...
Description 3.3 V Communications Clock PLL

File Size 135.05K  /  11 Page

View it Online

Download Datasheet

    MK2049-35 MK2049-35SI MK2049-35SITR

http://
ICST[Integrated Circuit Systems]
Part No. MK2049-35 MK2049-35SI MK2049-35SITR
OCR Text ...erence, the MK2049-35 generates t1, e1, T3, E3, oc3/3, Gigabit Ethernet, and other communications frequencies. This allows for the generation of clocks frequency-locked to an 8 kHz backplane clock, simplifying clock synchronization in commu...
Description 3.3 V Communications Clock PLL

File Size 125.08K  /  10 Page

View it Online

Download Datasheet

    MK2049-36 MK2049-36SI MK2049-36SITR

ICST[Integrated Circuit Systems]
Part No. MK2049-36 MK2049-36SI MK2049-36SITR
OCR Text ...or * Output clock rates include t1, e1, T3, E3, and oc3 submultiples * See the MK2049-01, -02, and -03 for more selections at VDD = 5 V, and the MK2049-34 for more selections at 3.3 V Description The MK2049-36 is a Phase-Locked Loop (PL...
Description 3.3 V Communications Clock PLL

File Size 125.35K  /  10 Page

View it Online

Download Datasheet

    Zarlink
Part No. MT9044
OCR Text t1/e1/oc3 System Synchronizer Features * Supports AT&T TR62411 and Bellcore GR-1244-CORE Stratum 3, Stratum 4 Enhanced and Stratum 4 timing for DS1 interfaces Supports ITU-T G.813 Option 1 clocks for 2048 kbit/s interfaces Supports ITU-T ...
Description t1/e1/oc3 System Synchronizer

File Size 620.54K  /  32 Page

View it Online

Download Datasheet

    Zarlink
Part No. MT90401
OCR Text ...-1, DS3, E3, 19.44MHz, DS2, e1, t1, 8kHz and ST-BUS clock outputs Accepts reference inputs from two independent sources Selectable 1.544MHz, 2.048MHz, 19.44MHz or 8kHz input reference frequencies Holdover accuracy of 0.02 ppm Adjustable out...
Description SONET/SDH System Synchronizer

File Size 824.10K  /  29 Page

View it Online

Download Datasheet

For t1 e1 oc3 Found Datasheets File :: 55    Search Time::2.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of t1 e1 oc3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.76918387413025