Part Number Hot Search : 
230D1 1595MNR2 230D1 RF205 MBRS130 R2001 MMG3007 M65AF
Product Description
Full Text Search
  t1 e1 j1 Datasheet PDF File

For t1 e1 j1 Found Datasheets File :: 1025    Search Time::2.875ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    UPD30121 UPD30121F1-131-GA1 UPD30121F1-168-GA1

NEC[NEC]
Part No. UPD30121 UPD30121F1-131-GA1 UPD30121F1-168-GA1
OCR Text ...R11 R12 R13 R14 R15 R16 R17 R18 t1 T2 T3 T4 T5 Power Supply 3.3 V 2.5 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V 3.3 V Pin Name CLKX2 GND2 (GNDPD) AD...
Description VR4121TM 64-/32-BIT MICROPROCESSOR

File Size 427.28K  /  76 Page

View it Online

Download Datasheet





    UPD30500 UPD30500A UPD30500AS2-250 UPD30500B UPD30500BS2-300 UPD30500RJ-150 UPD30500RJ-180 UPD30500RJ-200 UPD30500S2-150

NEC[NEC]
Part No. UPD30500 UPD30500A UPD30500AS2-250 UPD30500B UPD30500BS2-300 UPD30500RJ-150 UPD30500RJ-180 UPD30500RJ-200 UPD30500S2-150 UPD30500S2-180 UPD30500S2-200
OCR Text ...R11 R12 R13 R14 R15 R16 R17 R18 t1 T2 T3 T4 T5 T6 T7 T8 T9 t10 t11 t12 t13 t14 t15 t16 t17 t18 U1 U2 U3 U4 U5 U6 U7 U8 Name SysAD51 SysAD55 ...e1 E2 E3 E4 e18 e19 E20 E21 6 Data Sheet U12031EJ4V0DS00 PD30500, 30500A, 30500B (2) PD305...
Description VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR

File Size 203.14K  /  36 Page

View it Online

Download Datasheet

    UPD31172 UPD31172F1-48-FN

NEC[NEC]
Part No. UPD31172 UPD31172F1-48-FN
OCR Text ... DATA16 CTS# GND XOUT48M Symbol t1 T2 T3 T4 T5 T6 T7 T8 T9 t10 t11 t12 t13 t14 t15 t16 t17 Name BUSCLK GND VDD VDD DATA15 DATA14 GND DATA13 ...e1 E INDEX MARK 4 - R0.3 4 - C1.0 w SA A 25 y1 S A2 S y S 208 - b e A1 x...
Description VRC4172TM COMPANION CHIP FOR VR4121TM

File Size 270.92K  /  44 Page

View it Online

Download Datasheet

    74LVC322244A 74LVC322244AEC 74LVCH322244AEC 74LVCH322244A

PHILIPS[Philips Semiconductors]
NXP Semiconductors
Part No. 74LVC322244A 74LVC322244AEC 74LVCH322244AEC 74LVCH322244A
OCR Text ...8OE 8Y0 8Y1 8Y2 8Y3 R2 R1 t1 T2 MNA472 Fig.2 Logic symbol. 1999 Aug 31 4 Philips Semiconductors Product specification 32-bit buffer/line driver; with 30 series termination resistors; 5 V input/output tolerant; 3-...
Description 32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state

File Size 77.58K  /  16 Page

View it Online

Download Datasheet

    74LVC322245A 74LVC322245AEC 74LVCH322245AEC 74LVCH322245A

PHILIPS[Philips Semiconductors]
NXP Semiconductors N.V.
Part No. 74LVC322245A 74LVC322245AEC 74LVCH322245AEC 74LVCH322245A
OCR Text ...L6 3A5 R1 M5 3A6 t1 M6 3A7 T2 74LVC322245A; 74LVCH322245A Product specification Fig.3 Logic symbol. Philips Semiconductors Product specification 32-bit bus transceiver with direction pin; 30 series...
Description 32-bit bus transceiver with direction pin;with 30Ω series termination resistors; 5-volt tolerant (3-State)(0Ω系列终端电阻具有定向引脚V输入/输出容限32位总线收发器(三态)) 32位总线收发器引脚方0Ω串联终端电阻伏耐(3态)(带30Ω系列终端电阻器,具有定向引脚V的输输出容限32位总线收发器(三态)
32-bit bus transceiver with direction pin; 30 ohm series termination resistors; 5 V tolerant; 3-state
Hex Buffers And Line Drivers With 3-State Outputs 16-TSSOP -40 to 85

File Size 87.63K  /  16 Page

View it Online

Download Datasheet

    74LVC32244 74LVC32244A 74LVC32244AEC 74LVCH32244AEC 74LVCH32244A

PHILIPS[Philips Semiconductors]
NXP Semiconductors
Part No. 74LVC32244 74LVC32244A 74LVC32244AEC 74LVCH32244AEC 74LVCH32244A
OCR Text ...8OE 8Y0 8Y1 8Y2 8Y3 R2 R1 t1 T2 MNA472 Fig.2 Logic symbol. 1999 Aug 31 4 Philips Semiconductors Product specification 32-bit buffer/line driver; 5 V input/output tolerant; 3-state 74LVC32244A; 74LVCH32244A h...
Description 32-bit buffer/line driver; 5 V input/output tolerant; 3-state

File Size 76.51K  /  16 Page

View it Online

Download Datasheet

    74LVC32245A 74LVC32245AEC 74LVCH32245AEC 74LVCH32245A

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. 74LVC32245A 74LVC32245AEC 74LVCH32245AEC 74LVCH32245A
OCR Text ...L6 3A5 R1 M5 3A6 t1 M6 3A7 T2 74LVC32245A; 74LVCH32245A Product specification Fig.3 Logic symbol. Philips Semiconductors Product specification 32-bit bus transceiver with direction pin; 5 V tolerant...
Description 32-bit bus transceiver with direction pin;5-volt tolerant(3-State)(具有定向引脚V输入/输出容限32位总线收发器(三态)) 32位总线收发器引脚方向,5伏耐(3态)(具有定向引脚的5V的输输出容限32位总线收发器(三态)
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state

File Size 86.89K  /  16 Page

View it Online

Download Datasheet

    CY7C1351F CY7C1351F-100AC CY7C1351F-100AI CY7C1351F-100BGC CY7C1351F-100BGI CY7C1351F-117AC CY7C1351F-117AI CY7C1351F-11

Cypress Semiconductor, Corp.
Cypress Semiconductor Corp.
CYPRESS[Cypress Semiconductor]
Part No. CY7C1351F CY7C1351F-100AC CY7C1351F-100AI CY7C1351F-100BGC CY7C1351F-100BGI CY7C1351F-117AC CY7C1351F-117AI CY7C1351F-117BGC CY7C1351F-117BGI CY7C1351F-133AC CY7C1351F-133AI CY7C1351F-133BGC CY7C1351F-133BGI CY7C1351F-66AC CY7C1351F-66AI CY7C1351F-66BGC CY7C1351F-66BGI CY7C1351
OCR Text ... N5,P5 14,16,38,39,42, B1,C1,R1,t1, 43,66,83,84 T2,U2,U3,A4, D4,G4,L4,U4, U5,T6,U6,B7, C7,R5,R7,T7 NC - No Connects. Not Internally connected to the die. Document #: 38-05210 Rev. *B Page 4 of 15 CY7C1351F Functional Over...
Description 4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 7.5 ns, PQFP100
4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 11 ns, PBGA119
4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 8 ns, PQFP100
4-Mb (128K x 36) Flow-through SRAM with NoBLArchitecture 128K X 36 ZBT SRAM, 8 ns, PBGA119
4-Mb (128K x 36) Flow-through SRAM with NoB TM Architecture
4-Mb (128K x 36) Flow-through SRAM with NoBL Architecture

File Size 423.97K  /  15 Page

View it Online

Download Datasheet

    PEB2255

Infineon Technologies AG
Part No. PEB2255
OCR Text t1 /J 1 Fr a m er a nd L i n e In te r fa c e C om p on e nt f or L on g an d S h or t H au l A p p li c a ti o ns P EB 22 5 5 V er s i o n ...e1/t1/j1 line and the digital PCM system highway/H.100 bus. The digital functions as well as the ana...
Description e1/t1/j1 Framer and Line Interface Component for Long and Short Haul Applications

File Size 3,313.22K  /  374 Page

View it Online

Download Datasheet

For t1 e1 j1 Found Datasheets File :: 1025    Search Time::2.875ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of t1 e1 j1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.80513000488281