Part Number Hot Search : 
GBU10 WL800 ML78L05 TCXNL YB1210 WL800 LAS6480 IRS4426S
Product Description
Full Text Search
  swing Datasheet PDF File

For swing Found Datasheets File :: 21352    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD8032 AD8032A AD8032AN AD8032AR AD8032ARM AD8032ARM-REEL AD8032ARM-REEL7 AD8032AR-REEL AD8032AR-REEL7 AD8032B AD8032BN

http://
ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD8032 AD8032A AD8032AN AD8032AR AD8032ARM AD8032ARM-REEL AD8032ARM-REEL7 AD8032AR-REEL AD8032AR-REEL7 AD8032B AD8032BN AD8032BR AD8032BR-REEL AD8032BR-REEL7 AD8031 AD8031A AD8031AN AD8031AR AD8031AR-REEL AD8031AR-REEL7 AD8031ART-REEL AD8031ART-REEL7 AD8031B AD8031BN AD8031BR AD8031BR-REEL AD8031BR-REEL7 ANALOGDEVICESINC-AD8031ART-REEL AD8031ART-R2 AD8031ANZ
OCR Text ...s Beyond Rails by 200 mV Output swing to Within 20 mV of Either Rail Low Distortion -62 dB @ 1 MHz, VO = 2 V p-p -86 dB @ 100 kHz, VO = 4.6 V p-p Output Current: 15 mA High Grade Option VOS (max) = 1.5 mV APPLICATIONS High-Speed Battery-Ope...
Description 2.7 V/ 800 uA/ 80 MHz Rail-to-Rail I/O Amplifiers
2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
Rail-to-Rail I/O Amplifiers (Single Amplifier)

File Size 247.25K  /  16 Page

View it Online

Download Datasheet





    E-CMOS
Part No. EC5575A
OCR Text ...r act e ristics v ol output swing low i l = - 5ma (a, b, m , n, com buffers) - 4.92 - 4.85 v v oh output swing high i l = 5ma (a, b, m , n, com buffers) 4.85 4.92 v v ol output...
Description 14 1 Channels Voltage Buffer with OTP/OCP for TFT LCD

File Size 542.81K  /  6 Page

View it Online

Download Datasheet

    AD8614 AD8614ART AD8644 AD8644AR2 AD8644ARU

AD[Analog Devices]
Part No. AD8614 AD8614ART AD8644 AD8644AR2 AD8644ARU
OCR Text ...dition, the rail-to-rail output swing provides greater dynamic range and control than standard video amplifiers provide. These products operate from supplies of 5 V to as high as 18 V. The unique combination of an output drive of 70 mA, hig...
Description Single and Quad 18 V Operational Amplifiers

File Size 291.87K  /  8 Page

View it Online

Download Datasheet

    PTN3381DBS

NXP Semiconductors
Part No. PTN3381DBS
OCR Text swing ac-coupled differential input signals to dvi v1.0 and hdmi v1.4b compliant open-drain current-steering differential output signals, up to 3 gbit/s to support 36-bit deep color, 3d and 3 gbit/s modes. each of these channels prov id...
Description Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting deep color mode
Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting 3 Gbit/s operation

File Size 271.50K  /  30 Page

View it Online

Download Datasheet

    PTN3381B PTN3381BBS

NXP Semiconductors
Part No. PTN3381B PTN3381BBS
OCR Text swing ac-coupled differential input signals to dvi v1.0 and hdmi v1.3a compliant open-drain current-steering differential output signals, up to 1.65 gbit/s per lane. each of these lanes provides a level-shifting differential buffer to t...
Description Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detect support and active DDC buffer

File Size 216.23K  /  30 Page

View it Online

Download Datasheet

For swing Found Datasheets File :: 21352    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of swing

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.1508779525757