|
|
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
Part No. |
TML15212 TML05112 TML15105 TML15124 TML05205 TML10215 TML10115 TML10205 TML10212 TML10105 TML10112 TML10124 TML5205 TML05105 TML05115 TML05124 TML05212 TML05215 TML15112 TML15115 TML15215 TML15512 TML15515 TML30103 TML30105 TML30112 TML30115 TML30124 TML30205 TML30212 TML30252 TML30512 TML30515 TML30215 TML15205
|
Description |
Encapsulated Power supply 15 Watt, input voltage range: 85-264v, output voltage /-12v ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264v, output voltage 5/ /-15v (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264v, output voltage 12v (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264v, output voltage 15v (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264v, output voltage /-5v ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264v, output voltage 15v (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264v, output voltage /-5v ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264v, output voltage 12v (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264v, output voltage /-12v ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264v, output voltage 24v (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264v, output voltage 5v (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264v, output voltage 3.3v (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264v, output voltage 5/ /-12v (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264v, output voltage /-15v ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264v, output voltage 24v (625mA), encapsulated power supply
|
File Size |
77.47K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
Advanced Micro Devices, Inc.
|
Part No. |
AM29Lv800DB-120SD AM29Lv800DB-120ED AM29Lv800DB-120FD AM29Lv800DB-90WBC AM29Lv800DB-120WBC AM29Lv800DB-90WBF AM29Lv800DT-90WCF AM29Lv800DB-120FI AM29Lv800DB-120SI AM29Lv800DB-120SC AM29Lv800DB-120SF AM29Lv800DB-120EF AM29Lv800DB-120EC AM29Lv800DB-120FF AM29Lv800DB-120WBI AM29Lv800DB-120FC
|
Description |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 volt-only Boot Sector Flash Memory Time-Delay Relay; Time range:0.1 sec. to 30 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; supply voltage AC, Max:230v; supply voltage AC, Min:115v; supply voltage DC, Max:230v RoHS Compliant: Yes Time-Delay Relay; Contacts:NO; Time range:0.1 to 102.4s; Timing Function:Delay-On-Make; supply voltage Max:288v; supply voltage Min:100v; Time range Max:102.4s; Time range Min:0.1s RoHS Compliant: Yes Low voltage, Active Transmission Line Termination Clamp (4 Terminations) Time-Delay Relay; Time range:0.1 - 30; Timing Function:Delay-On-Make; Time range Max:30s; Time range Min:0.1s Time-Delay Relay; Time range:0.1 sec. to 30 sec.; Mounting Type:Plug-In; Timing Function:Delay-On-Make; supply voltage:115v RoHS Compliant: Yes Time-Delay Relay; Time range:1sec. to 1024 sec.; Mounting Type:Plug In; Timing Function:Delay-On-Make; Relay Mounting:Plug-In; supply voltage AC, Max:288v; supply voltage AC, Min:19v; supply voltage DC, Max:288v RoHS Compliant: Yes 2-Port PCI-X to PCI-X Bridge Time-Delay Relay; Contacts:NO; Timing Function:Delay-On-Make; supply voltage Max:50v; supply voltage Min:18v; Time range Max:102.4s; Time range Min:0.1s RoHS Compliant: Yes 512K X 16 FLASH 3v PROM, 120 ns, PDSO48
|
File Size |
992.17K /
51 Page |
View
it Online |
Download Datasheet |
|
|
|
Cornell Dubilier Electronics, Inc. Electronic Theatre Controls, Inc.
|
Part No. |
EKLPGR10 EKLPG040CY EKLPG050CY EKLDL160CY EKLPG100CY EKLPG045CY
|
Description |
Ultra Low ON-Resistance, 1.1v to 4.5v Single supply, SPST Analog Switches; Temperature range: -40°C to 85°C; Package: 5-SC-70 T&R 3.3v, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature range: -40°C to 85°C; Package: 8-SOIC T&R Low-voltage, Single supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature range: -40°C to 85°C; Package: 10-MSOP T&R 逻辑IC Logic IC 逻辑IC Ultra Low ON-Resistance, 1.1v to 4.5v Single supply, SPST Analog Switches; Temperature range: -40°C to 85°C; Package: 5-SC-70 T&R 逻辑IC Low-voltage, Single supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature range: -40°C to 85°C; Package: 16-QFN T&R
|
File Size |
663.34K /
4 Page |
View
it Online |
Download Datasheet |
|
|
|
MAXIM INTEGRATED PRODUCTS INC
|
Part No. |
MAX6035AAUR30 MAX6035AAUR30-T
|
Description |
2.5 v to 5.5 v, 250 µA, 2-Wire Interface, Dual voltage Output, 8-Bit DACs; Package: MSOP; No of Pins: 8; Temperature range: Industrial High-supply-voltage, Precision voltage Reference in SOT23
|
File Size |
851.89K /
17 Page |
View
it Online |
Download Datasheet |
|
|
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
Part No. |
LZ0P3800
|
Description |
Safety Light Curtain; Control Output Type:2PNP OSSD; Number of Beams:80; Protection Height:600mm; Sensing range Max:6m; supply voltage Max:24vDC; supply voltage:24vDC 1/4-type Built-in Lens Color CMOS Image Sensor with 110 k Pixels
|
File Size |
104.44K /
14 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|