Part Number Hot Search : 
FCS06SG 25AA01 LM2423TE 67078 DC12V VICES SB3040PT DC12V
Product Description
Full Text Search
  sts-3 stm-1 Datasheet PDF File

For sts-3 stm-1 Found Datasheets File :: 380    Search Time::2.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TMPR28051-3-SL5 TMPR28051

Agere Systems
Part No. TMPR28051-3-SL5 TMPR28051
OCR Text sts-1/au-3 (stm-0) mapper device advisory for version 5 of the device register architecture (ra) map ra-1. reset bit the software reset bit (bit 0) of register 0x00 is not functional. ra-2. transmit path ais insert bit the txpaisins bit (bi...
Description TMPR28051 STS-1/AU-3 (STM-0) Mapper Device Advisory for Version 5 of the Device
Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Number of Pairs:6; Impedance:100ohm; Voltage Nom.:300V RoHS Compliant: Yes

File Size 1,068.70K  /  90 Page

View it Online

Download Datasheet





    29320-BRF-001-A 29320-BRF-001-A-15

M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
Part No. 29320-BRF-001-A 29320-BRF-001-A-15
OCR Text ... includes 12 independent ds3/e3/sts-1e elec- trical line interface units (lius) with built-in digital jitter attenuators (djat), 24 ds3/e3 ...3/au-3; ds3/tug-3/au-4; e3/vc-3/au-3; e3/tug-3/au-4 ? 12 sts-1 sonet/sdh framers support transport o...
Description 12-Port DS3/E3/STS-1 Electrical Integrated Line
Single Chip Solution

File Size 495.33K  /  2 Page

View it Online

Download Datasheet

    29306-BRF-001-A 29306-BRF-001-A-15

M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
Part No. 29306-BRF-001-A 29306-BRF-001-A-15
OCR Text sts-1 atm, packet and tdm services on a single chip. the m29306 aggressively drives down cost for existing solutions and as well as reduces ...3 for hdlc packets, and sts-12/stm-4 support for the sonet/sdh traffic via a standard 8-bit, 77 mhz...
Description 6-Port DS3/E3/STS-1 Integrated Line Termination
6-Port DS3/E3/STS-1 Integrated Line Termination Device for ATM

File Size 503.52K  /  2 Page

View it Online

Download Datasheet

    HFCT-5208AFM HFCT-5208AM HFCT-5208AEM HFCT-5208M

AVAGO TECHNOLOGIES LIMITED
Part No. HFCT-5208AFM HFCT-5208AM HFCT-5208AEM HFCT-5208M
OCR Text ...ange of solutions for atm/sonet sts-12/sdh stm-4 applications. the overall avago technolgies transceiver consists of three sections: the tra...3 10 -4 10 -5 10 -6 10 -7 10 -8 10 -9 10 -10 10 -11 10 -12 10 -13 10 -14 10 -15 -5 linear extrapolat...
Description 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications

File Size 411.80K  /  20 Page

View it Online

Download Datasheet

    PM5312

PMC-Sierra, Inc.
PMC[PMC-Sierra, Inc]
PMC-Sierra Inc
Part No. PM5312
OCR Text ...minating Transceiver for use in STS-1, sts-3 (stm-1), or STS-12 (STM-4) applications. * Operates in STS-1 bit-serial mode, STS-1 byte-serial mode, sts-3/stm-1 byte-serial mode, or STS-12/ATM-4 byte-serial mode. * Compatible with PM5355 S/UN...
Description SONET/SDH TRANSPORT TERMINATING TRANSCEIVER
SONET/SDH Transport Overhead Terminating Transceiver

File Size 38.42K  /  2 Page

View it Online

Download Datasheet

    TRANSWITCH CORP
Part No. TXC-03452CIPQ
OCR Text .../from stm-1/tug-3 - ds3 to/from sts-3/sts-1 spe or sts-1 spe - e3 to/from stm-1/tug-3 only  sdh/sonet bus access: - drop/add data byte access (with clock, c1j1, spe, and parity) - add bus interface timing derived from drop bus, add bus, ...
Description ATM/SONET/SDH SUPPORT CIRCUIT, PQFP144

File Size 1,030.83K  /  96 Page

View it Online

Download Datasheet

    TRANSWITCH CORP
Part No. TXC-03452-BIPQ
OCR Text .../from stm-1/tug-3 - ds3 to/from sts-3/sts-1 spe or sts-1 spe - e3 to/from stm-1/tug-3 only  sdh/sonet bus access: - drop/add data byte access (with clock, c1j1, spe, and parity) - add bus interface timing derived from drop bus, add bus, ...
Description TERMINATOR, PQFP144

File Size 885.94K  /  96 Page

View it Online

Download Datasheet

    VSC8115 VSC8115YA VSC8115YA1 VSC8115YA2

Vitesse Semiconductor Corpo...
ETC
Vitesse Semiconductor Corporation
Part No. VSC8115 VSC8115YA VSC8115YA1 VSC8115YA2
OCR Text ...d data recovery for 622.08Mb/s (STS-12/OC-12/STM-4) or 155.52Mb/s (sts-3/OC-3/stm-1) NRZ data * Meets Bellcore, ITU and ANSI Specifications for Jitter Performance * 19.44MHz reference frequency LVTTL Input * Lock Detect output pin monitors ...
Description STS-12/sts-3 Multi Rate Clock and Data Recovery Unit

File Size 408.18K  /  12 Page

View it Online

Download Datasheet

    XRT91L30IQ-F XRT91L32IQ-F XRT91L3010

Exar Corporation
Part No. XRT91L30IQ-F XRT91L32IQ-F XRT91L3010
OCR Text ...iver for sonet/sdh 622.08 mbps sts-12/stm-4 or 155.52 mbps sts-3/stm-1 applications. the transceiver includes an on-chip clock multiplier unit (cmu), which uses a high frequency phase- locked loop (pll) to generate the high-speed transm...
Description STS12-STM4 OR STS3-STM1 SONET-SDH Transceiver

File Size 95.95K  /  2 Page

View it Online

Download Datasheet

For sts-3 stm-1 Found Datasheets File :: 380    Search Time::2.438ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sts-3 stm-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.46584296226501