Part Number Hot Search : 
KKA6107Q SE5537 TUA2009X PJS6404 4081BF WARP20 AD779JN KX1400
Product Description
Full Text Search
  strobe Datasheet PDF File

For strobe Found Datasheets File :: 16067    Search Time::1.796ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

   
Part No. K4E151611C-TC50
OCR Text ...out v ss ground ras row address strobe ucas upper column address strobe lcas lower column address strobe w read/write input oe data output enable v cc power(+5v) power(+3.3v) n.c no connection v cc dq0 dq1 dq2 dq3 v cc dq4 dq5 dq6 dq7 n.c n...
Description 1M X 16 EDO DRAM, 50 ns, PDSO44

File Size 558.18K  /  35 Page

View it Online

Download Datasheet





    HYB18TC256800AF-3.7

QIMONDA AG
Part No. HYB18TC256800AF-3.7
OCR Text ... disabled for single-ended data strobe operation ? commands entered on each positive clock edge, data and data mask are referenced to both edges of dqs ? data masks (dm) for write data ? posted cas by programmable additive latency for bet...
Description 32M X 8 DDR DRAM, 0.5 ns, PBGA60

File Size 1,885.92K  /  60 Page

View it Online

Download Datasheet

    HYNIX SEMICONDUCTOR INC
Part No. HMT325S6BFR6C-H9
OCR Text ...i-directional differential data strobe ? 8 bit pre-fetch ? burst length (bl) switch on-the-fly: bl 8 or bc (burst chop) 4 ? on die termination (odt) supported ? rohs compliant b48614/178.104.2.80/2010-07-13 16:20 a pcpcwm_4828...
Description 256M X 64 DDR DRAM MODULE, DMA204

File Size 474.71K  /  54 Page

View it Online

Download Datasheet

    NANYA TECHNOLOGY CORP
Part No. NT5DS128M4BT-6K
OCR Text ...lock cycle ? bidirectional data strobe (dqs) is transmitted and received with data, to be used in capturing data at the receiver ? dqs is edge-aligned with data for reads and is center- aligned with data for writes ? differential clock i...
Description 128M X 4 DDR DRAM, 0.7 ns, PDSO66

File Size 2,500.58K  /  80 Page

View it Online

Download Datasheet

    80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51

INTEL[Intel Corporation]
Part No. 80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51
OCR Text ...nput External Data Memory Write strobe External Data Memory Read strobe PIN DESCRIPTION VCC Supply voltage during normal Idle and Power Down operations VSS Circuit ground Port 0 Port 0 is an 8-bit open drain bidirectional I O port As an...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 272.93K  /  21 Page

View it Online

Download Datasheet

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ... WR (external data memory write strobe) RD (external data memory read strobe) EA VPP External Access enable EA must be strapped to VSS in order to enable the device to fetch code from external Program Memory locations 0000H to 0FFFFH Note h...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...er 1 External Clock Input Write strobe for External Memory Read strobe for External Memory Clock Source for Serial Expansion Port Data I O for the Serial Expansion Port PCA1 External Clock Input PCA1 Capture Input Compare PWM Output Externa...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    Integrated Silicon Solution
Part No. IS42S32800D
OCR Text ...chip select ras row address strobe command cas column address strobe command v dd dq0 v dd q dq1 dq2 v ss q dq3 dq4 v dd q dq5 dq6 v ss q dq7 nc v dd dqm0 we cas ras cs a11 ba0 ba1 a10 a0 a1 a2 dqm2 v dd nc dq16 v ss q dq17 dq18 v...
Description 8M x 32 256Mb SYNCHRONOUS DRAM

File Size 862.59K  /  60 Page

View it Online

Download Datasheet

    89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT

ATMEL[ATMEL Corporation]
Part No. 89C55 AT89C55 AT89C55-16AA AT89C55-16JA AT89C55-16PA AT89C55-16QA AT89C55-24AC AT89C55-24AI AT89C55-24JC AT89C55-24JI AT89C55-24PC AT89C55-24PI AT89C55-24QC AT89C55-24QI AT89C55-33AC AT89C55-33JC AT89C55-33PC AT89C55-33QC
OCR Text ... WR (external data memory write strobe) RD (external data memory read strobe) Pin Description VCC Supply voltage. GND Ground. Port 0 Port 0 is an 8-bit open drain bidirectional I/O port. As an output port, each pin can sink eight TTL in...
Description 8-Bit Microcontroller with 20K Bytes Flash

File Size 605.37K  /  24 Page

View it Online

Download Datasheet

For strobe Found Datasheets File :: 16067    Search Time::1.796ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of strobe

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.4875791072845