Part Number Hot Search : 
RLZ5238B 93LC46SN WSR5LDTA APTGT PJ7916CI BD235STU C74LV S12ME1
Product Description
Full Text Search
  steps Datasheet PDF File

For steps Found Datasheets File :: 15183    Search Time::1.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    ISL59923IRZ ISL59921IRZ ISL59922IRZ ISL5992009 ISL59920 ISL59920IRZ

Intersil Corporation
Part No. ISL59923IRZ ISL59921IRZ ISL59922IRZ ISL5992009 ISL59920 ISL59920IRZ
OCR Text ...23's delays are programmable in steps of 2, 1.5, 1, or 2ns (respectively) for up to a total delay of 62, 46.5, 31, or 30ns (respectively) on each channel. The gain of the video amplifiers can be set to x1 (0dB) or x2 (6dB) for back-terminat...
Description Triple Analog Video Delay Lines

File Size 711.46K  /  15 Page

View it Online

Download Datasheet





    AK2307 AK2307LV

Asahi Kasei Microsystems
Part No. AK2307 AK2307LV
OCR Text ... TX Digital Attenuator 16 steps by 1dB +7 to -8dB AGC A/D (Back ground Noise ATT) 8 steps by 3dB 0 to -21dB Linear A/u External Mic I/F MIC3 MIC1 MIC2 Amp2 16 steps Side Tone by 3dB Digital ATT -12 to -57dB PCM Int...
Description SPEECH CODEC for Digital Key telephone (5.0V/3.3V)

File Size 448.31K  /  39 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ...Autoscan up/down control with 4 steps per second Pin-selectable zero-scale/midscale preset Low potentiometer mode tempco, 5 ppm/C Low rheostat mode tempco, 35 ppm/C Digital control compatible Ultralow power, IDD = 0.4 A typ and 3 A max Low ...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    AD9840AJSTRL AD9840AJSTZ

Analog Devices
Part No. AD9840AJSTRL AD9840AJSTZ
OCR Text ...z mV mV V p-p V p-p V p-p V p-p steps dB dB dB V p-p V p-p steps Notes See Input Waveform in Note 1 With 4 dB CDS Gain With -2 dB CDS Gain With 10 dB CDS Gain At Any CDS Gain Setting See Figure 15 for CDS Gain Curve 4 dB is Default wi...
Description Complete 10-Bit 40 MHz CCD Signal Processor

File Size 157.25K  /  17 Page

View it Online

Download Datasheet

    AATIAN22

SiGe Semiconductor, Inc.
SiGe Semiconductor, Inc...
Part No. AATIAN22
OCR Text ...p 4 for different input voltage steps and over the range of v out . figure 3: aat1149 evaluation board connection diagram for line transient response. ev-139 aat1149 eval: 3mhz fast transient 400ma step-down converter 4 ev-139.2007.08.1.0 ...
Description 3MHz Fast Transient 400mA Step-Down Converter

File Size 810.94K  /  11 Page

View it Online

Download Datasheet

    APA4835 APA4835RI-TR APA4835RI-TU

ANPEC Electronics Corporation
ETC[ETC]
ANPEC[Anpec Electronics Coropration]
Part No. APA4835 APA4835RI-TR APA4835RI-TU
OCR Text ...) to -105dB (DC_Vol=0V) with 32 steps. Both of the depop circuitry and the thermal shutdown protection circuitry are integrated in APA4835 , that reduces pops and clicks noise during power up or shutdown mode operation , and protects the ch...
Description Stereo 2.8W Audio Power Amplifier with DC Volume Control and Selectable Gain

File Size 212.24K  /  22 Page

View it Online

Download Datasheet

    AD9870AST

Analog Devices
Part No. AD9870AST
OCR Text ....1 0.3 Programmable in 0.625 mA steps Programmable in 0.625 mA steps 0.25 6.25 13 0.3 Conditions1 Min 2.7 2.7 1.8 2.7 High IIP3 Setting High IIP3 Setting Low IIP3 Setting High IIP3 Setting Low IIP3 Setting (VDDI = VDDF = VDDA = 3.3 V, VD...
Description IF Digitizing Subsystem

File Size 229.21K  /  21 Page

View it Online

Download Datasheet

For steps Found Datasheets File :: 15183    Search Time::1.953ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of steps

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.2531001567841