Part Number Hot Search : 
MC5522 HA1329 5H100 J1011 1990816 00220 AX9719D URAM2C22
Product Description
Full Text Search
  start motor Datasheet PDF File

For start motor Found Datasheets File :: 3127    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NEC Corp.
Part No. UPD168111MA-6A5
OCR Text ... SDATA External reference CLK start point wait start point excitation wait Pulse output EXT0 ;;;; ; ;; ; ;;;;;;;;;;;; ;;;; ; ;; ; Dumm...motor can be driven with the larger torque. The motor can also be driven on a constant current to re...
Description MICROSTEP DRIVER FOR DRIVING CAMERA LENS

File Size 239.89K  /  39 Page

View it Online

Download Datasheet





    SGS Thomson Microelectronics
Part No. AN1115
OCR Text ... motorS FUZZY CONTROL Three "start" blocks allow ADC, Timer and Triac peripheral to work. After that, a software loop form the main routi...motor driving by using few components. Presented stepper motor control is good compromise between sy...
Description ST52X301 FOR STEPPER motorS FUZZY CONTROL

File Size 147.71K  /  16 Page

View it Online

Download Datasheet

    Analog Devices, Inc.
Part No. AD5801
OCR Text ...me tLOW, SCL low time tHD, STA, start/repeated start condition hold time tSU, DAT, data setup time tHD, DAT data hold time tHD, DAT data hol...motor Drivers FA and FB and for pattern drivers FC, FD, ZA, ZB, ZC, and ZD. Pattern programmable low...
Description Piezo-Electric Actuator Controller

File Size 199.17K  /  13 Page

View it Online

Download Datasheet

    SGS Thomson Microelectronics
Part No. AN1221
OCR Text ... is saturated to 170 4) Timer 1 start counting RAM Reg1 5) Flag=0 Time r 1 In t. Rou tin e s Yes Flag=0 No Stop Timer1 Stop Timer1 St...motor drive ; ; DATE: 12/1/2000 ; ;************************************************************ ;***...
Description A SIMPLE METHOD TO DRIVE A TRIAC WITH ST52X420 DIRECTLY FROM THE MAIN

File Size 58.02K  /  12 Page

View it Online

Download Datasheet

    SAA7392 SAA7392HL

NXP Semiconductors N.V.
Philips Semiconductors
Part No. SAA7392 SAA7392HL
OCR Text ...s APPLICATION INFORMATION Write start control of encoder in CD-ROM mode Write start control of encoder in Audio mode start-up of encode in f...motor control loop to allow CAV, CLV and pseudo-CLV playback * Integrated FIFO for de-coupling of me...
Description Channel encoder/decoder CDR60(通道编码译码 信道编码解码器CDR60(通道编码译码器)

File Size 263.23K  /  76 Page

View it Online

Download Datasheet

    TDA5147K

NXP Semiconductors
Part No. TDA5147K
OCR Text ...ation drivers * Induction sense start-up option * External current sense resistor * Soft switching on both upper and lower drivers * Program...motor driver * 0.8 Amp VCM power driver * Maximum of 1 V drop across the power driver at 0.8 A * Ext...
Description 12 V Voice Coil motor VCM driver and spindle motor drive combination chip

File Size 151.06K  /  32 Page

View it Online

Download Datasheet

    TDA5147CH

NXP Semiconductors
Part No. TDA5147CH
OCR Text ...ation drivers * Induction sense start-up option * External current sense resistor * Soft switching on both upper and lower drivers * Program...motor driver * 1.2 A VCM power driver * Maximum of 1 V drop across the power driver at 0.8 A * Exter...
Description 12 V Voice Coil motor VCM driver and spindle motor drive combination chip

File Size 203.63K  /  32 Page

View it Online

Download Datasheet

    TDA5145T

NXP Semiconductors
Part No. TDA5145T
OCR Text ...out position sensors * Built-in start-up circuitry * Three push-pull outputs: - output current 2.0 A (typ.) - built-in current limiter - sof...motor brake facility * Direction control input * Reset function * Transconductance amplifier for an ...
Description Brushless DC motor drive circuit

File Size 255.14K  /  24 Page

View it Online

Download Datasheet

    TDA5145TS

NXP Semiconductors
Part No. TDA5145TS
OCR Text ...out position sensors * Built-in start-up circuitry * Three push-pull outputs: - Output current 2.0 A (typ.) - Built-in current limiter - Sof...motor brake facility * Direction control input * Reset function. QUICK REFERENCE DATA Measured over ...
Description Brushless DC motor drive circuit

File Size 122.65K  /  20 Page

View it Online

Download Datasheet

For start motor Found Datasheets File :: 3127    Search Time::1.234ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of start motor

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.9403550624847