|
|
|
MICROCHIP[Microchip Technology]
|
Part No. |
MCP18480
|
Description |
The MCP18480 is a –48V Hot Swap Controller with fully configurable features. This Hot Swap Controller have OVLO, UVLO protection features on top of Foldback Current Limiting and Circuit Breaker features. Although ideally suited optic -48V Hot Swap Controller
|
File Size |
684.90K /
64 Page |
View
it Online |
Download Datasheet |
|
|
|
ATMEL Corporation
|
Part No. |
AT91R40008 AT91FR40161 AT91FR40162 AT91FR4042 AT91M40800 AT91R40807
|
Description |
The AT91R40807 features 136K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91R40008 features 256K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-scan cells on digital p The AT91M40800 features 8K bytes of on-chip SRAM, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features. The AT91FR4042 features 256K bytes of on-chip SRAM, 512K bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sc The AT91FR40162 features 256K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91X408XX Series does not feature Boundary-sca The AT91FR40161 features 136 K bytes of on-chip SRAM, 2M bytes of Flash, an External Bus Interface, a 3-channel Timer/Counter, 2 USARTs, a Watchdog Timer and advanced power-saving features.The AT91x40 Series does not feature boundary-scan AT91 ARM Thumb Microcontrollers
|
File Size |
786.85K /
153 Page |
View
it Online |
Download Datasheet |
|
|
|
THE CHERRY CORP
|
Part No. |
GRF22N2BBRLN
|
Description |
Rocker Switch; Illumination:Non-Illuminated; Circuitry:SPST; Switch Operation:On-off; Contact Current Max:15A; Switch Terminals:Screw; Leaded Process Compatible:Yes; Mounting Type:Panel; Switch features:Rocker Actuator; features: RoHS Compliant: Yes
|
File Size |
86.54K /
2 Page |
View
it Online |
Download Datasheet |
|
|
|
Atmel Corp. 聚兴科技股份有限公司 ATMEL[ATMEL Corporation]
|
Part No. |
AT73C204 AT73C204-EK AT73C204-EK2 AT73C204-EK1
|
Description |
From old datasheet system Power Management for Mobiles (PM) The AT73C204 provides an integrated power management solution for the add-on features in new-generation mobile phones. These features include a camera module, sound system for polyphonic ringing tones, memory module for downloaded MP3 file
|
File Size |
166.66K /
18 Page |
View
it Online |
Download Datasheet |
|
|
|
Infineon
|
Part No. |
SAK-C164CI-8EM SAF-C164CI-8E25MD-STEP SAF-C164CI-8EMD-STEP SAK-C164CI-8E25MD-STEP SAK-C164CI-8EMD-STEP SAKC164CI-8EMC-STEP SAK-C164SI-8RM SAK-C164CI-8RM SAK-C164CI-LM SAK-C164CL-8RM SAF-C164CI-8RM SAF-C164CL-R6 SAK-C164SL-R6 SAF-C164SL-R6
|
Description |
Compact Microcontrollers for Motor-Drive applications 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 25 MHz 16-Bit Microcontrollers - 64 K OTP, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - ROMless, 4 K RAM, CAN, Drive Control Unit, enh. Power Saving features, 20 MHz 16-Bit Microcontrollers - 64 K ROM, 4 K RAM, CAN, enh. Power Saving features, 20 MHz 48Kbyte ROM; 20 (25MHz) MHz; V(dd): -0.5to 6.5V; V(in): -0.5 to 0.5V; 10mA; 1.5W; 16-bit single chip microcontoller
|
File Size |
923.12K /
79 Page |
View
it Online |
Download Datasheet |
|
|
|
Atmel
|
Part No. |
AT90SC4816RS
|
Description |
AT90SC4816RS Summary [Updated 06/03. 2 Pages] Summary of the AT90SC4816RS giving the key features. a brief description and a block diagram. Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM. Security features: MMU, MED, OTP (One Time Programmable) EEPROM area, RNG (random Number Generator), "out of bounds" detectors, side chann
|
File Size |
20.51K /
2 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|