|
|
|
WEDC
|
Part No. |
EDI9LC644V
|
OCR Text |
... a fast external memory for the ssram inter- face port . the sdram is available in clock speeds of 125 and 100 mhz, allowing the user to dev...1mx32 sdram
features clock speeds:... |
Description |
128Kx32 ssram/1mx32 SDRAM
|
File Size |
1,573.00K /
25 Page |
View
it Online |
Download Datasheet |
|
|
|
White Electronic Designs
|
Part No. |
EDI9LC644V1312BC EDI9LC644V1310BC EDI9LC644V1512BC EDI9LC644V2010BC EDI9LC644V1612BC EDI9LC644V1510BC EDI9LC644V1610BC EDI9LC644V2012BC
|
OCR Text |
... a fast external memory for the ssram inter- face port . the sdram is available in clock speeds of 125 and 100 mhz, allowing the user to dev...1mx32 sdram
features clock speeds:... |
Description |
ssram access:133MHz; SDRAM access:125MHz; 128K x 32 ssram/1M x 32 SDRAM ssram access:133MHz; SDRAM access:100MHz; 128K x 32 ssram/1M x 32 SDRAM ssram access:150MHz; SDRAM access:125MHz; 128K x 32 ssram/1M x 32 SDRAM ssram access:200MHz; SDRAM access:100MHz; 128K x 32 ssram/1M x 32 SDRAM ssram access:166MHz; SDRAM access:125MHz; 128K x 32 ssram/1M x 32 SDRAM ssram access:150MHz; SDRAM access:100MHz; 128K x 32 ssram/1M x 32 SDRAM ssram access:166MHz; SDRAM access:100MHz; 128K x 32 ssram/1M x 32 SDRAM ssram access:200MHz; SDRAM access:125MHz; 128K x 32 ssram/1M x 32 SDRAM
|
File Size |
1,544.49K /
25 Page |
View
it Online |
Download Datasheet |
For
ssram 1mx32 Found Datasheets File :: 6 Search Time::6.344ms Page :: | <1> | |
▲Up To
Search▲ |
|
Price and Availability
|