Part Number Hot Search : 
33982B 6N136 NSR01 LTC4412 5N120 MCP320 OMAP5 MUR1540
Product Description
Full Text Search
  spi i2c Datasheet PDF File

For spi i2c Found Datasheets File :: 3269    Search Time::1.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MB3U-I2C

IC-Haus GmbH
Part No. MB3U-i2c
OCR Text ...an addi- tional plug for i2c or spi communication. the usb port supplies the sensors via the i2c plug with 5 v (up to 250 ma, through pin 4 - no galvanic isolation). if there is load applied to the biss connector, the max- imum current supp...
Description BiSS TO PC-USB ADAPTER

File Size 501.25K  /  7 Page

View it Online

Download Datasheet





    Cypress Semiconductor Corp.
Part No. CY8C24794-spi CY8C24794-SPAX CY8C24794-SPLFX CY8C24794-SPE CY8C24794-SPPX CY8C24794-SPSX CY8C24794-SPPVX CY8C24794-SPC CYPRESSSEMICONDUCTORCORP.-CY8C24794-SPAX
OCR Text ...s - full-duplex uart - multiple spi ? masters or slaves - connectable to all gpio pins ? complex peripherals by combining blocks ? capaciti...i2c slave and multi-master cyclical redundancy checker/generator (8 to 32 bit) irda pseudo random...
Description Explosion-Proof Limit Switches Series CX: Short Housing: Top Plunger; 1NC 1NO SPDT Snap Action; Number of internal basic switches BZ: 1; 0.75 in - 14NPT conduit
Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-2
PSoCTM Mixed-Signal Array PSoCTM混合信号阵列
Environmentally sealed limit switch with Leadwire termination, Rotary Roller Lever actuation, Double Pole Double Throw (DPDT) Circuitry, 5 A (Resistive) ampere rating at 28 Vdc, Military Part Number MS21320-1 PSoCTM混合信号阵列

File Size 331.05K  /  32 Page

View it Online

Download Datasheet

    CP2400 CP2401 CP2400-GQ CP2401-G CP2402 CP2402-GM CP2403

Silicon Laboratories
Part No. CP2400 CP2401 CP2400-GQ CP2401-G CP2402 CP2402-GM CP2403
OCR Text ...igital Bus Interface 4-wire spi Interface operates up to 2.5 Mbps with synchronous external clock or up to 1 Mbps with internal clock (C...i2c Interface operates up to 400 kHz with internal clock (CP2401/3 only). Dedicated RST and INT pins...
Description 128/64 SEGMENT LCD DRIVER

File Size 740.93K  /  110 Page

View it Online

Download Datasheet

    Bosch
Part No. BMP280
OCR Text ...erfaces i2c (up to 3.4 mhz) spi (3 and 4 wire, up to 10 mhz) ? current consum ption 2.7 a @ 1 hz sampling rate ? temperature range - 40 +85 c ? rohs compliant, halogen - free ? msl 1 typical applications ?...
Description Digital Pressure Sensor

File Size 1,224.93K  /  49 Page

View it Online

Download Datasheet

    LPC2292 LPC2292FBD144 LPC2294JBD LPC2294 LPC2294JBD144

PHILIPS[Philips Semiconductors]
Part No. LPC2292 LPC2292FBD144 LPC2294JBD LPC2294 LPC2294JBD144
OCR Text ...,1 CAPTURE/ COMPARE TIMER 0 & 1 spi SERIAL INTERFACES 0 & 1 MOSI0,1 MISO0,1 SSEL0,1 TxD0,1 A/D CONVERTER RxD0,1 UART 0 & 1 DSR1,CTS1, DCD1,...i2c clock input/output. Open drain output (for i2c compliance). CAP0.0 -- Capture input for Timer0, ...
Description 16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN 10-bit ADC and external memory interface
16/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN, 10-bit ADC and external memory interface

File Size 164.40K  /  40 Page

View it Online

Download Datasheet

    PIC16C712 PIC16C712-04_JW PIC16C712-04_P PIC16C712-04_SO PIC16C712-04_SS PIC16C712-04E_JW PIC16C712-04E_P PIC16C712-04E_

MICROCHIP[Microchip Technology]
Part No. PIC16C712 PIC16C712-04_JW PIC16C712-04_P PIC16C712-04_SO PIC16C712-04_SS PIC16C712-04E_JW PIC16C712-04E_P PIC16C712-04E_SO PIC16C712-04E_SS PIC16C712-04I_JW PIC16C712-04I_P PIC16C712-04I_SO PIC16C712-04I_SS PIC16C712-20_JW PIC16C712-20_P PIC16C712-20_SO PIC16C712-20_SS PIC16C712-20E_P PIC16C712-20E_SO PIC16C712-20E_SS PIC16C712-20I_JW PIC16C712-20I_P PIC16C712-20I_SO PIC16C712-20I_SS PIC16C712T PIC16C712T-04_P PIC16C712T-04_SO PIC16C712T-04_SS PIC16C712T-04E_JW PIC16C712T-04E_P PIC16C712T-04E_SO PIC16C712T-04E_SS PIC16C712T-04I_JW PIC16C712T-04I_P PIC16C712T-04I_SO PIC16C712T-04I_SS PIC16C712T-20_JW PIC16C712T-20_P PIC16C712T-20_SO PIC16C712T-20_SS PIC16C712T-20E_JW PIC16C712T-20E_P PIC16C712T-20E_SO PIC16C712T-20E_SS PIC16C712T-20I_JW PIC16C712T-20I_P PIC16C712T-20I_SS PIC16C716 PIC16C716-04_JW PIC16C716-04_P PIC16C716-04_SO PIC16C716-04_SS PIC16C716-04E_JW PIC16C716-04E_P PIC16C716-04E_SO PIC16C716-04E_SS PIC16C716-04I_JW PIC16C716-04I_P PIC16C716-04I_SO PIC16C716-04I_SS PIC16C716-20_JW PIC16C716-20_P PIC16C716-20_SO PIC16C716-20_SS PIC16C716-20E_JW PIC16C716-20E_P PIC16C716-20E_SO PIC16C716-20E_SS PIC16C716-20I_JW PIC16C716-20I_P PIC16C716-20I_SO PIC16C716-20I_SS PIC16C716T PIC1
OCR Text ...Yes Yes 128 TMR0 TMR1 TMR2 1 spi/i2c 5 8 22 2.5-5.5 Yes Yes 192 TMR0 TMR1 TMR2 2 spi/i2c, USART 5 11 22 2.5-5.5 Yes Yes Capture/Compare/ Peripherals PWM Module(s) Serial Port(s) (spi/i2c, USART) A/D Converter (8-bit) Channels Inter...
Description 8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM

File Size 961.78K  /  108 Page

View it Online

Download Datasheet

    CY7C60455-48LTXC CY7C60456-48LTXC CY7C60455-48LTXCT CY7C604450810

Cypress Semiconductor
Part No. CY7C60455-48LTXC CY7C60456-48LTXC CY7C60455-48LTXCT CY7C604450810
OCR Text ...ess detection spiTM master and spi slave * Configurable between 93.75 kHz and 12 MHz Three 16-bit timers 8-bit ADC used to monitor batter...i2c Slave/spi Master-Slave POR and LVD System Resets SYSTEM RESOURCES Cypress Semiconductor...
Description enCoRe?/a> V Low Voltage Microcontroller
enCoRe V Low Voltage Microcontroller

File Size 453.02K  /  28 Page

View it Online

Download Datasheet

    AIS328DQ AIS328DQTR

ST Microelectronics
STMicroelectronics
Part No. AIS328DQ AIS328DQTR
OCR Text ...amically selectable full-scale spi / i 2 c digital output interface 16-bit data output 2 independent programmable interrupt generators ...i2c - inter ic control interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1...
Description High-performance ultra low-power 3-axis accelerometer for automotive applications
   High-performance ultra low-power 3-axis accelerometer

File Size 654.07K  /  43 Page

View it Online

Download Datasheet

For spi i2c Found Datasheets File :: 3269    Search Time::1.172ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of spi i2c

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.56782817840576