Part Number Hot Search : 
KA3031 5257B B4065 1N581 03220 TDA3576B 1A106 FSMD075
Product Description
Full Text Search
  sot23-3 Datasheet PDF File

For sot23-3 Found Datasheets File :: 7800    Search Time::1.593ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SP6641BEK-L-3-3

Exar Corporation
Part No. SP6641BEK-L-3-3
OCR Text ...gh efficiency: up to 87% sot23-5 package & smt components for small, low profile power supply sp6641a/6641b low noise evaluation board l1 22uh ceramic 0.9v to 3.3v ceramic j1 1 2 3 shdn sp6641a 1 or 2 cell boost c3 1uf cer. ...
Description Easy Evaluation for the SP6641A/6641B Single or Dual Cell Alkaline to 3.3V or 5V Output

File Size 83.59K  /  5 Page

View it Online

Download Datasheet





    Nanjing Ouzhuo Technology Co., Ltd.
Nanjing Ouzhuo Technolo...
Part No. sot23-3 OH920 TO92S-3
OCR Text ...-40 to 125 c oh920- t 920 bulk sot23 -3 -40 to 125 c o h920- s gs7 tape & reel general general general general description description description description : : : : the o h920 is a hall-effect latch designed in mixed signal cmos technol...
Description HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH

File Size 187.95K  /  4 Page

View it Online

Download Datasheet

    HT7540-3 HT7521-3 HT7523-3 HT7525-3 HT7527-3 HT7550-3 HT7533-3 HT7530-3 HT7570-3

Holtek Semiconductor Inc
Part No. HT7540-3 HT7521-3 HT7523-3 HT7525-3 HT7527-3 HT7550-3 HT7533-3 HT7530-3 HT7570-3
OCR Text ...olerance 2% ? to92, sot89 and sot23-5 packages applications ? battery-powered equipment ? communication equipment ? audio/video equipment general description the ht75xx-3 series is a set of three-terminal low power high ...
Description 100mA Low Power LDO

File Size 386.88K  /  18 Page

View it Online

Download Datasheet

    SIP4280DT-3-T1-E3 SIP4280DT-1-T1-E3

VISHAY SILICONIX
Part No. SIP4280DT-3-T1-E3 SIP4280DT-1-T1-E3
OCR Text ...nt ? 4 kv esd rating ? 6 pin sot23 package applications ? cellular telephones ? digital still cameras ? personal digital assistants (p...3 version has a slew rate limited turn-on time typically of 100 s and additionally offers a shutdown...
Description BUF OR INV BASED PRPHL DRVR, PDSO6

File Size 277.80K  /  9 Page

View it Online

Download Datasheet

    HT7022A-3 HT7024A-3 HT7027A-3 HT7033A-3 HT7044A-3 HT7039A-3

Holtek Semiconductor Inc
Part No. HT7022A-3 HT7024A-3 HT7027A-3 HT7033A-3 HT7044A-3 HT7039A-3
OCR Text ...racteristic ? to92, sot89 and sot23-5 package applications ? battery checkers ? level selectors ? power failure detectors ? microcompu...3 series devices area set of three terminal low power voltage detectors implemented in...
Description TinyPowerTM Voltage Detector

File Size 317.93K  /  15 Page

View it Online

Download Datasheet

    TSV632-3-4-5 TSV6392-3-4-5 TSV622-3-4-5 TSV6292-3-4-5 TSV6293AIST TSV6292AID_DT TSV6292ID_DT TSV6292AID/DT TSV6292ID/DT

ST Microelectronics
STMicroelectronics
Part No. TSV632-3-4-5 TSV6392-3-4-5 TSV622-3-4-5 TSV6292-3-4-5 TSV6293AIST TSV6292AID_DT TSV6292ID_DT TSV6292AID/DT TSV6292ID/DT TSV6295IPT TSV6295AIPT TSV6294IPT TSV6294AIPT TSV6294A
OCR Text ...pA typ Micropackages: MiniSO-8, SOT23-8, MiniSO-10, TSSOP14, TSSOP16 EMI hardened operational amplifiers High tolerance to ESD: 4 kV HBM Ext...3 MHz while consuming only 29 A. They must be used in a gain configuration (equal or above +4 or -3)...
Description Micro-power CMOS op-amp
Micropower, wide bandwidth CMOS operational amplifiers

File Size 880.03K  /  25 Page

View it Online

Download Datasheet

    AAT4280IGU-3-T1 AAT4280IGU-2-T1 AAT4280 AAT4280IJS-1-T1 AAT4280IJS-2-T1 AAT4280IJS-3-T1 AAT4280IGU-1-T1 AAT4280-1 AAT428

http://
AAT[Advanced Analog Technology, Inc.]
Advanced Analogic Technologies
Advanced Analogic Techn...
Part No. AAT4280IGU-3-T1 AAT4280IGU-2-T1 AAT4280 AAT4280IJS-1-T1 AAT4280IJS-2-T1 AAT4280IJS-3-T1 AAT4280IGU-1-T1 AAT4280-1 AAT4280-2 AAT4280-3 AAT428006
OCR Text ...s available in a Pb-free, 6-pin SOT23 or 8-pin SC70JW package and is specified over the -40C to +85C temperature range. AAT4280 Featur...3 4, 6 AAT4280 SC70JW-8 2 4 3 1, 5, 6, 7, 8 Symbol OUT GND ON/OFF IN Function This pi...
Description Slew Rate Controlled Load Switch

File Size 342.74K  /  14 Page

View it Online

Download Datasheet

    Olson Technology, Inc.
Electronic Theatre Controls, Inc.
Part No. SMPN7310-sot23-3CA SMPN7320-sot23-3CA SMPN7380-SOT23-0S SMPN7310-SOT23-2ST SMPN7316-SOT23-2ST SMPN7316-SOT23-4CC
OCR Text ...ales@metelics.com surface mount sot23 smpn series pin diodes for rf switching and attenuating part id vbr ct series series carrier number co...3 ca 200 0.45 @50v 0.80 2.5 2500 smpn7453-sot23 4 cc 200 0.45 @50v 0.80 2.5 2500 smpn7380-sot23 0 s ...
Description 100 V, SILICON, PIN DIODE SOT-23, 3 PIN
200 V, SILICON, PIN DIODE

File Size 66.11K  /  2 Page

View it Online

Download Datasheet

    SOT23-8L

STMicroelectronics
Part No. SOT23-8L
OCR Text ...V IMPROVED LATCH-UP IMMUNITY SOT23-8L ORDER CODES PACKAGE SOT23-8L T&R 74V2G66STR DESCRIPTION The 74V2G66 is an advanced high-spee...3 4 8 SYMBOL 1I/O, 2I/O 1O/I, 2O/I 1C, 2C GND VCC NAME AND FUNCTION Independent Input/Output Indepen...
Description DUAL BILATERAL SWITCH

File Size 162.73K  /  9 Page

View it Online

Download Datasheet

    SOT23-3L

STMicroelectronics
Part No. sot23-3L
OCR Text ...2 23.63 21.27 8 103.96 55.13 sot23-3L D e GAUGE PLANE 0.25 L L1 E1 E b c e1 C C A2 May 2004 A1 A ...3.5 0.05 2.40 2.00 0.05 25 8.00 0.30 4.00 0.05 min to 0.50 max. 3000 pcs. 3000 pcs. inch 0.059 +0.00...
Description 3-LEAD SMALL OUTLINE TRANSISTOR 23

File Size 111.52K  /  4 Page

View it Online

Download Datasheet

For sot23-3 Found Datasheets File :: 7800    Search Time::1.593ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sot23-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.5193030834198