Part Number Hot Search : 
2903069 LTC3891 MMBZ5239 SMA11 2SK24 MERSEN 67L06 04598
Product Description
Full Text Search
  solder Datasheet PDF File

For solder Found Datasheets File :: 91653    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MLEGRN-A1-0000-000001 MLEGRN-A1-0000-000101 MLEGRN-A1-0000-000X01 MLEAWT-A1-0000-0002E7 MLEAWT-A1-0000-0003E5 MLEAWT-H1-

Cree, Inc
Part No. MLEGRN-A1-0000-000001 MLEGRN-A1-0000-000101 MLEGRN-A1-0000-000X01 MLEAWT-A1-0000-0002E7 MLEAWT-A1-0000-0003E5 MLEAWT-H1-0000-0001E7 MLEAWT-H1-0000-0003E1 MLEAWT-H1-0000-0003E3 MLEAWT-A1-0000-000351 MLEAWT-P1-0000-0001E7 MLEAWT-U1-0000-0000E7 MLEAMB-A1-0000-000X01 MLEAWT-A1-0000-0001E7 MLEAWT-A1-0000-0002E5 MLEAWT-A1-0000-000451 MLEBLU-A1-0000-000U01 MLESWT-A1-0000-0002E5 MLESWT-A1-0000-000351 MLESWT-A1-0000-0002E7 MLESWT-A1-0000-0001E7 MLESWT-A1-0000-0003E5 MLESWT-A1-0000-000451 MLEROY-A1-0000-000501 MLESWT-H1-0000-0003E1
OCR Text ...thermal resistance, junction to solder point - white, royal blue, blue c/w 11 thermal resistance, junction to solder point - green, red c/w 15 thermal resistance, junction to solder point - amber c/w 24 viewing angle (fwhm) - white degrees ...
Description Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?CRI minimum

File Size 1,331.29K  /  26 Page

View it Online

Download Datasheet





   
Part No. TR2/6125FA250MA
OCR Text ...s with the eia-is-722 standard ?solder immersion compatible ?targeted for consumer electronics ?overcurrent protection of systems up to 125vac/dc ?wire--n--ir design agency information ? ul listed guide and file numbers (250ma-12a): jdyx & ...
Description FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 50A (IR), SURFACE MOUNT

File Size 129.78K  /  2 Page

View it Online

Download Datasheet

    TYCO ELECTRONICS ALCOSWITCH
Part No. TPF21RGPCES0
OCR Text ... elv/rohs compliant l lead free solder processes = wave solder capable to 240?c , wave solder capable to 260?c , wave solder capable to 265?c conditions for usage: l temperature rating = high packaging related features: l packaging method...
Description PUSHBUTTON SWITCH, DPDT, MOMENTARY, THROUGH HOLE-STRAIGHT

File Size 117.05K  /  1 Page

View it Online

Download Datasheet

    椋???″????浣?涓??)??????
Part No. MPXV5010D
OCR Text ...e correct size to ensure proper solder connection interface between the board and the package. with the correct footprint, the packages will se lf align when subjected to a solder reflow process. it is always recommended to design board...
Description Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated

File Size 438.93K  /  18 Page

View it Online

Download Datasheet

   
Part No. IM04GR
OCR Text ...liant, elv com pliant lead free solder processes = ref low solder capable to 245c, ref low solder capable to 260c rohs/elv com pliance history = converted to com ply with rohs directive other: brand = axicom pin conf iguration = dip pro...
Description RF RELAY, DPDT, MOMENTARY, 0.023A (COIL), 6VDC (COIL), 140mW (COIL), 2A (CONTACT), 220VDC (CONTACT), 900MHz, SURFACE MOUNT-STRAIGHT

File Size 75.34K  /  2 Page

View it Online

Download Datasheet

    POSITRONIC INDUSTRIES INC
Part No. GF1M1FADS4L
OCR Text ... te r m i nations : crimp, wire solder, straight solder, right angle solder and straight press-fit configurations : multiple variants in both standard and high densities qualifications : mil-dtl-24308, goddard space flight 311p, mil-...
Description 2 CONTACT(S), FEMALE AND MALE, POWER CONNECTOR, solder

File Size 1,401.98K  /  5 Page

View it Online

Download Datasheet

    ECLIPTEK CORP
Part No. E1SAA16-25.000MTR
OCR Text ...ler ances are 0.1 sug g ested solder p ad la y out solder land (x2) all dimensions in millimeters dia 50 min dia 20.2 min dia 13.0 0.2 2.5 min width 10.0 min depth t ape slot in core f or t ape star t dia 40 min access hole at slot ...
Description QUARTZ CRYSTAL RESONATOR, 25 MHz

File Size 191.65K  /  5 Page

View it Online

Download Datasheet

    ECLIPTEK CORP
Part No. E1SAA16-13.500M
OCR Text ...ler ances are 0.1 sug g ested solder p ad la y out solder land (x2) all dimensions in millimeters t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recomm...
Description CRYSTALS 50/100 0 70 16PF 13.500MHZ ATCUT FUND HC-49/UP

File Size 120.87K  /  4 Page

View it Online

Download Datasheet

    TYCO ELECTRONICS ALCOSWITCH
Part No. TPF21RGPC2
OCR Text ... elv/rohs compliant l lead free solder processes = wave solder capable to 240?c , wave solder capable to 260?c , wave solder capable to 265?c conditions for usage: l temperature rating = high packaging related features: l packaging method...
Description PUSHBUTTON SWITCH, DPDT, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT

File Size 115.44K  /  1 Page

View it Online

Download Datasheet

    NCSL119BT

NICHIA CORPORATION
Part No. NCSL119BT
OCR Text ...w soldering condition(lead-free solder) ? recommended hand soldering condition temperature 350c max soldering time 3sec max recommended soldering pad pattern ( g unit: mm) 4.1 3.5 0.6 * this led is designed to be ...
Description SPECIFICATIONS FOR WARM WHITE LED

File Size 339.74K  /  22 Page

View it Online

Download Datasheet

For solder Found Datasheets File :: 91653    Search Time::1.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of solder

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5450489521027