Part Number Hot Search : 
BD414 BD414 AD7705BR R7600U 4R3ML SR106 SP432 5KE440A
Product Description
Full Text Search
  sol spring Datasheet PDF File

For sol spring Found Datasheets File :: 26    Search Time::2.484ms    
Page :: | <1> | 2 | 3 |   

    Yuken
Part No. DSHG-01 DSHG-03
OCR Text ...ck pressure n operating force sol a sol b l' l no.3 solenoid controlled pilot operated directional valves pilot operated directional valve...spring detent type and no-spring type valves are used in the solenoid de-energised state, install t...
Description Pilot Operated Directional Valves

File Size 1,205.70K  /  51 Page

View it Online

Download Datasheet





    SGS Thomson Microelectronics
Part No. AN260
OCR Text ...void straining the device after sol- dering. if a heatsinkis used and it is mounted on the pc board it should be attached to the ic be- fore...spring clip may also be used as shown in figure 5b. the screw should be properly tightened to ensure...
Description HANDLING AND MOUNTING ICS IN PLASTIC POWER PACKAGES

File Size 188.50K  /  7 Page

View it Online

Download Datasheet

    Japan Aviation Electron...
Part No. DF02HCLP03B DF02HCLP06B AT250-DF02-2 AT250-DF02-1 DF02C036A11 DF02C014A11 DF02D014A11 DF02F036A11 DF02D026A21 AT214-DF02-1
OCR Text ...o. hood type c: straight short (sol dering plug cannot be used) d: straight long f: angle long no. of contacts lock type a: lock spring b: screw lock applicable cable 1: standard 2: thick cable compatible df02******* <when mated> <when mate...
Description Half-pitch (1.27mm) Interface Connector
   Half-pitch (1.27mm) Interface Connector

File Size 562.43K  /  11 Page

View it Online

Download Datasheet

    MILL-MAX MFG CORP
Part No. 5364-0-43-01-23-14-10-0
OCR Text ...hru-hole components in a reflow sol- dering process. the receptacles are placed into plated-thru-holes in the circuit board (solder paste has previously been screen printed on pads adjacent to the holes) and the board is reflowed in the sam...
Description BERYLLIUM COPPER ALLOY, GOLD FINISH, PCB TERMINAL

File Size 143.15K  /  2 Page

View it Online

Download Datasheet

    SOL7A4 SOL7B1 SOL7B3 SOL7B4

Cynergy3 Co
Part No. sol7A4 sol7B1 sol7B3 sol7B4
OCR Text sol series industrial solenoid valves the ol series is a range of 2-way solenoid valves which are pilot- s operated and are available in a c...spring load from the same diaphragm. when the coil is energised by acting on the electro-pilot, ther...
Description Industrial solenoid Valves

File Size 170.90K  /  2 Page

View it Online

Download Datasheet

    Optek Technology
Part No. OPB680
OCR Text .... . -40 o c to +100 o c lead sol der ing tem pera ture [1/16 inch (1.6 mm) from case for 5 sec. with sol der ing iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2...
Description Slotted Optical Flag Switch Types OPB680, OPB680-20

File Size 243.04K  /  2 Page

View it Online

Download Datasheet

    H21LOI

QT Optoelectronics
Part No. H21LOI
OCR Text ... temperature (iron) (3,4,5,6) t sol-i 240 for 5 sec c soldering temperature (flow) (3,4,6) t sol-f 260 for 10 sec c emitter continuous forward current i f 50 ma reverse voltage v r 5v power dissipation (1) p d 100 mw sensor output current ...
Description 3.15 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT

File Size 153.63K  /  4 Page

View it Online

Download Datasheet

    H22LOI

QT Optoelectronics
Part No. H22LOI
OCR Text ... temperature (iron) (3,4,5,6) t sol-i 240 for 5 sec c soldering temperature (flow) (3,4,6) t sol-f 260 for 10 sec c emitter continuous forward current i f 50 ma reverse voltage v r 5v power dissipation (1) p d 100 mw sensor output current ...
Description 3.15 mm SLOT WIDTH, 1 CHANNEL SLOTTED OPTICAL SWITCH LOGIC OUTPUT

File Size 163.84K  /  4 Page

View it Online

Download Datasheet

    Fairchild Semiconductor, Corp.
Part No. LED55CB
OCR Text ...perature (iron) (3,4,5 and 6) t sol-i 240 for 5 sec c soldering temperature (flow) (3,4 and 6) t sol-f 260 for 10 sec c continuous forward c...spring tension 7. total power output, p o , is the total power radiated by the device into a solid a...
Description GaAs Infrared Emitting Diode; Package: TO-46; No of Pins: 2; Container: Bulk 1 ELEMENT, INFRARED LED, 940 nm

File Size 136.99K  /  6 Page

View it Online

Download Datasheet

For sol spring Found Datasheets File :: 26    Search Time::2.484ms    
Page :: | <1> | 2 | 3 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sol spring

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5404748916626