Part Number Hot Search : 
E005113 ON0640 MAX11500 31MR71 T2222 CDLL4575 3SH21 1N5382B
Product Description
Full Text Search
  sod923 Datasheet PDF File

For sod923 Found Datasheets File :: 13    Search Time::0.953ms    
Page :: | <1> | 2 |   

    AOZ8211 AOZ8211NI-05L

Alpha & Omega Semiconductors
Part No. AOZ8211 AOZ8211NI-05L
OCR Text ...one TVS diode in an ultra-small sod923 package. During transient conditions, the one-line TVS diode directs the transient to ground. It may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (15kV air, 8kV contact disch...
Description One-line TVS Diode

File Size 290.81K  /  6 Page

View it Online

Download Datasheet





    VESD05A1B-02Z VESD05A1B-02Z-GS08

Vishay Siliconix
Part No. VESD05A1B-02Z VESD05A1B-02Z-GS08
OCR Text sod923 Features * Single-line ESD-protection device * ESD-immunity acc. IEC 61000-4-2 > 20 kV contact discharge > 30 kV air discharge * Tiny sod923 package * Package height = 0.4 mm * Typ. capacitance 12 pF (VR = 2.5 V; f = 1 MHz) * Lea...
Description ESD-Protection Diode in sod923

File Size 108.23K  /  7 Page

View it Online

Download Datasheet

    AOZ8231 AOZ8231NI-05L

Alpha & Omega Semiconductors
Part No. AOZ8231 AOZ8231NI-05L
OCR Text ...one TVS diode in an ultra-small sod923 package. It may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (15kV air, 8kV contact discharge). The AOZ8231 comes in an RoHS compliant sod923 package and is rated over a -40C...
Description One-line Bi-directional TVS Diode

File Size 264.53K  /  6 Page

View it Online

Download Datasheet

    VESD03A1C-02Z VESD03A1C-02Z-GS08

Vishay Siliconix
Part No. VESD03A1C-02Z VESD03A1C-02Z-GS08
OCR Text ...hay.com esd-protection diode in sod923 features ? single-line esd-protection device ? esd-immunity acc. iec 61000-4-2 > 30 kv contact discharge > 30 kv air discharge ? tiny sod923 package ? package height = 0.4 mm ? typ. capacitance 46...
Description ESD-Protection Diode in sod923

File Size 127.33K  /  7 Page

View it Online

Download Datasheet

    VCUT0714A-02Z VCUT0714A-02Z-GS08

Vishay Siliconix
Part No. VCUT0714A-02Z VCUT0714A-02Z-GS08
OCR Text ...e line esd-protection diode in sod923 vcut0714a-02z vishay semiconductors marking (example only) bar = pin 1 marking y = type code (see table below) x = date code features ? tiny sod-923 package ? package height < 0.4 mm ? working rang...
Description Bidirectional Asymmetrical (BiAs) Single Line ESD-Protection Diode in sod923

File Size 110.55K  /  5 Page

View it Online

Download Datasheet

    VISHAY SEMICONDUCTORS
Part No. VESD05A1-02V-GS08
OCR Text ...hay.com esd-protection diode in sod923 features ? single-line esd-protection device ? esd-immunity acc. iec 61000-4-2 > 30 kv contact discharge > 30 kv air discharge ? tiny sod923 package ? package height = 0.4 mm ? typ. capacitance 38...
Description 192 W, BIDIRECTIONAL, SILICON, TVS DIODE

File Size 145.45K  /  7 Page

View it Online

Download Datasheet

    SDM0230CSP

Diodes Incorporated
Part No. SDM0230CSP
OCR Text ...rint ? 70% smaller than dfn1006/sod923 ? off board profile of 0.3mm ? more than 30% thinner than the dfn1006 ? low forward voltage of 0.50v (max) ? minimises power dissipation losses ? low leakage ? maximises battery power ? ...
Description 0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE

File Size 252.58K  /  4 Page

View it Online

Download Datasheet

    SDM02U30LP3

Diodes Incorporated
Part No. SDM02U30LP3
OCR Text ...rint ? 70% smaller than dfn1006/sod923 ? off board profile of 0.35mm ? 30% thinner than the dfn1006 ? low forward voltage of 0.37v (max) ? minimises power dissipation losses ? low leakage ? maximises battery power ? totally ...
Description ULTRA-SMALL SURFACE MOUNT SCHOTTKY DIODE

File Size 156.61K  /  4 Page

View it Online

Download Datasheet

    Diodes
Part No. SDM0230CSP
OCR Text ...rint ? 70% smaller than dfn1006/sod923 ? off board profile of 0.3mm ? more than 30% thinner than the dfn1006 ? low forward voltage of 0.50v (max) ? minimises power dissipation losses ? low leakage ? maximises battery power ? ...
Description 0.2A SCHOTTKY BARRIER DIODE CHIP SCALE PACKAGE

File Size 309.33K  /  4 Page

View it Online

Download Datasheet

    Union Semiconductor, Inc.
Part No. UM50125 UM50129
OCR Text .../fbp2 1.0 0.6 (compatible with sod923 & sod882) package, both with working voltages of 12 volt. it gives designer the flexibility to protect one unidirectional line in applications where arrays are not practical. a dditionally, it may be...
Description Single Line ESD Protection Diode Array

File Size 207.73K  /  7 Page

View it Online

Download Datasheet

For sod923 Found Datasheets File :: 13    Search Time::0.953ms    
Page :: | <1> | 2 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sod923

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.51084399223328