Part Number Hot Search : 
SLA7620 MCR707A EUR29DX MAX9719C ULN2004 2R043 PC811 BTB857D3
Product Description
Full Text Search
  smd0.5 Datasheet PDF File

For smd0.5 Found Datasheets File :: 48    Search Time::4.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

    MB86330 MB86330CR-ES

Fujitsu Microelectronics
FUJITSU[Fujitsu Media Devices Limited]
Part No. MB86330 MB86330CR-ES
OCR Text ...l memory WAIT mode WMD1 0 0 1 1 SMD0 0 1 0 1 Wait cycle 0 cyc 5 cyc 15 cyc 30 cyc Can data be rewritten? No No Yes Yes 174 49 177 222 44 151 89 19, 205 67, 132, 237 F1 F0 XRST SCKOUT SCZC BOOT BTACT PAGE [1:0] ST [2:0] 1 1 1 1 1 1 ...
Description Processor Digital Signal Processor CMOS - 16-bit Fixed-point DSP

File Size 170.37K  /  46 Page

View it Online

Download Datasheet





    SN11012

SONIX[SONiX Technology Company]
Part No. SN11012
OCR Text ...D 2 SMD6 3 SMD2 4 SMD7 5 SMD1 6 SMD0 7 SMWP 8 SMRB 9 SMWE 10 SMRE 11 SMALE 12 GND 13 VDD 14 SMCLE 15 FLCE 16 NC 17 NC 18 NC 19 LED 20 RSTN 21 TEST 22 SMCE 23 XIN 24 XOUT 25 SMCDET DO 8mA PD DI DI DO 8mA I O DI PU PU PU PD PWR DIO 8mA PD DIO...
Description 3.3 V, USB to SM/flash interface controller, mass storage class compliant

File Size 521.81K  /  7 Page

View it Online

Download Datasheet

    LR38516

Sharp Corporation
SHARP[Sharp Electrionic Components]
Part No. LR38516
OCR Text ...22 D23 D24 D25 D26 NAME SD0-SD9 SMD0 SMD1 TVMD PWSA ML1 ML2 MA1 MA2 PLCH MR1 MR2 MC1 MC2 MS1 MS2 MF1 MF2 Phase control Polarity control of F...5.00.5 V, TOPR = -20 to +70 C) PARAMETER Input "Low" voltage Input "High" voltage Input "Low" volta...
Description Timing Generator IC for 350 k-pixel Progressive Scan Color CCDs

File Size 62.81K  /  8 Page

View it Online

Download Datasheet

    Fujitsu
Part No. MB86330
OCR Text ...l memory WAIT mode WMD1 0 0 1 1 SMD0 0 1 0 1 Wait cycle 0 cyc 5 cyc 15 cyc 30 cyc Can data be rewritten? No No Yes Yes 174 49 177 222 44 151 89 19, 205 67, 132, 237 F1 F0 XRST SCKOUT SCZC BOOT BTACT PAGE [1:0] ST [2:0] 1 1 1 1 1 1 ...
Description 16-bit Fixed-point DSP

File Size 265.85K  /  46 Page

View it Online

Download Datasheet

    SEME-LAB[Seme LAB]
Part No. BSV62SMD05
OCR Text ...NTXV and JANS specifications smd0.5 (TO276AA) PINOUTS 1 - Base 2 - Collector 3 - Emitter Parameter VCEO* IC(CONT) hFE ft PD Test Conditions Min. Typ. Max. 40 5 Units V A Hz @ 2/2 (VCE / IC) 40 50M 120 6.2 ...
Description Bipolar NPN Device in a Hermetically sealed Ceramic Surface Mount Package for High Reliabilty Applications

File Size 10.21K  /  1 Page

View it Online

Download Datasheet

    SONIX[SONiX Technology Company]
Part No. SN11030
OCR Text ...SMD2 CFD13_SMD7 CFD6_SMD1 CFD14_SMD0 SMWP SMRB VDD CFD7_SMWE Type Drive Special Description PWR DIO 8mA PD DIO 8mA PD DIO 8mA PD DIO 8mA PD ...5 / SM data bit 2 ATA data bit 13 / SM data bit 7 ATA data bit 6 / SM data bit 1 ATA data bit 14 / S...
Description 3.3 V, USB to CF/ATA/SM/flash interface controller, mass storage class compliant

File Size 234.91K  /  8 Page

View it Online

Download Datasheet

    BSX64SMD05

Seme LAB
Part No. BSX64SMD05
OCR Text ...NTXV and JANS specifications smd0.5 (TO276AA) PINOUTS 1 - Base 2 - Collector 3 - Emitter Parameter VCEO* IC(CONT) hFE ft PD Test Conditions Min. Typ. Max. 80 3 Units V A Hz @ 1/1 (VCE / IC) 63 30M 160 5 ...
Description Bipolar NPN Device in a Hermetically sealed Ceramic Surface Mount Package for High Reliability Applications

File Size 10.54K  /  1 Page

View it Online

Download Datasheet

    BUX50SMD05

Seme LAB
Part No. BUX50SMD05
OCR Text ...NTXV and JANS specifications smd0.5 (TO276AA) PINOUTS 1 - Base 2 - Collector 3 - Emitter Parameter VCEO* IC(CONT) hFE ft PD Test Conditions Min. Typ. Max. 125 3.5 Units V A Hz @ 4/1.5 (VCE / IC) 20 8M 60 10...
Description Bipolar NPN Device in a Hermetically sealed

File Size 10.38K  /  1 Page

View it Online

Download Datasheet

    2N3879SMD05

Seme LAB
Part No. 2N3879SMD05
OCR Text ...NTXV and JANS specifications smd0.5 (TO276AA) PINOUTS 1 - Base 2 - Collector 3 - Emitter Parameter VCEO* IC(CONT) hFE ft PD Test Conditions Min. Typ. Max. 75 7 Units V A Hz @ 2/4 (VCE / IC) 12 40M 100 20 ...
Description Bipolar NPN Device in a Hermetically sealed

File Size 10.37K  /  1 Page

View it Online

Download Datasheet

    2N3766SMD05

Seme LAB
Part No. 2N3766SMD05
OCR Text ...NTXV and JANS specifications smd0.5 (TO276AA) PINOUTS 1 - Base 2 - Collector 3 - Emitter Parameter VCEO* IC(CONT) hFE ft PD Test Conditions Min. Typ. Max. 60 4 Units V A Hz @ 5/0.5 (VCE / IC) 40 10M 160 25 ...
Description Bipolar NPN Device in a Hermetically sealed

File Size 10.37K  /  1 Page

View it Online

Download Datasheet

For smd0.5 Found Datasheets File :: 48    Search Time::4.859ms    
Page :: | <1> | 2 | 3 | 4 | 5 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of smd0.5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.79214811325073