Part Number Hot Search : 
SN54L MAX15012 D2030 LM4040 166TQC W83977EF IRFP260P V603ME19
Product Description
Full Text Search
  sink Datasheet PDF File

For sink Found Datasheets File :: 62340    Search Time::1.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Y2123420R220F0L Y2123420R220A0L Y2123420R220A9L Y2123420R220B0L Y2123420R220B9L Y2123420R220C0L Y2123420R220C9L Y2123420

Vishay Siliconix
Part No. Y2123420R220F0L Y2123420R220A0L Y2123420R220A9L Y2123420R220B0L Y2123420R220B9L Y2123420R220C0L Y2123420R220C9L Y2123420R220D0L Y2123420R220D9L Y2123420R220F9L Y2123420R220Q0L Y2123420R220Q9L Y2123420R220T0L Y2123420R220T9L
OCR Text ...090 0.010 (2.29 0.25) Heat sink After Forming Flush with Heat sink Within 0.002 ( 0.05) FIGURE 6 - LAND PATTERN DIMENSIONS in inches (millimeters) 0.050 0.010 (1.27 0.25) 0.120 0.010 (3.05 0.25) Document Number: ...
Description Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 卤 0.05 ppm/掳C,
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 隆戮 0.05 ppm/隆?C,
Ultra High Precision Z-Foil Surface Mount Power Resistor in TO-220 Configuration with TCR of 【 0.05 ppm/∑C,

File Size 114.37K  /  5 Page

View it Online

Download Datasheet





    2SA1096 2SA1096A 2SC2497A 2SC2497

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1096 2SA1096A 2SC2497A 2SC2497
OCR Text ...te for installation to the heat sink 8.0+0.5 -0.1 3.160.1 3.80.3 11.00.5 3.20.2 1.90.1 I Absolute Maximum Ratings TC = 25C Parameter Collector to base voltage Collector to emitter voltage 2SC2497 2SC2497A VEBO ICP IC PC Tj Ts...
Description    Silicon NPN epitaxial planar type(For low-frequency power amplification)

File Size 68.48K  /  4 Page

View it Online

Download Datasheet

    UC2845DR2 UC2845DR2G UC3845N

ON Semiconductor
Part No. UC2845DR2 UC2845DR2G UC3845N
OCR Text ...rrent Output Current, Source or sink (Note 1) Output Energy (Capacitive Load per Cycle) Current Sense and Voltage Feedback Inputs Error Amp Output sink Current Power Dissipation and Thermal Characteristics D Suffix, Plastic Package, Case 75...
Description High Performance Current Mode Controllers

File Size 614.47K  /  16 Page

View it Online

Download Datasheet

    2SA2064

PANASONIC[Panasonic Semiconductor]
Part No. 2SA2064
OCR Text ...35 (1) TC = Ta (2) Without heat sink -7 -6 30 IC VBE Collector to emitter saturation voltage VCE(sat) (V) VCE = -2 V -10 VCE(sat) IC IC / IB = 20 Collector power dissipation PC (W) Collector current IC (A) (1) 25 20 15 ...
Description Silicon PNP epitaxial planar type

File Size 70.35K  /  3 Page

View it Online

Download Datasheet

    Maxim
Part No. MAX16071
OCR Text ...io_) output-voltage low v ol i sink = 2ma 0.4 v i sink = 10ma, gpio_ only 0.7 v cc = 1.2v, i sink = 100a (reset only) 0.3 maximum output sink current total current into reset, gpio_, v cc = 3.3v 30 ma output-voltage high (push-pu...
Description (MAX16070 / MAX16071) Flash-Configurable System Monitors

File Size 1,822.23K  /  51 Page

View it Online

Download Datasheet

    2SA886 2SA0886

PANASONIC[Panasonic Semiconductor]
Part No. 2SA886 2SA0886
OCR Text ...te for installation to the heat sink 1.90.1 1: Emitter 2: Collector 3: Base TO-126B-A1 Package 3.050.1 Features 11.00.5 1 2SA0886 PC Ta 1.6 -4.0 -3.5 IC VCE TC=25C IB=-40mA -35mA VCE(sat) IC Collector-emi...
Description Power Device - Power Transistors - Others
Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary)

File Size 89.38K  /  5 Page

View it Online

Download Datasheet

    TA8851BNG TA8851CNG

Toshiba Semiconductor
Part No. TA8851BNG TA8851CNG
OCR Text ...tude is 2.0Vp-p. These pins can sink a maximum current of 3.0mA. 47 : CLAMP1 37 : CLAMP2 Clamp Filter These pins are a filter terminal for the clamp circuit to maintain the monitor output at a constant DC level. If these pins are t...
Description AUDIO / VIDEO SWITCH IC FOR TV WITH S-TERMINALS

File Size 1,290.06K  /  48 Page

View it Online

Download Datasheet

    2SB1071 2SB1071A

PANASONIC[Panasonic Semiconductor]
Part No. 2SB1071 2SB1071A
OCR Text ...ch can be installed to the heat sink with one screw 16.70.3 7.50.2 3.10.1 Absolute Maximum Ratings TC = 25C Parameter Collector-base voltage (Emitter open) 2SB1071 2SB1071A VCEO VEBO IC ICP PC Tj Tstg Ta = 25C Junction temperat...
Description Silicon PNP epitaxial planar type

File Size 83.97K  /  4 Page

View it Online

Download Datasheet

    2SB1148 2SB1148A B1148

Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
Part No. 2SB1148 2SB1148A B1148
OCR Text ... -12 (1) TC=Ta (2) Without heat sink (PC=1.3W) 15 IB=-100mA -10 -80mA -60mA -50mA -40mA -6 -35mA -30mA -25mA -4 -20mA -15mA -2 (2) 0 0 20 40 60 80 100 120 140 160 0 0 -2 -4 -6 -8 -10 -12 -10mA -5mA TC=25C 2SB1148, 2SB1148A IC -- VCE Co...
Description Silicon PNP epitaxial planar type(For low-voltage switching)

File Size 57.43K  /  3 Page

View it Online

Download Datasheet

For sink Found Datasheets File :: 62340    Search Time::1.266ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sink

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.87128114700317