Part Number Hot Search : 
DFH10TL 2N339001 TCC110 10A20F CDRH6D28 D1103 82C55 MAXQ1851
Product Description
Full Text Search
  single-sided Datasheet PDF File

For single-sided Found Datasheets File :: 5337    Search Time::1.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    NE57811 NE57811S

NXP Semiconductors N.V.
PHILIPS[Philips Semiconductors]
Part No. NE57811 NE57811S
OCR Text ...811S SPAK-5 DESCRIPTION plastic single-ended surface mounted package; 5 leads VERSION SOT756 TEMPERATURE RANGE 0 C to +70 C Part number m...sided PCB with some plated-through holes to help transfer heat to the bottom side, the thermal resis...
Description Advanced DDR memory termination power with shutdown 先进的DDR存储器终端电源与关机

File Size 131.81K  /  13 Page

View it Online

Download Datasheet





    PSS8050 PSS8050D

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. PSS8050 PSS8050D
OCR Text ...ted on a printed-circuit board; single sided copper; tinplated; standard footprint. 2. Device mounted on a printed-circuit board; single sided copper; tinplated; mounting pad for collector 1 cm2. 3. Device mounted on a printed-circuit board...
Description PSS8050; NPN medium power 25 V transistor

File Size 97.19K  /  10 Page

View it Online

Download Datasheet

    TLP921

Toshiba, Corp.
Toshiba Corporation
TOSHIBA[Toshiba Semiconductor]
Part No. TLP921
OCR Text ... or thinner Positioning pin and single-sided screw-mount type Short lead type: Lead length = 2.8 0.3 mm Phototransistor impermeable to visible light Package material: polybutylene-terephthalate (UL94V-0, black) Maximum Ratings (Ta = 25C...
Description Toshiba Photoreflective sensor Infrared LED Phototransistor Inkjet printers ink-level monitoring 东芝Photoreflective传感器的红外发光二极管光电晶体管喷墨打印机墨水一级的监测

File Size 171.20K  /  8 Page

View it Online

Download Datasheet

    UPD16633B UPD16633BN

NEC[NEC]
Part No. UPD16633B UPD16633BN
OCR Text ...ine inversion when mounted on a single side, this source driver is equipped with a built-in 6-bit D/A converter circuit whose odd output pin...sided mounting. Therefore, please do not use it for -corrected power supply level inversion in doubl...
Description 312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES

File Size 105.83K  /  20 Page

View it Online

Download Datasheet

    UPD16634A UPD16634AN

NEC[NEC]
Part No. UPD16634A UPD16634AN
OCR Text ...ine inversion when mounted on a single side, this source driver equipped with a built-in 6-bit D/A converter circuit whose odd output pins a...sided mounting. Therefore, please do not use it for -corrected power supply level inversion in doubl...
Description 300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE

File Size 113.27K  /  20 Page

View it Online

Download Datasheet

    UPD3719 UPD3719D

NEC[NEC]
Part No. UPD3719 UPD3719D
OCR Text ...0600 pixels, and each row has a single-sided readout type of charge transfer register. It has reset feed-through level clamp circuits and voltage amplifiers. Moreover, a large dynamic range is realized by using a large saturation voltage an...
Description 10600 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR

File Size 141.58K  /  20 Page

View it Online

Download Datasheet

    UPD3794 UPD3794CY

NEC[NEC]
Part No. UPD3794 UPD3794CY
OCR Text ...2700 pixels, and each row has a single-sided readout type of charge transfer register. And it has reset feed-through level clamp circuits, a clamp pulse generation circuit, an RGB selector and voltage amplifiers. Therefore, it is suitable f...
Description 2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR

File Size 163.76K  /  20 Page

View it Online

Download Datasheet

    UPD3798 UPD3798CY

NEC[NEC]
Part No. UPD3798 UPD3798CY
OCR Text ...5348 pixels, and each row has a single-sided readout type of charge transfer register. And it has reset feed-through level clamp circuits and voltage amplifiers. Therefore, it is suitable for 600 dpi/A4 color image scanners, color facsimile...
Description 5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR

File Size 105.45K  /  20 Page

View it Online

Download Datasheet

    UPD3799 UPD3799CY

NEC[NEC]
Part No. UPD3799 UPD3799CY
OCR Text ...5300 pixels, and each row has a single-sided readout type of charge transfer register. And it has reset feed-through level clamp circuits, clamp pulse generation circuit and voltage amplifiers. Therefore, it is suitable for 600 dpi/A4 color...
Description 5300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR

File Size 112.55K  /  20 Page

View it Online

Download Datasheet

For single-sided Found Datasheets File :: 5337    Search Time::1.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of single-sided

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.57615900039673