|
|
![](images/bg04.gif) |
![PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-0515E PZ8GG-1205E PZ8GG-1212E PZ8GG-1215E PZ8GG-1505E PZ8GG-1512E](Maker_logo/list_of_unclassifed_manufacturers.GIF)
Electronic Theatre Controls, Inc. PEAK[PEAK electronics GmbH] ETC[ETC] List of Unclassifed Manufacturers
|
Part No. |
PZ8GG-1515E PZ8GG PZ8GG-0505E PZ8GG-0512E PZ8GG-0515E PZ8GG-1205E PZ8GG-1212E PZ8GG-1215E PZ8GG-1505E PZ8GG-1512E
|
Description |
Input voltage:12V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 12V (125mA), 0.5KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 0.5KV isolated 1.5W regulated single output FERRITE CHIP 40 OHM 550MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP BEAD 80 OHM SMD 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 1000 OHM 200MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 470 OHM 250MA 0402 0.5千伏隔震1.5糯稳压单输出SIP12 FERRITE CHIP 120 OHM 400MA 0402 FERRITE CHIP 240 OHM 300MA 0402 FERRITE CHIP 300 OHM 250MA 0402 FERRITE CHIP 600 OHM 250MA 0402 FERRITE CHIP BEAD 600 OHM SMD PZ8GGxxxxE 0.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
File Size |
111.16K /
2 Page |
View
it Online |
Download Datasheet
|
|
|
![](images/bg04.gif) |
![M38B40EEH-XXXXFP M38B46MAH-XXXXFP M38B45M7H-XXXXFP M38B42M8H-XXXXFP M38B42MAH-XXXXFP M38B42MDH-XXXXFP M38B42MEH-XXXXFP M](Maker_logo/mitsubishi_electric_semiconductor.GIF)
Panasonic Industrial Solutions Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor Mitsubishi Electric Sem...
|
Part No. |
M38B40EEH-XXXXFP M38B46MAH-XXXXFP M38B45M7H-XXXXFP M38B42M8H-XXXXFP M38B42MAH-XXXXFP M38B42MDH-XXXXFP M38B42MEH-XXXXFP M38B42M6H-XXXXFP M38B42M7H-XXXXFP M38B44MEH-XXXXFP M38B44MBH-XXXXFP M38B44M7H-XXXXFP M38B44M8H-XXXXFP M38B44M4H-XXXXFP M38B44E6H-XXXXFP M38B44MAH-XXXXFP M38B44E1H-XXXXFP M38B44E5H-XXXXFP M38B44E7H-XXXXFP M38B44EAH-XXXXFP M38B44EBH-XXXXFP M38B44MCH-XXXXFP M38B44M2H-XXXXFP M38B48E5H-XXXXFP M38B44EEH-XXXXFP M38B44M1H-XXXXFP M38B44ECH-XXXXFP M38B49MBH-XXXXFP M38B4 M38B40M3H-XXXXFP M38B44E3H-XXXXFP M38B49E3H-XXXXFP M38B47E3H-XXXXFP M38B43M3H-XXXXFP M38B40E3H-XXXXFP M38B46E3H-XXXXFP M38B46M3H-XXXXFP M38B48E3H-XXXXFP M38B45E3H-XXXXFP M38B49M3H-XXXXFP M38B40M1H-XXXXFP M38B46E1H-XXXXFP M38B48E1H-XXXXFP M38B41E1H-XXXXFP M38B43E1H-XXXXFP M38B42M1H-XXXXFP M38B42E1H-XXXXFP M38B45E1H-XXXXFP M38B46M1H-XXXXFP M38B47E1H-XXXXFP M38B43M1H-XXXXFP M38B40M2H-XXXXFP M38B42E2H-XXXXFP M38B43M2H-XXXXFP M38B40E2H-XXXXFP M38B45E5H-XXXXFP M38B43M5H-XXXXFP M38B40E7H-XXXXFP M38B40E6H-XXXXFP M38B46EBH-XXXXFP M38B46MBH-XXXXFP M38B47EBH-XXXXFP M38B47E7H-XXXXFP M38B40M7H-XXXXFP M38B42E7H-XXXXFP M38B46M7H-XXXXFP M38B43E7H-XXXXFP M38B49M7H-XXXXFP M38B45E7H-XXXXFP M38B49E7H-XXXXFP M38B48E7H-XXXXFP M38B
|
Description |
101FINHB-N5 120VAC FLASHING BL (NR) 单芯位CMOS微机 THERMO COMPENSATING ATT 6DB 单芯位CMOS微机 OSCILLATOR VC-TXO 16.80MHZ SMD 单芯位CMOS微机 ATTEN, VAR, 6DB, -.009TCA, SMD3 单芯位CMOS微机 single-chip 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 DC-DC Converter; Supply voltage:48V; Output voltage:5V; Number of Outputs:2; Power Rating:10W; Mounting Type:PC Board; Series:BXA; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Supply voltage Max:75V RoHS Compliant: Yes ATTEN,TEMP COMPSG,SM 4 DB,2W,DC-6GHZ FLASHLIGHT INDUSTRIAL LANTERN ATTENUATOR, THIN FILM CHIP ATTEN THN FLM CHP .060 X. OSC 3.3V SMT 7X5 CMOS Single Chip 8 Bits Microcomputer(8位单片机) single-chip 8-BIT CMOS MICROCOMPUTER隆隆隆隆隆隆 single-chip 8-BIT CMOS MICROCOMPUTER
|
File Size |
1,201.18K /
78 Page |
View
it Online |
Download Datasheet
|
|
![](images/findchips_sm.gif)
Price and Availability
|