Part Number Hot Search : 
MJE150 SK320 MS8870 TMPD2837 P4N80 RJN1163 MJE150 12K073
Product Description
Full Text Search
  single 12- 10- 8-bit rail-to- Datasheet PDF File

For single 12- 10- 8-bit rail-to- Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BRM-REEL7 AD5310BRMZ AD5310BRMZ-REEL

ANALOG DEVICES INC
AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BRM-REEL7 AD5310BRMZ AD5310BRMZ-REEL
Description 2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
2.7 V to 5.5 V, 140 A, rail-to-Rail Voltage Output 10-Bit DAC
2.7 V to 5.5 V, 140 uA, rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
2.7 V to 5.5 V/ 140 uA/ rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23
Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8
2.7 V to 5.5 V. 140 uA. rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23
2.7 V to 5.5 V, 140 µA, rail-to-Rail Voltage Output 10-Bit DAC
2.5 V to 5.5 V/ 115 uA/ Parallel Interface single Voltage-Output 8-/10-/12-Bit DACs

File Size 163.84K  /  12 Page

View it Online

Download Datasheet





    AD5330 AD5330BRU AD5331 AD5331BRU AD5333 AD5335 AD5336 AD5344 AD5342 AD5341 AD5341BRU AD5340BRU AD5340 3000 AD5300 AD530

Analog Devices Inc
AD[Analog Devices]
Part No. AD5330 AD5330BRU AD5331 AD5331BRU AD5333 AD5335 AD5336 AD5344 AD5342 AD5341 AD5341BRU AD5340BRU AD5340 3000 AD5300 AD5301 AD5302 AD5303 AD5304 AD5305 AD5306 AD5307 AD5310 AD5311 AD5312 AD5313 AD5314 AD5315 AD5316 AD5317 AD5320 AD5321 AD5322 AD5323 AD5324 AD5325 AD5326 AD5327 AD5332 AD5334 AD5343
Description 2.5V to 5.5V, 115A single rail-to-Rail Voltage Output 12-Bit DAC with Byte-Load Parallel Interface in 20-lead TSSOP
2.5V to 5.5V, 115A single rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 20-lead TSSOP
2.5V to 5.5V, 115A single rail-to-Rail Voltage Output 8-bit DAC with Parallel Interface in 20-lead TSSOP
From old datasheet system
D/A CONVERTER,single,8-bit,CMOS,SSOP,20PIN
2.5 V to 5.5 V, 115 uA, Parallel Interface single Voltage-Output 8-/10-/12-Bit DACs

File Size 355.25K  /  20 Page

View it Online

Download Datasheet

    LTC1821 LTC2630 LTC2621 LTC2624 LTC1660 LTC2600 LTC2601 LTC2602 LTC2604 LTC2640

Linear Technology
Part No. LTC1821 LTC2630 LTC2621 LTC2624 LTC1660 LTC2600 LTC2601 LTC2602 LTC2604 LTC2640
Description single 12-/10-/8-bit rail-to- Rail DACs
single 12-/10-/8-bit rail-to- Rail DACs with 10ppm/C Reference in SC70

File Size 350.86K  /  22 Page

View it Online

Download Datasheet

    AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 AD623A AD623AN AD623AR AD623ARM AD623ARM-REEL AD623ARM-REEL7 AD623AR-R

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD623B AD623BN AD623BR AD623BR-REEL AD623BR-REEL7 AD623A AD623AN AD623AR AD623ARM AD623ARM-REEL AD623ARM-REEL7 AD623AR-REEL AD623AR-REEL7 AD623 AD623-EVAL
Description single Supply, rail-to-Rail, Low Cost Instrumentation Amplifier INSTRUMENTATION AMPLIFIER, 350 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, PDIP8
RECTIFIER SCHOTTKY DUAL 60A 30V 500A-ifsm 0.55V-vf 20mA-ir TO-3P 30/TUBE
single Supply/ rail-to-Rail/ Low Cost Instrumentation Amplifier
single Supply, Rail-Rail, Low Cost Instrumentation Amplifiers
80-Lead Mixed Signal DSP with 5, 16-bit Sigma-Delta ADCs

File Size 962.12K  /  16 Page

View it Online

Download Datasheet

    AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR-2 AD7899BR-1 AD7899BR-3

TE Connectivity, Ltd.
adi
Analog Devices
Part No. AD7899 AD7899ARS-3 AD7899SR-1 AD7899ARS-1 AD7899AR-2 AD7899BR-1 AD7899BR-3
Description 12-Bit rail-to-Rail Micropower DAC with Clear Input; Package: PDIP; No of Pins: 8; Temperature Range: 0&deg;C to 70&deg;C 模拟到数字转换器14
Analog-to-Digital Converter14-Bit
12-Bit rail-to-Rail Micropower DACs in SO-8; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
Dual 12-Bit rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C
12-Bit rail-to-Rail Micropower DAC with Clear Input; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
Dual 12-Bit rail-to-Rail Micropower DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C
IC,A/D CONVERTER,single,14-BIT,CMOS,SOP,28PIN
5 V single Supply 14-Bit 400 kSPS ADC

File Size 240.79K  /  16 Page

View it Online

Download Datasheet

    Sanyo Electric Co., Ltd.
Sanyo Electric Co.,Ltd.
SANYO[Sanyo Semicon Device]
http://
Part No. LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC66P5316 LC662104A LC662106A LC662108A LC662304A LC662306A LC662308A LC662312A LC662316A LC662508A LC662512A LC662516A LC66304A LC66306A LC66308A LC66354A LC66354B LC66354C LC66354S LC66356A LC66356B LC66356C LC66356S LC66358A LC66358B LC66358C LC66358S LC66404A LC66406A LC66408A LC66506B LC66508B LC66512B LC66516B LC665304A LC665306A LC665308A LC66556A LC66556B LC66558A LC66558B LC66562A LC66566A LC66566B LC66E2108 LC66E2316 LC66E2516 LC66E408 LC66E516 LC66E5316 LC66P2316 LC66P408 LC66P516 LC662512AQFP64 LC662508ADIP64 LC662508AQFP64 LC662512ADIP64 LC662516ADIP64 LC662516AQFP64
Description Four-Bit single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM
Advanced LinCMOS(TM) rail-to-Rail Quad Operational Amplifier 14-TSSOP 0 to 70
Four-Bit single-Chip Microcontroller with 16 KB of On-Chip EPROM
Four-Bit single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM
Four-Bit single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM
4-bit Microcontroller with Built-in PROM

File Size 149.29K  /  17 Page

View it Online

Download Datasheet

    MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471EKA-T MAX4471ESA MAX4472 MAX4472ESD MAX4472EUD MAX4474 MAX4474EKA-T MAX

Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
MAXIM - Dallas Semiconductor
Part No. MAX4470 MAX4470EUK-T MAX4470EXK-T MAX4471 MAX4471EKA-T MAX4471ESA MAX4472 MAX4472ESD MAX4472EUD MAX4474 MAX4474EKA-T MAX4474ESA MAX4474EUA MAX4464 MAX4464EUK-T MAX4464EXK-T
Description single/Dual/Quad, !.8V/750nA, SC70, rail-to-Rail Op Amps OP-AMP, 15000 uV OFFSET-MAX, 0.009 MHz BAND WIDTH, PDSO5
single/Dual/Quad, !.8V/750nA, SC70, rail-to-Rail Op Amps 四路1.8V/750nA、SC70封装、满摆幅运算放大
single/Dual/Quad / !.8V/750nA / SC70 / rail-to-Rail Op Amps
"single, 1.8V/750nA, SC70, rail-to-Rail Op Amps"
single/Dual/Quad !.8V/750nA SC70 rail-to-Rail Op Amps
single/Dual/Quad, 1.8V/750nA, SC70, rail-to-Rail Op Amps

File Size 734.08K  /  14 Page

View it Online

Download Datasheet

    MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091-MAX4094 MAX4092ASA MAX4092AUA MAX4094 MAX4094ASD MAX4094AUD MAX4092 M

Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
MAXIM - Dallas Semiconductor
Part No. MAX4091 MAX4091ASA MAX4091AUA MAX4091AUK-T MAX4091-MAX4094 MAX4092ASA MAX4092AUA MAX4094 MAX4094ASD MAX4094AUD MAX4092 MAX4091ASAT
Description single/Dual/Quad, Micropower, single-Supply, rail-to-Rail Op Amps OP-AMP, 3500 uV OFFSET-MAX, 0.5 MHz BAND WIDTH, PDSO8
single/Dual/Quad / Micropower / single-Supply / rail-to-Rail Op Amps
single/Dual/Quad Micropower single-Supply rail-to-Rail Op Amps
"Dual, Micropower, single-Supply, rail-to-Rail I/O Op Amp"
"single, Micropower, single-Supply, rail-to-Rail I/O Op Amp in SOT23"
"Quad, Micropower, single-Supply, rail-to-Rail I/O Op Amp"

File Size 510.98K  /  16 Page

View it Online

Download Datasheet

    EL5244CS EL5246CS

Elantec Semiconductor
Part No. EL5244CS EL5246CS
Description 100 MHz single Supply Rail to Rail Amplifier
16-Bit Ultra-Low-Power Microcontroller,16kB EPROM, 512B RAM, 14 bit ADC, 84 segment LCD 68-JLCC

File Size 731.63K  /  20 Page

View it Online

Download Datasheet

    AD[Analog Devices]
Part No. AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCPZ-250RL7 AD5624BCPZ-REEL7 AD5624BRMZ AD5664 AD5664ARMZ AD5664ARMZ-REEL7 AD5664BCPZ-250RL7 AD5664BCPZ-REEL7 AD5664BRMZ
Description 2.7 V to 5.5 V, 450 μA, rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup>
2.7 V to 5.5 V, 450 µA, rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs®
2.7 V to 5.5 V, 450 レA, rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
2.7 V to 5.5 V, 450 μA, rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs

File Size 509.39K  /  24 Page

View it Online

Download Datasheet

For single 12- 10- 8-bit rail-to- Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of single 12- 10- 8-bit rail-to-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.44726896286011