Part Number Hot Search : 
AQY22 C865008 TNY256G 12S15 STH24D12 MAX23 CS080727 2N491
Product Description
Full Text Search
  single dual-voltage Datasheet PDF File

For single dual-voltage Found Datasheets File :: 42595    Search Time::1.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2802P-R-DUAL-FA 2802P-R-DUAL-SA 2802P-R-FA 2802P-R-SA 2802P-T-1310-FA 2802P-T-1310-SA

Emcore Corporation
Part No. 2802P-R-DUAL-FA 2802P-R-DUAL-SA 2802P-R-FA 2802P-R-SA 2802P-T-1310-FA 2802P-T-1310-SA
OCR Text single-mode fiber. Supports transmission of sub-band, low-band, FM, mid-band, and highband channels, adding flexibility to the system. Built...Dual Return Rx Model 2802PRO Transmitter Head End 20:1 6925 CWDM 2807NB Rx with Return ...
Description CATV Transmitter

File Size 112.51K  /  2 Page

View it Online

Download Datasheet





    PIC18LF13K50-E_P PIC18LF13K50-E_SO PIC18LF13K50-E_SS PIC18F13K50T-E_SS PIC18LF14K50T-E_SS PIC18F13K50T-I_MQ PIC18LF14K50

Microchip Technology
http://
Part No. PIC18LF13K50-E_P PIC18LF13K50-E_SO PIC18LF13K50-E_SS PIC18F13K50T-E_SS PIC18LF14K50T-E_SS PIC18F13K50T-I_MQ PIC18LF14K50T-I_MQ PIC18F13K50T-I_P PIC18LF14K50T-I_P PIC18F13K50T-I_SO PIC18LF14K50T-I_SO PIC18F13K50T-I_SS PIC18F13K50-E_P PIC18F13K50-E_SO PIC18F13K50-E_SS PIC18LF14K50-E_P PIC18LF14K50-E_SO PIC18LF14K50-E_SS PIC18F14K50-E_P PIC18F14K50-E_SO PIC18F14K50-E_SS PIC18LF14K50 PIC18LF14K50T-I_SS PIC18F13K50T-E/MQ PIC18F14K50T-E/MQ PIC18LF13K50T-E/MQ PIC18LF14K50T-E/MQ PIC18F13K50T-E/P PIC18F14K50T-E/P PIC18LF13K50T-E/P PIC18LF14K50T-E/P PIC18F13K50T-E/SO PIC18F14K50T-E/SO PIC18LF13K50T-E/SO PIC18LF14K50T-E/SO PIC18F13K50T-E/SS PIC18F14K50T-E/SS PIC18LF13K50T-E/SS PIC18LF14K50T-E/SS PIC18F13K50T-I/MQ PIC18F14K50T-I/MQ PIC18LF13K50T-I/MQ PIC18LF14K50T-I/MQ PIC18F13K50T-I/P PIC18F14K50T-I/P PIC18LF13K50T-I/P PIC18LF14K50T-I/P PIC18F13K50T-I/SO PIC18F14K50T-I/SO PIC18LF13K50T-I/SO PIC18LF14K50T-I/SO PIC18F13K50T-I/SS PIC18F14K50T-I/SS PIC18LF14K50-I/P PIC18LF13K50-I/P PIC18F13K50-I/MQ PIC18F14K50-I/MQ PIC18LF13K50-I/MQ PIC18LF14K50-I/MQ PIC18F13K50-I/P PIC18F14K50-I/P PIC18F14K50-E/MQ PIC18F14K50-E/P PIC18F14K50-E/SO PIC18LF14K50-E/SS PIC18LF14K50-E/MQ PIC18LF14K50-E/P PIC18LF14K50-
OCR Text ...y levels for Interrupts * 8 x 8 single-Cycle Hardware Multiplier Flexible Oscillator Structure: * CPU divider to run the core slower tha...dual port RAM used by the USB module which is shared with the data memory. Pin Diagrams 20-pin P...
Description 20-Pin USB Flash Microcontrollers with nanoWatt XLP Technology
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC20 5 X 5 MM, 0.90 MM HEIGHT, PLASTIC, QFN-20

File Size 3,608.36K  /  422 Page

View it Online

Download Datasheet

    MC33072PG MC34071 MC33071 MC33072AD MC33072ADG MC33072ADR2 MC34072VDR2G MC34074ADG MC33072DG MC34074ADR2G NCV33072 MC340

ON Semiconductor
Part No. MC33072PG MC34071 MC33071 MC33072AD MC33072ADG MC33072ADR2 MC34072VDR2G MC34074ADG MC33072DG MC34074ADR2G NCV33072 MC34072AMTTBG NCV3304A NCV33072DR2G MC34074DG MC33074ADTBG MC34071A10 MC34071PG MC34072DG MC33074ADG MC33074ADR2G MC34072VDG MC33072ADR2G MC33072APG ONSEMICONDUCTOR-NCV33074ADTBR2G MC34074APG MC33072DR2 MC33072DR2G
OCR Text single Supply 3.0 V to 44 V Operational Amplifiers Quality bipolar fabrication with innovative design concepts are employed for the MC33071...dual and quad operational amplifiers are available in plastic DIP, SOIC, QFN and TSSOP surface mount...
Description single Supply 3 V to 44 V, Low Input Offset Voltage, Dual Op Amp DUAL OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PQCC10
3-44V Quad Channel Operational Amplifier, Ta = 0 to 70&#0176;C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 QUAD OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14
3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85&#0176;C - Pb-free; Package: TSSOP-14; No of Pins: 14; Container: Rail; Qty per Container: 96 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14
single Supply 3.0 V to 44 V Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDIP8
single Supply 3.0 V to 44 V Operational Amplifiers DUAL OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8
3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85&#0176;C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tube; Qty per Container: 55 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14
3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85&deg;C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14
   single Supply 3.0 V to 44 V Operational Amplifiers

File Size 264.06K  /  25 Page

View it Online

Download Datasheet

    LT1806IS8-PBF LT1806IS8-TRPBF

Linear Technology
Part No. LT1806IS8-PBF LT1806IS8-TRPBF
OCR Text single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps DESCRIPTION The LT(R)1806/LT1807 are single/dual low noise rail-to-rail input and output unity-gain stable op amps that feature a 325MHz gain-bandwidth...
Description 325MHz, single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps

File Size 337.38K  /  28 Page

View it Online

Download Datasheet

    AD5235 AD5235BRU25 AD5235BRU250

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5235 AD5235BRU25 AD5235BRU250
OCR Text ..., Push Button Command +3 to +5V single Supply Operation 2.5V Dual Supply Operation 30 bytes of general purpose nonvolatile memory APPLICATIONS Mechanical Potentiometer Replacement Instrumentation: Gain, Offset Adjustment Programmable Voltag...
Description Audio digital potentiometers DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO16
Nonvolatile Memory/ Dual 1024 Position Digital Potentiometers
RES MF 1/8W 160K 1% 2PPM
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers

File Size 100.47K  /  10 Page

View it Online

Download Datasheet

    AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU

AD[Analog Devices]
Part No. AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU10-REEL7 AD5242BRU1M-REEL7 AD5241BR1M AD5241BRU10-REEL7 AD5241BRU100-REEL7 AD5241BRU1M-REEL7 AD5241BR10-REEL7 AD5241BR100-REEL7 AD5241 AD5242
OCR Text single-Supply 2.7 V to 5.5 V or Dual-Supply 2.7 V for AC or Bipolar Operation I2C Compatible Interface with Readback Capability Extra Programmable Logic Outputs Self-Contained Shutdown Feature Extended Temperature Range -40 C to +105 C APPL...
Description I2C Compatible 256-Position Digital Potentiometers

File Size 331.94K  /  16 Page

View it Online

Download Datasheet

For single dual-voltage Found Datasheets File :: 42595    Search Time::1.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of single dual-voltage

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.58184385299683