Part Number Hot Search : 
20A150CT X9313USM GT60M302 M48T02 14D221K C1363 BUL147 79L18
Product Description
Full Text Search
  signal Datasheet PDF File

For signal Found Datasheets File :: 171658    Search Time::2.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Integrated Silicon Solution Inc
Part No. 22C040 IS22C040 IS22C040P IS22C040PI IS22C040X IS22C040XI
OCR Text ...rated at end of playback * BUSY signal for CPU control * Two LEDs flash at 3 Hz interval * 3.0V to 6V single power supply operation * Low standby current (<5 A at 3V) * Auto-power down * Built-in oscillator, D/A converter, EPROM * ADPCM dat...
Description 32 to 40 SEC INSTANT VOICE ROM

File Size 76.49K  /  11 Page

View it Online

Download Datasheet





    Endevco Corporation
Part No. 22
OCR Text ...ensitivity stability over time. signal ground is isolated from the mounting surface of the unit by a hard anodized surface. Specially designed low-noise coaxial cable is supplied for error-free operation. A tool is included in the shipping ...
Description Accelerometer, Piezoelectric,

File Size 49.21K  /  2 Page

View it Online

Download Datasheet

    AD9142BCPZRL AD9142-M5375-EBZ AD9142-M5372-EBZ

Analog Devices
Part No. AD9142BCPZRL AD9142-M5375-EBZ AD9142-M5372-EBZ
OCR Text ...wer saving coarse mixer input signal power detection emergency stop for downstream analog circui try protection fifo error detection on - chip numeric control oscillator allows carrier placement anywhere in the dac nyquist ba...
Description Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter

File Size 1,099.91K  /  65 Page

View it Online

Download Datasheet

    NVT2006PW NVT2006BQ

NXP SEMICONDUCTORS
Part No. NVT2006PW NVT2006BQ
OCR Text ... and output ports provides less signal distortion ? 5 v tolerant i/o ports to support mixed-mode signal operation ? high-impedance an and bn pins for en = low ? lock-up free operation ? flow through pinout for ease of printed-circuit board...
Description Bidirectional voltage-level translator for open-drain and push-pull applications

File Size 203.25K  /  27 Page

View it Online

Download Datasheet

    24AA04T-I/MC 24AA04T-E/MC 24AA04-E/MS 24AA04-E/OT 24AA04-E/P 24AA04-E/MC 24AA04-I/MC 24AA04B-E/MC 24AA04B-E/MS 24AA04B-E

Microchip Technology Inc.
Part No. 24AA04T-I/MC 24AA04T-E/MC 24AA04-E/MS 24AA04-E/OT 24AA04-E/P 24AA04-E/MC 24AA04-I/MC 24AA04B-E/MC 24AA04B-E/MS 24AA04B-E/OT 24AA04B-E/P 24AA04B-E/SN 24AA04B-E/ST 24LC04BH-E/MNY 24AA04B-I/MC 24AA04B-I/MS 24AA04B-I/OT 24AA04B-I/P 24AA04B-I/SN 24AA04B-I/ST 24LC04B-I/MC 24AA04-I/OT 24AA04-I/P 24AA04-I/MS 24AA04-E/SN 24AA04-E/ST 24AA04-I/SN 24AA04-I/ST 24AA04T-I/MS 24AA04T-I/P 24AA04T-I/OT 24LC04B-I/P 24LC04B-E/SN 24LC04B
OCR Text ...of the high period of the clock signal. The data on the line must be changed during the low period of the clock signal. There is one clock pulse per bit of data. Each data transfer is initiated with a Start condition and terminated with a S...
Description    4K I2C Serial EEPROM
4K I2C?/a> Serial EEPROM

File Size 308.42K  /  26 Page

View it Online

Download Datasheet

For signal Found Datasheets File :: 171658    Search Time::2.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of signal

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.9225640296936