Part Number Hot Search : 
CY7B99 ML4903 EL333ID UZ5218 14014 33660 MKW2547A 120M1T
Product Description
Full Text Search
  side look package npn photodet Datasheet PDF File

For side look package npn photodet Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI CAT24FC256KA CAT24FC256KE CAT24FC256KI CAT24FC256LA CAT24FC256LE CAT24

ITT, Corp.
NXP Semiconductors N.V.
CATALYST[Catalyst Semiconductor]
Part No. CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI CAT24FC256KA CAT24FC256KE CAT24FC256KI CAT24FC256LA CAT24FC256LE CAT24FC256LI CAT24FC256PA CAT24FC256PE CAT24FC256PI CAT24FC256WA CAT24FC256WE CAT24FC256WI CAT24FC256XA CAT24FC256XE CAT24FC256XI
Description 256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM
LM5100/LM5101 High Voltage High side and Low side Gate Driver; package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM
LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-side and Low-side Gate Drivers; package: LLP; No of Pins: 10
LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-side and Low-side Gate Drivers; package: SOIC NARROW; No of Pins: 8
Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz

File Size 409.78K  /  12 Page

View it Online

Download Datasheet





    IR21814 IR2181S

International Rectifier
Part No. IR21814 IR2181S
Description High and Low side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low side Inputs, All High Voltage Pins On One side, Separate Logic and Power Ground in a 14-pin DIP package
High and Low side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low side Inputs in a 8-lead SOIC package

File Size 174.30K  /  8 Page

View it Online

Download Datasheet

    IR21834

International Rectifier
Part No. IR21834
Description High and Low side Driver, SoftTurn-On, Low side Inverting Inputs, Separate High and Low side Inputs, All High Voltage Pins On One side, Separate Logic and Power Ground, Programmable Deadtime in a 14-pin DIP package

File Size 181.26K  /  8 Page

View it Online

Download Datasheet

    Fairchild Semiconductor, Corp.
Advanced Micro Devices, Inc.
Part No. AM29827DM AM29828DM AM29828PCB AM29828ADC AM29828ADE AM29828AJC AM29828ALC AM29828APC AM29828ASC AM29828ADCB AM29828APCB AM29828A/BKA AM29828A/BLA AM29827ADC AM29827ADE AM29827ALC AM29827APC AM29827ASC AM29827A/B3A AM29827A/BKA AM29827A/BLA AM29828A/B3A AM29827AJC AM29827ADCB AM29827APCB AM29828DC AM29828DCB
Description Intelligent Power Switch Single/Dual Channel Low side Driver in a SOT-223 package; A IPS1041LPBF with Standard Packaging
600V Non Punch Through, Short Circuit Rated IGBT in a D-Pak package.; Similar to IRGR3B60KD2 with Lead Free Packaging
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package; Similar to IRGB10B60KD with Lead Free Packaging
600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package; Similar to IRGSL10B60KD with Lead Free Packaging
Intelligent Power Switch 1 Channel Low side Driver in a D-Pak package; A IPS1031R with Standard Packaging
Intelligent Power Switch Single/Dual Channel Low side Driver in an SO-8 package; A IPS1052GPBF with Standard Packaging
600V Fast 1-8 kHz Copack IGBT in a TO-220AB package; Similar to IRG4BC20MD with Lead Free Packaging
600V UltraFast 8-25 kHz Copack IGBT in a D2-Pak package; A IRG4BC20KD-S with Standard Packaging
600V UltraFast 8-25 kHz Copack IGBT in a TO-247AC package; A IRG4PC30KD with Standard Packaging
Intelligent Power Switch 1 Channel High side Driver in a SO-8 package; A IPS7091GPBF with Standard Packaging
Programmable Current Sense High side Switch in a 5-Lead D2-Pak package; A IR3314SPBF with Standard Packaging
Intelligent Power Switch Single/Dual Channel Low side Driver in a SOT-223 package; A IPS1051LPBF with Standard Packaging
Intelligent Power Switch 1 Channel Low side Driver in a D2-Pak package; A IPS1031S with Standard Packaging
Intelligent Power Switch 1 Channel High side Driver in a TO-220 package; A IPS7091PBF with Standard Packaging
Intelligent Power Switch 1 Channel High side Driver in a D2-Pak package; A IPS6031SPBF with Standard Packaging
Intelligent Power Switch 1 Channel High side Driver in a SO-8 package; A IPS6041GPBF with Standard Packaging
600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; A IRG4PC50UD with Standard Packaging
600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package; Similar to IRG4PC50UD with Lead Free Packaging
Programmable Current Sense High side Switch in a 5-Lead TO-220 package; A IR3315PBF with Standard Packaging 10位缓冲器/驱动
10-Bit Buffer/Driver 10位缓冲器/驱动

File Size 499.95K  /  13 Page

View it Online

Download Datasheet

    Amphenol, Corp.
Part No. AM2971ALCB AM2971ALE AM2971DE AM2971DC AM2971A/BJA AM2971ADC AM2971ADE AM2971ADCB AM2971A/BUA AM2971AXM AM2971AXC AM2971LC AM2971/BUC
Description High and Low side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 16-Lead SOIC
User Programmable Special Function ASIC
High and Low side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 16-Lead SOIC
High and Low side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a Lead-Free 14-Lead PDIP
High and Low side Driver, Shutdown Input in a 14-pin DIP package; A IR2112 packaged in a 14-Lead PDIP
High and Low side Driver, All High Voltage Pins On One side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a Lead-Free 16-Lead PDIP -2 Lead
High and Low side Driver, All High Voltage Pins On One side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package; A IR2110 packaged in a 14-Lead PDIP
Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One side, Separate High and Low side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package; A IR21084 packaged in a Lead-Free 14-Lead SOIC
3 Phase Driver, Separate High and Low side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a Lead-Free mod. 44-Lead PLCC
用户可编ASIC的特殊功
3 Phase Driver, Separate High and Low side Inputs, 200ns Deadtime in a 28-pin DIP package; A IR2135 packaged in a 28-Lead SOIC 用户可编程ASIC的特殊功

File Size 925.88K  /  29 Page

View it Online

Download Datasheet

    Intersil, Corp.
Analog Devices, Inc.
TE Connectivity, Ltd.
Microsemi, Corp.
Microchip Technology, Inc.
Part No. TTLDM-65 LPSLDM-65 LDM-ACT-70 SMLDM-TTL-25 MDLDM-TTL-75 MDLDM-TTL-500 MDLDM-TTL-450 MDLDM-TTL-40 MDLDM-TTL-25 MDLDM-TTL-200 MDLDM-TTL-175 MDLDM-TTL-100 LPSLDM-80 AELDM-TTL-200 AELDM-TTL-25 AELDM-TTL-175 AELDM-TTL-80 AELDM-TTL-75 AELDM-TTL-70 AELDM-TTL-40 AELDM-TTL-85 AELDM-TTL-90 LDM-ACT-95 AELDM-TTL-450 AELDM-TTL-500 SPTTLDM-85 AELDM-TTL-65 LCLDM-TTL-40
Description 3.3V Dual Micropower High-side/Low-side MOSFET Driver; package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C
Quad High side Micropower MOSFET Driver with Internal Charge Pump; package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C
Tapped Delay Line 抽头延迟

File Size 153.62K  /  2 Page

View it Online

Download Datasheet

    AUIRS20161S

International Rectifier
International Rectifier, Corp.
Part No. AUIRS20161S
Description One high side output and internal low side Vs recharge.
Automotive Grade High side Driver with Internal Vs Recharge in a SO-8 package

File Size 325.31K  /  25 Page

View it Online

Download Datasheet

    IPS521 IPS521S

International Rectifier, Corp.
IRF[International Rectifier]
Part No. IPS521 IPS521S
Description FULLY PROTECTED HIGH side POWER MOSFET SWITCH 充分保护高压侧功率MOSFET开
Intelligent Power Switch 1 Channel High side Driver in a TO-220FL package
Intelligent Power Switch 1 Channel High side Driver in a D2-Pak 5-Lead package

File Size 186.84K  /  11 Page

View it Online

Download Datasheet

   
Part No. AM29707DC AM29707LC AM29707PC AM29705/BXA AM29705A/BXA AM29705A/B3A AM29705A/BYA AM29705/BYA AM29705ADC
Description Dual Low side Driver in a 8-pin DIP package; A IR4427 packaged in a 8-Lead PDIP
High and Low side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low side Inputs in a 8-pin DIP package; A IR2181 packaged in a Lead-Free 8-Lead SOIC
Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead SOIC
High voltage, high speed power MOSFET and IGBT driver with dependent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2609DSPBF with Standard Packaging
x4 SRAM
Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead PDIP
High and Low side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low side Inputs in a 8-pin DIP package; A IR2181 packaged in a 8-Lead SOIC
x4SRAM

File Size 333.48K  /  10 Page

View it Online

Download Datasheet

    IPS511S IPS511 IPS511STRL

IRF[International Rectifier]
Part No. IPS511S IPS511 IPS511STRL
Description Intelligent Power Switch 1 Channel High side Driver in a D2-Pak 5-Lead package
Intelligent Power Switch 1 Channel High side Driver in a TO-220FL package
FULLY PROTECTED HIGH side POWER MOSFET SWITCH

File Size 189.81K  /  12 Page

View it Online

Download Datasheet

For side look package npn photodet Found Datasheets File :: 150+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of side look package npn photodet

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.18742418289185