Part Number Hot Search : 
4022B AD9040A RD16S PT22002 SS657 CALA7B 1SMC85CA 2N1156
Product Description
Full Text Search
  shifters Datasheet PDF File

For shifters Found Datasheets File :: 824    Search Time::2.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IR2137Q IR2137J

International Rectifier
Part No. IR2137Q IR2137J
OCR Text ... HIN1 200nsec Deadtime LEVEL shifters SOFT SHUTDOWN LATCH HOP1 SOFT SHUTDOWN DESAT DETECTION SOFT SHUTDOWN DRIVER HON1 HSSD1 VS1 DESAT1 DESAT UV DETECT VB2 HIN2 HIN2 SCHMITT TRIGGER INPUT & SHOOT THROUGH PREVENTION L...
Description AC Motor Controller/Driver
From old datasheet system
MOTOR CONTROLLER,LDCC,68PIN
MOTOR CONTROLLER,QFP,64PIN

File Size 212.02K  /  12 Page

View it Online

Download Datasheet





    HITTITE[Hittite Microwave Corporation]
Part No. HMC642LC5
OCR Text ... SMT Package: 25mm2 7 PHASE shifters - SMT * Weather & Military Radar * Satellite Communications * Beamforming Modules * Phase Cancellation Functional Diagram General Description The HMC642LC5 is a 6-bit digital phase shifter ...
Description GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 9 - 12.5 GHz

File Size 358.77K  /  8 Page

View it Online

Download Datasheet

    HITTITE[Hittite Microwave Corporation]
Part No. HMC647
OCR Text ....85 x 1.85 x 0.1 mm 5 PHASE shifters - CHIP * Weather & Military Radar * Satellite Communications * Beamforming Modules * Phase Cancellation Functional Diagram General Description The HMC647 is a 6-bit digital phase shifter di...
Description GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz

File Size 244.50K  /  8 Page

View it Online

Download Datasheet

    HITTITE[Hittite Microwave Corporation]
Part No. HMC648
OCR Text ....85 x 1.85 x 0.1 mm 5 PHASE shifters - CHIP * Weather & Military Radar * Satellite Communications * Beamforming Modules * Phase Cancellation Functional Diagram General Description The HMC648 is a 6-bit digital phase shifter di...
Description GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz

File Size 254.95K  /  8 Page

View it Online

Download Datasheet

    MITEQ INC
Part No. BMT0218HC10
OCR Text ...ers and vector modulators/phase shifters 9 carrier driven modulation driven (linear if qam) (linear rf pm) frequency range (note 1) (note 2) rf if carrier sideband carrier sideband conversion model in and out (ghz) rejection rejection rejec...
Description 2000 MHz - 18000 MHz RF/MICROWAVE BIPHASE MODULATOR

File Size 96.66K  /  3 Page

View it Online

Download Datasheet

    ATMEL[ATMEL Corporation]
Part No. T89C5121-ICSIL T83C5121 T83C5121XXX-ICRIL T83C5121XXX-ICSIL T83C5121XXX-S3RIL T83C5121XXX-S3SIL T85C5121 T85C5121-ICRIL T85C5121-ICSIL T85C5121-S3RIL T85C5121-S3SIL T89C5121 T89C5121-ICRIL
OCR Text ...le Input - Multiple Logic Level shifters Options (1.8V to V CC) - Automatic Level Shifter Option Multi-protocol Smart Card Interface - Certified with Dedicated Firmware According to ISO 7816, EMV2000, GIE-CB, GSM 11.12V and WHQL Standards -...
Description 8-bit Microcontroller with Multi protocol SMART Card Interface

File Size 707.79K  /  110 Page

View it Online

Download Datasheet

    MAX13037 MAX13037ATX MAX13038ATX

Maxim Integrated Products
Part No. MAX13037 MAX13037ATX MAX13038ATX
OCR Text shifters with LDO Regulator General Description The MAX13037/MAX13038 automotive contact monitor and level shifters monitor and debounce eight remote mechanical switches and assert an interrupt (INT) if a switch changes state. The state o...
Description Automotive Contact Monitor and Level shifters with LDO Regulator

File Size 308.01K  /  22 Page

View it Online

Download Datasheet

    ISL9216 ISL9216IRZ ISL9217 ISL9217IRZ

Intersil Corporation
Part No. ISL9216 ISL9216IRZ ISL9217 ISL9217IRZ
OCR Text ...ng switches, cell voltage level shifters, and drive circuitry for external FET devices that control pack charge and discharge. Level shifting of the analog output voltage from the upper cells and communication between the chips is handled a...
Description 8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set

File Size 638.33K  /  33 Page

View it Online

Download Datasheet

    PCF8573 PCF8573P PCF8573T

PHILIPS[Philips Semiconductors]
Part No. PCF8573 PCF8573P PCF8573T
OCR Text ... fail detection Interface level shifters CHARACTERISTICS OF THE I2C-BUS Bit transfer Start and stop conditions System configuration Acknowledge I2C-BUS PROTOCOL Addressing Clock/calendar READ/WRITE cycles LIMITING VALUES HANDLING DC CHARACT...
Description Clock/calendar with Power Fail Detector

File Size 197.36K  /  24 Page

View it Online

Download Datasheet

For shifters Found Datasheets File :: 824    Search Time::2.125ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of shifters

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.2674810886383