Part Number Hot Search : 
2SK1500 7372Q PN5018 IK3052 IK3052 14600 12250 1608X7R
Product Description
Full Text Search
  shieldmetal Datasheet PDF File

For shieldmetal Found Datasheets File :: 2458    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MC1490 MC1490D MC1490P

Motorola, Inc
Part No. MC1490 MC1490D MC1490P
OCR Text ...Vdc 0.001 F MC1490P 1 6 8 L2 C3 Shield C4 Output (50 ) Figure 20. Video Amplifier 0.001 F 7 10 k 5.6 k 1.0 F 6 MC1490P 5 4 0.001 F +12 V...metal or equiv). T1: Primary = 17 turns, #20 AWG wire on a Toroid core, (T44-6). Secondary = 2 turns...
Description WIDEBAND AMPLIFIER WITH AGC

File Size 363.05K  /  8 Page

View it Online

Download Datasheet





    MTJ108T11RLXM1 MTJ810T11RLXM1 MTJ88T11RLXM1 MTJ1010T11RLXM10 MTJ108T11RLXM10 MTJ810T11RLXM10 MTJ88T11RLXM10 MTJ108T11RLX

Adam Technologies, Inc.
Part No. MTJ108T11RLXM1 MTJ810T11RLXM1 MTJ88T11RLXM1 MTJ1010T11RLXM10 MTJ108T11RLXM10 MTJ810T11RLXM10 MTJ88T11RLXM10 MTJ108T11RLXM20 MTJ810T11RLXM20 MTJ88T11RLXM20 MTJ1010T11RLXM5 MTJ108T11RLXM5 MTJ810T11RLXM5 MTJ88T11RLXM5 MTJ-88SX1-FSP-PG-LG-M7 MTJ88SX1LXM1 MTJ88SX1LXM10 MTJ88SX1LXM20 MTJ88SX1LXM5 MTJ88SX1RLXM1 MTJ88SX1RLXM10 MTJ88SX1RLXM20 MTJ88SX1RLXM5 MTJ-88CX1-FSP-PG-LG-M2 MTJG-4-88TX1-FSB-PG MTJ-88TX1-FSP-PG-LG-M5 MTJ1010C01LXM1 MTJ1010C01LXM10 MTJ1010C01LXM20 MTJ1010C01LXM5 MTJ1010C01RLXM1 MTJ1010C01RLXM10 MTJ1010C01RLXM20 MTJ1010C01RLXM5 MTJ1010C11LXM1 MTJ1010C11LXM10 MTJ1010C11LXM20 MTJ1010C11LXM5 MTJ1010C11RLXM1 MTJ1010C11RLXM10 MTJ1010C11RLXM20 MTJ1010C11RLXM5 MTJ88TX1RLXM1 MTJ108TX1RLXM1 MTJ810TX1RLXM1 MTJ1010TX1RLXM1 MTJ88TX1RLXM10 MTJ108TX1RLXM10 MTJ810TX1RLXM10 MTJ1010TX1RLXM10 MTJ88TX1RLXM20 MTJ108TX1RLXM20 MTJ810TX1RLXM20 MTJ1010TX1RLXM20 MTJ88TX1RLXM5 MTJ108TX1RLXM5 MTJ810TX1RLXM5 MTJ1010TX1RLXM5 MTJ88C01LXM1 MTJ88C01LXM10 MTJ88C01LXM20 MTJ88C01LXM5 MTJ88C01RLXM1 MTJ88C01RLXM10 MTJ88C01RLXM20 MTJ88C01RLXM5 MTJ88C11LXM1 MTJ88C11LXM10 MTJ88C11LXM20 MTJ88C11LXM5 MTJ88C11RLXM1 MTJ88C11RLXM10 MTJ108CX1LXM1 MTJ108CX1LXM10 MTJ108CX1LXM20 MTJ108CX1LXM5 MTJ108CX1RLXM1 MTJ108CX1RLX
OCR Text ... All products have a full metal shield to guard against electromagnetic interference. Hi-Temp option availableAll products are fully lead free and RoHS compliant MATING PLUGS: Adam Tech modular telephone plugs and all industry standard tele...
Description MAGNETICS TELEPHONE JACK INTEGRATED MAGNETICS & LEDs 10/100 BASE T & 1000 BASE T

File Size 381.51K  /  6 Page

View it Online

Download Datasheet

    FLT007A0-SR FLT007A0-SRZ FLT007A0 FLT007A0Z

Lineage Power Corporation
Part No. FLT007A0-SR FLT007A0-SRZ FLT007A0 FLT007A0Z
OCR Text ...odule is the use of an isolated shield plane located underneath the module which is connected through capacitors C2 through C5 to the input ...metal-case modules is shown in Fig. 8. Filtering Open-Frame DC/DC Converter Modules For filterin...
Description 75Vdc Input Voltage Maximum, 7A Output Current Maximum

File Size 519.43K  /  12 Page

View it Online

Download Datasheet

    397945-000

Tyco Electronics
Part No. 397945-000
OCR Text ...8) 4.00 (0.157) 6.00 (0.236) Shield Splice oE (d) min (c) max 1.52 1.78 (0.060) (0.070) 1.91 2.03 (0.075) (0.080) 3.00 3.48 (0.118) (0.13...METAL: Copper Alloy 101 or 102 per ASTM B-75. PLATING: Tin per MIL-T-10727, Type 1. 3. INSULATION SL...
Description SolderShield Cable Splices; D-150-0094 ( Raychem )

File Size 123.64K  /  2 Page

View it Online

Download Datasheet

    DELL
Part No. DELL1100 DELL5100
OCR Text ...Hard Drive Keyboard Display EMI Shield, Video Card, and Palm Rest Microprocessor Thermal-Cooling Assembly Microprocessor Module Speakers Sys...metal surface. CAUTION: Handle components and cards with care. Do not touch the components or contac...
Description (Dellx100) Service Manual

File Size 3,531.21K  /  74 Page

View it Online

Download Datasheet

    Adam Technologies,inc.
Part No. DJ-005 DJ-005-S DJ-005-.5
OCR Text ... a plastic body with metal face shield. Mounting selections include Right Angle or Vertical PCB mount and Panel Mount with or without mounting flange. Adam Tech DJ series jacks features an exclusive high reliability contact design which uti...
Description
File Size 218.32K  /  2 Page

View it Online

Download Datasheet

    DTR-1250-SM2-LS-H3-M DTR-1250-SM2-LS-H7-M DTR-1250-SM2-LC-H5-M DTR-1250-SM2-LC-L0-M DTR-1250-SM2-LC-L1-M DTR-1250-SM2-LC

OPLINK Communications Inc.
Part No. DTR-1250-SM2-LS-H3-M DTR-1250-SM2-LS-H7-M DTR-1250-SM2-LC-H5-M DTR-1250-SM2-LC-L0-M DTR-1250-SM2-LC-L1-M DTR-1250-SM2-LC-L2-M DTR-1250-SM2-LC-H3-M DTR-1250-SM2-LC-H7-M DTR-1250-SM2-LS-L0-M DTR-1250-SM2-LS-L2-M DTR-1250-SM2-LS-H5-M DTR-1250-SM2-LS-L1-M
OCR Text ... protection (optional extra EMI shield also available) Multi-sourced 20-pin (2x10) SFF (Small Form Factor) package style Duplex LC optical c...metal for excellent EMI shielding. Absolute Maximum Ratings Parameter Storage Temperature Operat...
Description 3.3V 2x10 LC connector SFF Gigabit Ethernet 1300 & 1550 nm Laser Transceivers

File Size 204.08K  /  5 Page

View it Online

Download Datasheet

    HSDL-3202

Avago Technologies, Ltd.
Agilent(Hewlett-Packard)
Part No. HSDL-3202
OCR Text ... drive current * Integrated EMI shield * IEC825-1 class 1 eye safe * Edge detection input - prevents the LED from long turn on time Applicat...Metal Stencil STENCIL APERTURE METAL STENCIL FOR SOLDER PASTE PRINTING LAND PATTERN Time...
Description IrDA 1.2 Data Compliant 115.2Kb/s 3V Infrared Transceiver 红外1.2数据符合115.2Kb / sV的红外收发器
IrDA? Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver

File Size 281.06K  /  16 Page

View it Online

Download Datasheet

    HDM30-12B-D05 HDM30-12B-D12 HDM30-12B-D15 HDM30-12B-S03 HDM30-12B-S05 HDM30-12B-S09 HDM30-12B-S12 HDM30-12B-S15 HDM30-12

http://
HITRON ELECTRONICS CORPORTION
Part No. HDM30-12B-D05 HDM30-12B-D12 HDM30-12B-D15 HDM30-12B-S03 HDM30-12B-S05 HDM30-12B-S09 HDM30-12B-S12 HDM30-12B-S15 HDM30-12B-S24 HDM30-12B-T5_12 HDM30-12B-T5_15 HDM30-24B-D05 HDM30-24B-D12 HDM30-24B-D15 HDM30-24B-S03 HDM30-24B-S05 HDM30-24B-S09 HDM30-24B-S12 HDM30-24B-S15 HDM30-24B-S24 HDM30-24B-T5_12 HDM30-24B-T5_15 HDM30-24D-D05 HDM30-24D-D12 HDM30-48B-S24 HDM30-24D-S12 HDM30-48D-S12 HDM30-24D-S15 HDM30-48D-S15 HDM30-48B-D05 HDM30-24D-D15 HDM30-24D-S03 HDM30-24D-S05 HDM30-24D-S09 HDM30-24D-S24 HDM30-24D-T5_12 HDM30-24D-T5_15 HDM30-48B-D12 HDM30-48B-D15 HDM30-48D-S03 HDM30-48D-S05 HDM30-48D-S09 HDM30-48B-S03 HDM30-48B-S05 HDM30-48B-S09 HDM30-48B-S12 HDM30-48B-S15 HDM30-48D-D12 HDM30-48D-D15 HDM30-48D-S24 HDM30-48D-T5_12 HDM30-48D-T5_15 HDM30-12B-T5/15 HDM30-12B-T5/12 HDM30-24B-T5/12 HDM30-24D-T5/12 HDM30-24B-T5/15 HDM30-24D-T5/15 HDM30-48D-D05 HDM30-48D-T5/15 HDM30-48D-T5/12 HDM30-48B-T5/15 HDM30-48B-T5/12
OCR Text ...E 30W ISOLATED OUTPUT SIX-SIDED SHIELD SPECIFICATION INPUT SPECIFICATION Input Range: Wide 4:1 & 2:1 DC input range. See Ratings Chart....metal shielding. Remote On/Off: TTL/CMOS-Compatible Input Control. (Voltage refer to the -Input) Pos...
Description PCB-MOUNT DC-DC CONVERTER ENCAPSULATED MODULES 30 WATTS SINGLE OUTPUT

File Size 681.85K  /  6 Page

View it Online

Download Datasheet

    SMSC, Corp.
Agilent (Hewlett-Packard)
Part No. HFCT-5218EM HFCT-5218FM HFCT-5218M
OCR Text ...chassis ground using one of the shield options. An un-shielded option, shown in Figure 6 is available for the HFCT-5218M fiber optic transce...metal shield of the transceiver helps locally to terminate EM fields to the chassis to prevent their...
Description TRANSCEIVER, XFO
622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH. ATM (OC-12): Metalized housing 622 Mbit / s的单模光纤(40公里x9收发器用于SONET / SDH的。自动柜员机(的OC - 12):金属化住
622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH. ATM (OC-12): Flush shield.metal housing 622 Mbit / s的单模光纤(40公里x9收发器用SONET / SDH的。自动柜员机(的OC - 12):刷新shield.metal住房
HFCT-5218M · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Metalized housing
HFCT-5218FM · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Flush shield,metal housing
HFCT-5218EM · 622 Mbit/s SMF (40km) 1x9 Transceiver for SONET/SDH, ATM (OC-12): Ext. shield, metal housing

File Size 432.07K  /  16 Page

View it Online

Download Datasheet

For shieldmetal Found Datasheets File :: 2458    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of shieldmetal

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.1005711555481