Part Number Hot Search : 
HY57V 2SD11 SFH4555 C33269 21N06T 1608C0G 25003 CDRH5
Product Description
Full Text Search
  sem Datasheet PDF File

For sem Found Datasheets File :: 2057    Search Time::2.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    SAMTEC INC
Part No. sem-125-02-03.0-H-D-LC-K
OCR Text ...e blank if option not used, use sem) l: friction lock (use seml, see fig. 6, sheet 3) s: slim (use *sems, see fig. 7, sheet 3) (not available with -a, -lc, or -wt) (only available with -tr) 3.20 .126 ref 0.80 ref .03...
Description 50 CONTACT(S), FEMALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, SOCKET

File Size 206.91K  /  3 Page

View it Online

Download Datasheet





    SAMTEC INC
Part No. sem-140-02-03.0-FG-D-A sem-110-02-03.0-FG-D-WT sem-110-02-03.0-FG-D-A 03.0-G-D-A
OCR Text
Description 80 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET
10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, SOCKET

File Size 172.86K  /  2 Page

View it Online

Download Datasheet

    IDT71342SA20J IDT71342SA20PF IDT71342SA25J IDT71342SA25PF IDT71342SA35J IDT71342SA35PF IDT71342SA45J IDT71342SA45PF IDT7

Integrated Device Technology, Inc.
IDT[Integrated Device Technology]
Part No. IDT71342SA20J IDT71342SA20PF IDT71342SA25J IDT71342SA25PF IDT71342SA35J IDT71342SA35PF IDT71342SA45J IDT71342SA45PF IDT71342SA55J IDT71342SA55PF IDT71342SA70J IDT71342SA70PF IDT71342LA70PF IDT71342SA IDT7134 IDT71342LA70J IDT71342LA55J IDT71342LA55PF IDT71342LA35J IDT71342LA35PF IDT71342 IDT71342LA IDT71342LA20J IDT71342LA20PF IDT71342LA25J IDT71342LA25PF IDT71342LA45J IDT71342LA45PF
OCR Text ...n feature, controlled by CE and sem, permits the on-chip circuitry of each port to enter a very low standby power mode (both CE and sem High). Fabricated using IDT's CMOS high-performance technology, this device typically operates on only 5...
Description HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH semAPHORE 高K的8双端口静态RAM的信号量
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH semAPHORE 4K X 8 DUAL-PORT SRAM, 45 ns, PQFP64
350V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail
500V N-Channel MOSFET; Package: TO-220F; No of Pins: 3; Container: Rail

File Size 144.80K  /  13 Page

View it Online

Download Datasheet

    Panasonic
Part No. PV-GS120PP-S
OCR Text ...o que h uma presen?a de tens?o sem isolamento dentro da unidade, o que pode ter magnitude suficiente para causar choque eltrico. alm disso perigoso realizar qualquer tipo de contato com qualquer parte interna desta unidade. este ...
Description Digital Video Camcorder Manual

File Size 3,832.02K  /  88 Page

View it Online

Download Datasheet

    SEMICOA CORP
Part No. 2N5153LJV
OCR Text sem icoa .com 2n5153l silicon pnp transisto r data sheet description sem i coa sem i conductors offers: ? screening and processing per mil-prf-19500 appendi x e ? jan level (2n5153lj) ? jantx level (2n5153ljx) ? jantxv leve...
Description 2000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5

File Size 395.35K  /  2 Page

View it Online

Download Datasheet

    SEMICOA CORP
Part No. 2N5152LJV
OCR Text sem i coa offers: ? screening and processing per mil-p r f-19500 appe n d i x e ? jan level (2n5152lj) ? jantx level (2n5152ljx) ? jantxv level (2n5152ljv) ? jans level (2n5152ljs) ? qci to the a pplicab le le vel ? ...
Description 2000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-5

File Size 280.13K  /  2 Page

View it Online

Download Datasheet

    NIKO-SEM
Part No. P2804NVG
OCR Text sem absolute maximum ratings (t c = 25 c unless otherwise noted) parameters/test conditions symbol n-channel p-channel units drain-source voltage v ds 40 -40 v gate-source voltage v gs 20 20 v t c...
Description N- & P-Channel Enhancement Mode Field Effect Transistor

File Size 537.41K  /  8 Page

View it Online

Download Datasheet

    NIKO-SEM
Part No. P2804ND5G
OCR Text ...04nd5g to-252-5 lead-free niko-sem d2 s2 g2 s1 d1 g1 absolute maximum ratings (t c = 25 c unless otherwise noted) parameters/test conditions symbol n-channel p-channel units drain-source voltage v ds ...
Description N- & P-Channel Enhancement Mode Field Effect Transistor

File Size 536.95K  /  8 Page

View it Online

Download Datasheet

    HD4048412 HD4048412FS HD4048412H HD4048412TF HD404848 HD404848FS HD404848H HD404848TF HD404849 HD404849FS HD404849H HD40

HITACHI[Hitachi Semiconductor]
Part No. HD4048412 HD4048412FS HD4048412H HD4048412TF HD404848 HD404848FS HD404848H HD404848TF HD404849 HD404849FS HD404849H HD404849TF HD4074849 HD4074849FS HD4074849H HD4074849TF
OCR Text ... bit manipulation instructions (sem/semD, REM/REMD, and TM/TMD). However, note that not all the instructions can be used for each bit. Limitations on using the instructions are shown in figure 4. * Special Function Register Area ($004-$01F,...
Description 4-Bit Single-Chip Microcomputer

File Size 467.06K  /  125 Page

View it Online

Download Datasheet

For sem Found Datasheets File :: 2057    Search Time::2.985ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sem

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.87747097015381