Part Number Hot Search : 
FFM107 MV811X WM8804 32323 TB627 2SD2236 TS08STRR 0022122
Product Description
Full Text Search
  segments matrix Datasheet PDF File

For segments matrix Found Datasheets File :: 596    Search Time::1.672ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MSM6569 MSM5219B MSM6665-01 MSM6665B

OKI electronic components
OKI electronic componets
Part No. MSM6569 MSM5219B MSM6665-01 MSM6665B
OCR Text ...erminal. LCD elements are often segments of an alphanumeric digit. In larger configurations, LCD elements are individual dots that emulate t...matrix configuration for display. 1 2 3 4 16 1 01 02 03 04 05 06 07 08 09 010 011 012 013 014 01...
Description Advanced LCD Controller/Driver Family

File Size 130.04K  /  13 Page

View it Online

Download Datasheet





    UPD16311 UPD16311GC-AB6 D16311GC

NEC[NEC]
MEC
Part No. UPD16311 UPD16311GC-AB6 D16311GC
OCR Text ...16311 and selects the number of segments and number of grids (1/8 to 1/16 duty, 12 segments to 20 segments). When this command is executed, display is forcibly turned off, and key scanning is also stopped. To resume display, a display ON co...
Description 1/8- to 1/16-DUTY FIPTM VFD CONTROLLER/DRIVER

File Size 150.46K  /  20 Page

View it Online

Download Datasheet

    UPD16312 UPD16312GB-3B4

NEC[NEC]
Part No. UPD16312 UPD16312GB-3B4
OCR Text ...D16312 and select the number of segments and the number of grids (1/4 to 1/11 duty, 11 segments to 16 segments). When these commands are exe...matrix is stored in RAM. 10 PD16312 Serial Communication Format Reception (command/data write...
Description 1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER

File Size 126.18K  /  20 Page

View it Online

Download Datasheet

    UPD16431A UPD16431AGC-7ET

NEC[NEC]
Part No. UPD16431A UPD16431AGC-7ET
OCR Text ...ted (such as causing unintended segments to light up). (3)Since the short-circuited current (current I2) of KS2 (high level) to KS2 (low lev...matrix 8x4 VLCD R8 LED PD16431A LEDn KEYn 8 4 R1 R2 R5, R6 R7 R8 : 1 k to 10 k : 1/2 R1...
Description 1/2, 1/3, 1/4-DUTY LCD CONTROLLER/DRIVER

File Size 168.73K  /  34 Page

View it Online

Download Datasheet

    UPD16432B UPD16432BGC-001-9EU

NEC[NEC]
Part No. UPD16432B UPD16432BGC-001-9EU
OCR Text ... display and pictograph display segments can be driven. The pictograph display segment common output is allocated to COM0, and up to 64 can ...matrix AND KEY DATA RAM CONFIGURATION The key matrix has an 8 x 4 configuration, as shown below. KE...
Description 1/8, 1/15 DUTY LCD CONTROLLER/DRIVER

File Size 203.94K  /  36 Page

View it Online

Download Datasheet

    UPD16681A UPD16681A-001 UPD16681AP-001

NEC[NEC]
Part No. UPD16681A UPD16681A-001 UPD16681AP-001
OCR Text ...splays : 96 bits * Outputs : 96 segments, 52 commons * Duty settings : 1/39 or 1/52 * Switchable data inputs : serial or 8-bit parallel * On-chip divider resistor * Selectable bias settings (1/8 bias, 1/7 bias, or 1/6 bias) * On-chip oscill...
Description LCD CONTROLLER/DRIVER FOR DOT matrix DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS

File Size 889.83K  /  56 Page

View it Online

Download Datasheet

    UPD16681 UPD16681P-011 UPD16681W-011

NEC[NEC]
Part No. UPD16681 UPD16681P-011 UPD16681W-011
OCR Text ...splays : 96 bits * Outputs : 96 segments, 52 commons * Duty settings : 1/39 or 1/52 * Switchable data inputs : serial or 8-bit parallel * On-chip divider resistor * Selectable bias settings (1/8 bias, 1/7 bias, or 1/6 bias) * On-chip oscill...
Description LCD CONTROLLER/DRIVER FOR DOT matrix DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS

File Size 887.66K  /  56 Page

View it Online

Download Datasheet

    24C080-EP 24C080-ESN 24C080-IP 24C080-ISN 24C080-P 24C080-SN 24C160-EP 24C160-ESN 24C160-IP 24C160-ISN 24C160-P 24C160-S

Microchip Technology, Inc.
Microchip Technology Inc.
MicrochipTechnology
MICROCHIP[Microchip Technology]
Part No. 24C080-EP 24C080-ESN 24C080-IP 24C080-ISN 24C080-P 24C080-SN 24C160-EP 24C160-ESN 24C160-IP 24C160-ISN 24C160-P 24C160-SN 25C080 25C160 24C16 MICROCHIPTECHNOLOGYINC.-24C160-ESN 25C160T-EP 25C160T-IP 25C160T-SN 25C160T-P 25C080T-P 25C080T-IP
OCR Text ...e array is divided up into four segments. The user has the ability to write protect none, one, two, or all four of the segments of the array. The partitioning is controlled as illustrated in table below. See Figure 3-6 for WRSR timing seque...
Description 8K,16K 5.0V SPI bus EEPROM
8K/16K 5.0V SPI Bus Serial EEPROM 8K/16K 5.0V SPI总线串行EEPROM
8K/16K5.0VSPIBusSerialEEPROM
8K/16K 5.0V SPI Bus Serial EEPROM

File Size 80.69K  /  12 Page

View it Online

Download Datasheet

    MC145003FU MC145004FU

Motorola, Inc
MOTOROLA[Motorola Inc]
Part No. MC145003FU MC145004FU
OCR Text ...eripheral devices. * Drives 128 segments Per Package * Devices May Be Cascaded for Larger LCD Applications * May Be Used with the Following LCDs: Segmented Alphanumeric, Bar Graph, Dot matrix, Custom * Quiscent Supply Current: 85 A @ 2.8 V ...
Description 128 Segment LCD Drivers

File Size 225.86K  /  14 Page

View it Online

Download Datasheet

    MC14LC5003 MC14LC5003FU MC14LC5004 MC14LC5004FU C14LC5004 MCC14LC5004 MCC14LC5003

MOTOROLA[Motorola Inc]
Motorola, Inc.
Part No. MC14LC5003 MC14LC5003FU MC14LC5004 MC14LC5004FU C14LC5004 MCC14LC5004 MCC14LC5003
OCR Text ...ction. * * * * * * * Drives 128 segments Per Package May Be Used with the Following LCDs: Segmented Alphanumeric, Bar Graph, Dot matrix, Custom Quiescent Supply Current: 30 A @ 2.7 V VDD Operating Voltage Range: 2.7 to 5.5 V Operating Tempe...
Description Regulating Pulse-Width Modulators 16-SOIC 0 to 70
(MC14LC5003 / MC14LC5004) 128 Segment LCD Drivers

File Size 131.21K  /  16 Page

View it Online

Download Datasheet

For segments matrix Found Datasheets File :: 596    Search Time::1.672ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of segments matrix

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4561421871185