Part Number Hot Search : 
BC847B 105K1 A5210 OP07AZ LHI2068 CB214 ZK102 CB214
Product Description
Full Text Search
  sc spc Datasheet PDF File

For sc spc Found Datasheets File :: 261    Search Time::3.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    D1861D040 D1861D050 D1861D D1861D023

AGERE[Agere Systems]
Part No. D1861D040 D1861D050 D1861D D1861D023
OCR Text ...s DML, 1310 nm Connector FC/spc sc/UPC Standard LC Pigtail Comcode TBD TBD TBD SMF-28 (1m min) SMF-28 (1m min) SMF-28 (1m min) 1. Other options available. For additional ordering information, please contact an account manager at Opto ...
Description D1861D 10 Gb /秒的1310 nm DML模块0 dBm的)
D1861D 10 Gbits/s 1310 nm DML Module (10 dBm)

File Size 85.62K  /  6 Page

View it Online

Download Datasheet





    G8343-11 G8343-12 G8343-21 G8343-22 G8343-31 G8343-32 G8211-21 G8797-32 G8211-11 G8211-12 G8211-22 G8211-31 G8211-32 G83

HAMAMATSU[Hamamatsu Corporation]
NXP Semiconductors N.V.
Hamamatsu Photonics K.K.
Part No. G8343-11 G8343-12 G8343-21 G8343-22 G8343-31 G8343-32 G8211-21 G8797-32 G8211-11 G8211-12 G8211-22 G8211-31 G8211-32 G8340 G8340-11 G8340-12 G8340-21 G8340-22 G8340-31 G8340-32 G8797-11 G8797-12 G8797-21 G8797-22 G8797-31 G8797-31sc G8343-32FC G8211-11sc G8211-21sc G8340-11sc G8340-21sc
OCR Text ... (9.5/125) 0.9 1 m +20 cm/-0 cm sc FC -31 Panel -32 sc FC sc FC 1 InGaAs PIN photodiode with preamp G8340/G8343/...spc CONNECTOR JIS C5970 FC/spc CONNECTOR KIRDA0102EA KIRDA0103EA Information furnished b...
Description    InGaAs PIN photodiode with preamp
Aluminum Snap-In Capacitor; Capacitance: 1500uF; Voltage: 160V; Case Size: 25x45 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 35x25 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 180uF; Voltage: 400V; Case Size: 30x25 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 450V; Case Size: 25x30 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 200V; Case Size: 22x25 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 330uF; Voltage: 400V; Case Size: 25x45 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 1000uF; Voltage: 200V; Case Size: 25x50 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 25x40 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 30x30 mm; Packaging: Bulk
Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 400V; Case Size: 22x50 mm; Packaging: Bulk
Optoelectronic 光电
InGaAs PIN photodiode with preamp 铟镓砷PIN光电二极管和前置放大

File Size 99.99K  /  2 Page

View it Online

Download Datasheet

    D1861B023 D1861B050 D1861B D1861B040

AGERE[Agere Systems]
Part No. D1861B023 D1861B050 D1861B D1861B040
OCR Text ...s DML, 1310 nm Connector FC/spc sc/UPC Standard LC Pigtail Comcode TBD TBD TBD SMF-28 (1 m min) SMF-28 (1 m min) SMF-28 (1 m min) 1. Other options available. For additional ordering information, please contact an account manager at Op...
Description D1861B 10 Gbits/s 1310 nm DML Module (-3 dBm)

File Size 91.48K  /  6 Page

View it Online

Download Datasheet

    G9128 G9128-21 G9128-22 G9128-23 G9128-24 G9131-21 G9131-22 G9131-23 G9131-24 G9129-21 G9129-22 G9130-21 G9130-22 G9130-

HAMAMATSU[Hamamatsu Corporation]
Hamamatsu Photonics
Part No. G9128 G9128-21 G9128-22 G9128-23 G9128-24 G9131-21 G9131-22 G9131-23 G9131-24 G9129-21 G9129-22 G9130-21 G9130-22 G9130-23 G9130-24 G9129-23 G9129-24
OCR Text ...mensional outline Module -21 sc G9128, G9129, G9130, G9131 -22 -23 Board SM (9.5/125) f0.9 1 m +20 cm/-0 cm FC MU -24 LC ...spc CONNECTOR KIRDA0102EA JIS C5970 FC/spc CONNECTOR KIRDA0103EA MU LC JIS C5983 MU ...
Description    InGaAs PIN photodiode with preamp

File Size 126.95K  /  2 Page

View it Online

Download Datasheet

    D1861C023 D1861C040 D1861C050 D1861C

AGERE[Agere Systems]
Part No. D1861C023 D1861C040 D1861C050 D1861C
OCR Text ...s DML, 1310 nm Connector FC/spc sc/UPC Standard LC Pigtail Comcode TBD TBD TBD SMF-28 (1m min) SMF-28 (1m min) SMF-28 (1m min) 1. Other options available. For additional ordering information, please contact an account manager at Opto ...
Description D1861C 10 Gb /秒的1310 nm DML模块 dBm的)
D1861C 10 Gbits/s 1310 nm DML Module (6 dBm)

File Size 85.61K  /  6 Page

View it Online

Download Datasheet

    CXP858P56A

SONY[Sony Corporation]
Part No. CXP858P56A
OCR Text ...R R U PT C O N TR O LLER O N sc R EEN D I SPLAY PO R T B 3 PB0`PB6 YM H SYN C VSYN C PR Esc ALER ^ TI E BASE TI ER M M PO R T C XLC EXLC R G B I YS 8 PC 0`PC 7 RM C R EM O C O N FI FO PO R T E H sc ...
Description CMOS 8-bit Single Chip Microcomputer

File Size 284.81K  /  22 Page

View it Online

Download Datasheet

    On Semi
Part No. NCP305 NCP304
OCR Text ...ice series are available in the sc-82AB package with seven standard under voltage thresholds. Additional thresholds that range from 0.9 V to...spc SHH SHR SHT SIB SIE SIV SIX Package (Qty/Reel) Active Low Active High 3000 Units on 7 i...
Description Voltage Detector Series
From old datasheet system

File Size 128.94K  /  16 Page

View it Online

Download Datasheet

    PGE60803 ERICSSON-PGE60803

ERICSSON[Ericsson]
Ericsson Microelectronics
Part No. PGE60803 ERICSSON-PGE60803
OCR Text ...tandards. Connector Options sc/spc sc/APC (Other connectors available on request) DANGER INVISIBLE LASER RADIATION AVOID DIRECT EXPOSURE TO BEAM WAVELENGTH 1300 nm - 1600 nm CLASS 3B LASER Information given in this data sheet is...
Description Erbium-Doped Fiber Amplifier for Digital Applications

File Size 244.95K  /  4 Page

View it Online

Download Datasheet

    Bourns, Inc.
AGERE[Agere Systems]
Part No. R2860A023 R2860A050 R2860A R2860A040
OCR Text ...tput Connector FC/spc, Standard sc/UPC Pigtail Comcode 108870080 SMF-28 TM (1 m, min) R2860A040 SMF-28 (1 m, min) 108870098 R2860A050 LC SMF-28 (1 m, min) 108870106 1. Other options available. For additional order...
Description Digital Receiver OC-192/STM-64 数字接收OC-192/STM-64

File Size 54.88K  /  6 Page

View it Online

Download Datasheet

    Ericsson Microelectronics
ERICSSON[Ericsson]
Part No. PGE60801
OCR Text ...tandards. Connector Options sc/spc sc/APC (Other connectors available on request) DANGER INVISIBLE LASER RADIATION AVOID DIRECT EXPOSURE TO BEAM WAVELENGTH 1300 nm - 1600 nm CLASS 3B LASER Information given in this data sheet is...
Description Erbium-Doped Fiber Amplifier for Digital Applications

File Size 233.03K  /  4 Page

View it Online

Download Datasheet

For sc spc Found Datasheets File :: 261    Search Time::3.188ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of sc spc

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.9724020957947