Description |
rotary optical encoder - 14MM SINGLE, 2 CHANNELS, rotary optical POSITION encoder 14 mm rotary optical encoder w/Switch SINGLE, 2 CHANNELS, rotary optical POSITION encoder optical encoder; encoder Type:optical; encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes encoder, rotary, optical, w/Sw, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes optical encoder; encoder Type:optical; encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|