Part Number Hot Search : 
IRFPF50 12F40 CTCDRH ECA25 1N5352 LBN03604 M74HC40 DTD123
Product Description
Full Text Search
  rg-58 u Datasheet PDF File

For rg-58 u Found Datasheets File :: 1672    Search Time::1.343ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SC3931

PANASONIC[Panasonic Semiconductor]
Part No. 2SC3931
OCR Text ...=0 f=1MHz Ta=25C 40 35 f=100MHz Rg=50 Ta=25C VCE=10V 6V 12 NF -- IE f=100MHz Rg=50k Ta=25C Collector output capacitance Cob (pF) 1...58 Reverse transfer susceptance bre (mS) yie=gie+jbie VCE=10V 150 -4mA 100 yre=gre+jbre ...
Description Silicon NPN epitaxial planer type(For high-frequency amplification)

File Size 55.77K  /  3 Page

View it Online

Download Datasheet





    DCR818SG47 DCR818SG46 DCR818SG48 DCR818SG DCR818SG44 DCR818SG45

Dynex Semiconductor Ltd.
DYNEX[Dynex Semiconductor]
Part No. DCR818SG47 DCR818SG46 DCR818SG48 DCR818SG DCR818SG44 DCR818SG45
OCR Text ...ate source = 20V, 10 Tj = 25oC, Rg-k = Repetitive 50Hz Non-repetitive Typ. 100 60 Max. 50 1000 75 150 1.4 1.7 1.7 1000 500 units mA V/s A/s...58 04 91 00. Fax: +33 (0)1 46 38 51 33 North America Tel: (613) 723-7035. Fax: (613) 723-1518. uK, S...
Description Phase Control Thyristor

File Size 108.66K  /  8 Page

View it Online

Download Datasheet

    IRF1010E

International Rectifier
Part No. IRF1010E
OCR Text ...- VDD = 30V --- ID = 50A ns --- RG = 3.6 --- VGS = 10V, See Fig. 10 Between lead, 4.5 --- 6mm (0.25in.) nH G from package 7.5 --- and cente...58 4) 1.15 (.04 5) M IN 1 2 3 L E A D A S S IG NM E NT S 1 - GATE 2 - D R A IN 3 - S O u RC E ...
Description Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?

File Size 143.91K  /  8 Page

View it Online

Download Datasheet

    IRF1010N

IRF[International Rectifier]
Part No. IRF1010N
OCR Text ...- VDD = 28V --- ID = 43A ns --- RG = 3.6 --- VGS = 10V, See Fig. 10 Between lead, 4.5 --- 6mm (0.25in.) nH G from package 7.5 --- and cente...58 4) 1.15 (.04 5) M IN 1 2 3 LE A D A S S IG N M E N T S 1 - G ATE 2 - D R A IN 3 - SOuRCE 4 ...
Description Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A?)
Power MOSFET(Vdss=55V, Rds(on)=11mohm, Id=85A)

File Size 154.40K  /  8 Page

View it Online

Download Datasheet

    IRF1104

IRF[International Rectifier]
Part No. IRF1104
OCR Text ...- VDD = 20V --- ID = 60A ns --- RG = 3.6 --- RD = 0.33, See Fig. 10 Between lead, --- 6mm (0.25in.) nH G from package --- and center of die...58 4) 1.15 (.04 5) M IN 1 2 3 LE A D A S S IG N M E N T S 1 - G ATE 2 - D R A IN 3 - SOuRCE 4 ...
Description Power MOSFET(Vdss=40V/ Rds(on)=0.009ohm/ Id=100A)
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A?)
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A)
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A?

File Size 97.26K  /  8 Page

View it Online

Download Datasheet

    IRF1310NL IRF1310NS

IRF[International Rectifier]
Part No. IRF1310NL IRF1310NS
OCR Text ...- VDD = 50V --- ID = 22A ns --- RG = 3.6 --- RD = 2.9, See Fig. 10 Between lead, --- nH and center of die contact --- VGS = 0V --- pF VDS = 25V --- = 1.0MHz, See Fig. 5 Source-Drain Ratings and Characteristics IS I SM V SD t rr Q ...
Description Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)

File Size 152.94K  /  10 Page

View it Online

Download Datasheet

    IRF1310N

IRF[International Rectifier]
Part No. IRF1310N
OCR Text ...- VDD = 50V --- ID = 22A ns --- RG = 3.6 --- RD = 2.9, See Fig. 10 Between lead, --- 6mm (0.25in.) nH G from package --- and center of die ...58 4) 1.15 (.04 5) M IN 1 2 3 L E A D A S S IG NM E NT S 1 - GATE 2 - D R A IN 3 - S O u RC E ...
Description Power MOSFET(Vdss=100V/ Rds(on)=0.036ohm/ Id=42A)
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)

File Size 92.91K  /  8 Page

View it Online

Download Datasheet

    IRF1404

International Rectifier
Part No. IRF1404
OCR Text ... 20V 140 --- ID = 95A ns 72 --- RG = 2.5 26 --- RD = 0.21 D Between lead, 4.5 --- 6mm (0.25in.) nH G from package 7.5 --- and center of die...58 4) 1.15 (.04 5) M IN 1 2 3 L E A D A S S IG NM E NT S 1 - GATE 2 - D R A IN 3 - S O u RC E ...
Description Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A?
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A?)
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A)
Power MOSFET(Vdss=40V/ Rds(on)=0.004ohm/ Id=162A)

File Size 105.33K  /  8 Page

View it Online

Download Datasheet

    IRF1704

International Rectifier
Part No. IRF1704
OCR Text ... VDD = 20V --- ID = 100A ns --- RG = 2.5 --- VGS = 10V,See Fig. 10 D Between lead, --- 6mm (0.25in.) nH G from package --- and center of di...58 4) 1.15 (.04 5) M IN 1 2 3 L E A D A S S IG NM E NT S 1 - GATE 2 - D R A IN 3 - S O u RC E ...
Description Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A?
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A)
POWER MOSFET(VDSS=40V, RDS(ON)=0.004OHM, ID=170Aㄌ)
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A?)
Power MOSFET(Vdss=40V/ Rds(on)=0.004ohm/ Id=170A)

File Size 100.05K  /  8 Page

View it Online

Download Datasheet

    IRF2807L IRF2807S IRF2807STRL-111 IRF2807STRR

International Rectifier, Corp.
IRF[International Rectifier]
Part No. IRF2807L IRF2807S IRF2807STRL-111 IRF2807STRR
OCR Text ...- VDD = 38V --- ID = 43A ns --- RG = 2.5 --- VGS = 10V, See Fig. 10 Between lead, 4.5 --- 6mm (0.25in.) nH G from package 7.5 --- and center of die contact 3820 --- VGS = 0V 610 --- VDS = 25V 130 --- pF = 1.0MHz, See Fig. 5 1280340 mJ IAS...
Description HEXFET Power MOSFET HEXFET功率MOSFET
75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package

File Size 122.50K  /  10 Page

View it Online

Download Datasheet

For rg-58 u Found Datasheets File :: 1672    Search Time::1.343ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of rg-58 u

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.8603849411011