Part Number Hot Search : 
BPC350 6ESRMC2 T4KJ20C S0150 1N959A AO4932 P101BDW IKW75N60
Product Description
Full Text Search
  resolution Datasheet PDF File

For resolution Found Datasheets File :: 27624    Search Time::1.109ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    XE88LC02MI035 XE88LC02MI000 XE88LC02

ETC[ETC]
Part No. XE88LC02MI035 XE88LC02MI000 XE88LC02
OCR Text ...1.2 V. XE88LC02 includes a high resolution acquisition path with the 16+10 bits ZoomingADC and an LCD driver for up to 120 segments. The LCD lines can be used as additional IOs. XE88LC02 is available with on chip ROM or Multiple-Time-Progra...
Description SENSING MACHINE DATA ACQUISITION MCU WITH 16 10 BIT ZOOMINGADC AND LCD DRIVER

File Size 2,872.58K  /  184 Page

View it Online

Download Datasheet





    440L-P4J1760YD 440L-P4K1760YD 440L-P4K0320YD 440L-P4K1280YD 440L-P4J0320YD 440L-P4J0480YD 440L-P4J0160YD 440L-P4J0640YD

Allen-Bradley
Part No. 440L-P4J1760YD 440L-P4K1760YD 440L-P4K0320YD 440L-P4K1280YD 440L-P4J0320YD 440L-P4J0480YD 440L-P4J0160YD 440L-P4J0640YD 440L-P4J1120YD 440L-P4J1440YD 440L-P4J1600YD 440L-P4K1440YD 440L-P4K0480YD 440L-P4K0640YD 440L-P4K1600YD 440L-P4K0960YD 440L-P4K0160YD 440L-AGWS0640 440L-AGWS1120 440L-AM1201350 440L-AGWS0160 440L-AGWS0320 440L-AGWS0480 440L-AGWS0800 440L-AGWS0960 440L-AGWS1280 440L-AGWS1440 440L-AGWS1600 440L-AGWS1760 440L-AM1201650 440L-AM1201200 440L-AM1200600 440L-AM1201800 440L-AM1201500 440L-AM1200450 440L-AM1200300 440L-AM1200750 440L-AM1200900 440L-AM1201050 440L-AM120BRK 440L-P4J0800YD 440L-P4K1120YD 440L-P4K0800YD 440L-P4J1280YD 440L-P4J0960YD 440L-AMSTD
OCR Text ...Protected Height Scanning Range/resolution resolution Enclosure Rating Connection Type EN 61496 Parts 1 & 2 TUV and CE marked for all applicable directives; UL 61496, UL 1998 160mm...1760mm (6.3in...69.3in) in 160mm (6.3in) increments 0.3-7...
Description Safety Light Curtains

File Size 165.52K  /  7 Page

View it Online

Download Datasheet

    ANG-BBV-A ANG-BBV-B ANG-BBV-C

Micronetics, Inc.
http://
Part No. ANG-BBV-A ANG-BBV-B ANG-BBV-C
OCR Text ... 0.1 dB noise amplitude control resolution: This allows the user to set the noise amplitude to within 0.1 dB. Standard is 1.0 dB How to order Instrument Model: ANG-BBV - X OPT002: Carrier Signal input and built in combiner for S+N ou...
Description AUTOMATED NOISE GENERATORS FOR BASEBAND VIDEO TESTING

File Size 138.73K  /  2 Page

View it Online

Download Datasheet

    AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227EVAL AD5227BUJZ100-R2 AD5227BUJ10-RL7 AD5227BUJZ10-R2 AD5227BUJZ50-R2 AD5227BUJ50-RL7 AD5227BUJZ10-RL7 AD5227BUJZ100-RL7 AD5227BUJZ50-RL7
OCR Text ...shbuttons. The AD5227's 64-step resolution, small footprint, and simple interface enable it to replace mechanical potentiometers and trimmers with typically 6x improved resolution, solid-state reliability, and design layout flexibility, res...
Description 64-Position Up/Down Control Digital Potentiometer 64工位下控制数字电位器
64-Position Digital Up/Down Control Potentiometer

File Size 324.12K  /  16 Page

View it Online

Download Datasheet

    DS1921Z

Dallas Semiconductor
Part No. DS1921Z
OCR Text resolution Thermochron iButton Range H: +15C to +46C; Z: -5C to +26C www.maxim-ic.com SPECIAL FEATURES Digital thermometer measures temperature in 1/8C increments with 1C accuracy Built-in real-time clock (RTC) and timer has accuracy o...
Description High-resolution Thermochron iButton

File Size 327.78K  /  45 Page

View it Online

Download Datasheet

    AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201

AD[Analog Devices]
Part No. AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201 AD5203 AD5204 AD5206 AD5207 AD5220 AD5222 AD5231 AD5233 AD5235 AD5241 AD5242 AD5260 AD5262 AD7376 AD8400 AD8402
OCR Text resolution Full Monotonic Operation DNL < 1 LSB 10 k , 50 k , 100 k Terminal Resistance Linear or Log Taper Settings Push-Button Increment/Decrement Compatible SPI-Compatible Serial Data Input with Readback Function 3 V to 5 V Single Supply...
Description 8-Bit Dual Nonvolatile Memory Digital Potentiometer

File Size 252.48K  /  20 Page

View it Online

Download Datasheet

For resolution Found Datasheets File :: 27624    Search Time::1.109ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of resolution

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.1596019268036