Part Number Hot Search : 
LC864312 F103C8T6 2SA673 1875EEG TT5665 1H224K CU351A SMBJ16A
Product Description
Full Text Search
  readback Datasheet PDF File

For readback Found Datasheets File :: 1062    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CYD09S72V CYD09S72V-133BBC CYD09S72V-133BBI CYD09S72V-167BBC CYD04S72V06 CYD18S72V-133BBXC CYD18S72V-133BBI CYD18S72V-10

Cypress Semiconductor Corp.
Part No. CYD09S72V CYD09S72V-133BBC CYD09S72V-133BBI CYD09S72V-167BBC CYD04S72V06 CYD18S72V-133BBXC CYD18S72V-133BBI CYD18S72V-100BBXC CYD18S72V-100BBXI CYD04S72V-167BBC CYD04S72V-133BBC CYD18S72V-133BBC
OCR Text ... retransmit operation * Counter readback on address lines * Mask register readback on address lines * Dual Chip Enables on both ports for easy depth expansion * Seamless Migration to Next Generation Dual-Port Family Functional Descriptio...
Description FLEx72垄芒 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
FLEx72 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
FLEx723.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM
FLEx72?/a> 3.3V 64K/128K/256K x 72 Synchronous Dual-Port RAM

File Size 704.51K  /  25 Page

View it Online

Download Datasheet





    AD5684R

Analog Devices
Part No. AD5684R
OCR Text ...patibility 50 mhz spi with readback or daisy chain low g litch: 0.5 nv - s ec robust 4 kv hbm and 1.5 kv ficdm esd rating low power: 3.3 mw at 3 v 2.7 v to 5.5 v power supply ? 40c to +105c temperature ran...
Description Quad, 12-Bit <span style="text-transform: lowercase"><em>nano</span></em>DAC with 2 ppm/°C On-Chip Reference and SPI Interface

File Size 859.61K  /  32 Page

View it Online

Download Datasheet

    AD5684BRUZ AD5684ARUZ-RL7 AD5684BCPZ-RL7 AD5684BRUZ-RL7 AD5684 AD5686 AD5686BRUZ

Analog Devices
Part No. AD5684BRUZ AD5684ARUZ-RL7 AD5684BCPZ-RL7 AD5684BRUZ-RL7 AD5684 AD5686 AD5686BRUZ
OCR Text ...ompatibility 50 mhz spi with readback or daisy chain low g litch: 0.5 nv - s ec robust 4 kv hbm and 1.5 kv ficdm esd rating low power: 1.8 mw at 3 v 2.7 v to 5.5 v power supply ? 40c to +105c temperature range ...
Description Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC with SPI Interface
Quad, 16-/12-Bit nanoDAC with SPI Interface

File Size 712.73K  /  28 Page

View it Online

Download Datasheet

    CYDXXS72V18 CYDXXS36V18

Cypress Semiconductor
Part No. CYDXXS72V18 CYDXXS36V18
OCR Text ...ock cycles ? first busy address readback advanced features for improved high speed data transfer and flexibility ? variable impedance matching (vim) ? echo clocks ? selectable lvttl (3.3 v), extended hstl (1.4 v to 1.9 v), 1.8 v lvcmos...
Description Dual Port SRAM

File Size 772.55K  /  53 Page

View it Online

Download Datasheet

    CYDXXS72V18 CYDXXS36V18 CYDXXS18V18 CYD02S36V18 CYD02S36V18-200BBXC CYD02S36V18-200BBC

Cypress Semiconductor
Part No. CYDXXS72V18 CYDXXS36V18 CYDXXS18V18 CYD02S36V18 CYD02S36V18-200BBXC CYD02S36V18-200BBC
OCR Text ...ock cycles ? first busy address readback advanced features for improved high speed data transfer and flexibility ? variable impedance matching (vim) ? echo clocks ? selectable lvttl (3.3 v), extended hstl (1.4 v to 1.9 v), 1.8 v lvcmos...
Description FullFlex Synchronous SDR Dual Port SRAM

File Size 720.69K  /  53 Page

View it Online

Download Datasheet

    DAC8412FPC-REEL DAC8412BTC883C DAC8413BTC883C DAC8412FPZ DAC8412FPCZ DAC8412FPCZ-REEL

Analog Devices
Part No. DAC8412FPC-REEL DAC8412BTC883C DAC8413BTC883C DAC8412FPZ DAC8412FPCZ DAC8412FPCZ-REEL
OCR Text readback data sheet dac8412 / dac8413 features +5 v to 15 v o peration unipolar or b ipolar o peration true v oltage o utput double - b uffered i nputs reset to minimum (dac8413) or c enter s cale (dac84...
Description Quad, 12-Bit DAC Voltage Output with readback

File Size 487.19K  /  20 Page

View it Online

Download Datasheet

    5962-9176403QXA 5962-9176403VXA 5962-9176403MXA

Analog Devices
Part No. 5962-9176403QXA 5962-9176403VXA 5962-9176403MXA
OCR Text ... midscale bicmos dac with readback 02 dac8412b quad, voltage output, 12 - bit midscale bicmos dac with readback 03 dac8413a quad, voltage output, 12 - bit zero scale bicmos dac with readback 04 dac841...
Description MICROCIRCUIT, DIGITAL-LINEAR, 12-BIT, QUAD

File Size 148.06K  /  15 Page

View it Online

Download Datasheet

    AS1117 AS1117-BQFT

austriamicrosystems AG
ams AG
Part No. AS1117 AS1117-BQFT
OCR Text ...ndividual led segment control readback for 8 keys plus interrupt open and shorted led error detection - global or individual error detection hexadecimal- or bcd-code for 7-segment displays 200na low-power shutdown current (typ; data...
Description 64 LED Driver for Mobile Applications with Error Detection

File Size 1,038.10K  /  24 Page

View it Online

Download Datasheet

    AS1115-BQFT AS1115-BSST AS111512

austriamicrosystems AG
Part No. AS1115-BQFT AS1115-BSST AS111512
OCR Text ...s1115 can be configured for key readback. key switch status is obtained by polling for up to 64 keys while 16 keys can be used to trigger an interrupt. additionally the as1115 offers a diagnostic mode for easy and fast production testing....
Description 64 LEDs, IC Inter faced LED Dr iver wi th Keyscan

File Size 1,553.08K  /  26 Page

View it Online

Download Datasheet

For readback Found Datasheets File :: 1062    Search Time::1.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of readback

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.69141292572021