Part Number Hot Search : 
24470 MC74ACT 28100 1FW44 MAX1299 MC74ACT SP233ACT 78U10
Product Description
Full Text Search
  ratio Datasheet PDF File

For ratio Found Datasheets File :: 74777    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    22SC5405 2SC5405

PANASONIC[Panasonic Semiconductor]
PanasonicSemiconductor
Panasonic Corporation
Part No. 22SC5405 2SC5405
OCR Text ratio Unit: mm s Features q q 9.90.3 3.00.5 4.60.2 2.90.2 q High-speed switching High forward current transfer ratio hFE which has satisfactory linearity Dielectric breakdown voltage of the package: > 5kV (TC=25C) Ratings...
Description    Silicon NPN triple diffusion planar type
SiliconNPNtriplediffusionplanartype

File Size 35.55K  /  2 Page

View it Online

Download Datasheet





    Samsung
Part No. LTM240CL01
OCR Text ...n. typ. max. unit note contrast ratio (center of screen) c/r 600 1,000 - (3) sr -3 response time on/off tr + tf - 12 - msec (5) rd- 80s luminance of white (center of screen) y l 250 300 - cd/m2 (6) sr -3 color chromaticity (cie 1931) red r...
Description TFT LCD Module

File Size 1,056.24K  /  31 Page

View it Online

Download Datasheet

    2SA1031 2SA1032 2SA1031B 2SA1031D

HITACHI[Hitachi Semiconductor]
Microsemi, Corp.
Part No. 2SA1031 2SA1032 2SA1031B 2SA1031D
OCR Text ...toff current DC current trnsfer ratio Symbol V(BR)CBO V(BR)CEO V(BR)EBO I CBO I EBO hFE* 1 2SA1032 Max -- -- -- -0.5 -0.5 500 -0.8 -0.2 -- 4.0 5 Min -55 -50 -5 -- -- 100 -- -- 200 -- -- Typ -- -- -- -- -- -- -- -- 280 3.3 -- Max -- -- -...
Description Silicon PNP Transistor
Silicon PNP Epitaxial
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
5-Pin &#181;P Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路

File Size 30.18K  /  7 Page

View it Online

Download Datasheet

    2SA1034 2SA1035 2SC2406 2SC2405

PANASONIC[Panasonic Semiconductor]
Part No. 2SA1034 2SA1035 2SC2406 2SC2405
OCR Text ...oltage Forward current transfer ratio Collector to emitter saturation voltage Base to emitter voltage Transition frequency Noise voltage *h FE1 (Ta=25C) Symbol ICBO ICEO Conditions VCB = -10V, IE = 0 VCE = -10V, IB = 0 IC = -10A, IE = ...
Description Silicon PNP epitaxial planer type

File Size 50.24K  /  3 Page

View it Online

Download Datasheet

For ratio Found Datasheets File :: 74777    Search Time::1.219ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of ratio

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.43379306793213