|
|
|
Microchip Technology, Inc.
|
Part No. |
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15/K 28C64AF-20/K 28C64A-20/K 28C64A-25/K 28C64AF-25/K 28C64AX-20I/K 28C64AF-25I/K 28C64AF-15I/K
|
Description |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 quad, 12-bit, Low-Power, 2-Wire, Serial voltage-output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold outputs Buffered, Fast-Settling, quad, 12-/10-/8-Bit, voltage-output DACs 12-bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-bit, Low-Power, quad, voltage-output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
File Size |
398.81K /
7 Page |
View
it Online |
Download Datasheet |
|
|
|
Microchip Technology, Inc.
|
Part No. |
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P 28C17AF-25/P 28C17AF-25/L 28C17AF-25I/P 28C17AF-15/P 28C17AF-15I/P 28C17AF-20/L 28C17AF-20/P 28C17AF-15I/L 28C17A-15I/L
|
Description |
5V, Low-Power, Parallel-Input, voltage-output, 12-bit DAC 128Kx8 EEPROM 12-bit DACs with 32-Channel Sample-and-Hold outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, quad, 12-bit voltage-output DACs with Serial Interface 5V, Low-Power, voltage-output, Serial 12-bit DACs 10-Bit voltage-output DACs in 8-Pin µMAX Single-Supply 3V/5V, voltage-output, Dual, Precision 10-Bit DACs x8的EEPROM
|
File Size |
656.70K /
10 Page |
View
it Online |
Download Datasheet |
|
|
|
Microchip Technology, Inc.
|
Part No. |
28C64AFT-25/SO 28C64AT-25/SO 28C64AFT-25I/SO 28C64AT-25I/SO 28C64AF-25I/SO 28C64A-25/SO 28C64A-15/P 28C64AF-20I/SO
|
Description |
32-Channel, 14-Bit, voltage-output DACs with Serial Interface quad, 10-Bit, Low-Power, 2-Wire, Serial voltage-output DAC Buffered, Fast-Settling, quad, 12-/10-/8-Bit, voltage-output DACs 128Kx8 EEPROM 128Kx8 EEPROM
|
File Size |
110.96K /
8 Page |
View
it Online |
Download Datasheet |
|
|
|
ANALOG DEVICES INC Analog Devices, Inc.
|
Part No. |
AD5327 AD5334 AD5334BRU
|
Description |
2.5 V to 5.5 V, 500 uA, Parallel Interface quad voltage-output 8-/10-/12-bit DACs quad, PARALLEL, 8 BITS INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO24 2.5 V to 5.5 V/ 500 uA/ Parallel Interface quad voltage-output 8-/10-/12-bit DACs
|
File Size |
325.37K /
20 Page |
View
it Online |
Download Datasheet |
|
|
|
Analog Devices, Inc.
|
Part No. |
AD5325BRMZ-REEL7 AD5340 AD5341 AD5342 AD5300 AD5331 AD5330 AD5306 AD5310 AD5311 AD5305BRM-REEL AD5305BRMZ-REEL7 AD5305BRM-REEL7 AD5305BRMZ-REEL71 AD5325BRM-REEL7 AD5325ARM AD5325ARM-REEL7 AD5325-15
|
Description |
2.5 V to 5.5 V, 500 µA, 2-Wire Interface quad voltage output 12-bit DAC in a 10-Lead MicroSOIC Package; Package: MSOP; No of Pins: 10; Temperature Range: Industrial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-bit DAC, PDSO10 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface 2.5 V to 5.5 V, 500 muA, 2-Wire Interface quad voltage output, 8-/10-/12-bit DACs 2.5 V to 5.5 V, 500 A, 2-Wire Interface quad voltage output, 8-/10-/12-bit DACs 2.5 V to 5.5 V, 500 μA, 2-Wire Interface Interface
|
File Size |
385.44K /
24 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|