Part Number Hot Search : 
DR2AR KBPC5 TNJ9911 07104GOA LP0C31BH 2N2907 CDP1882C VN3515L
Product Description
Full Text Search
  pull-down Datasheet PDF File

For pull-down Found Datasheets File :: 33069    Search Time::2.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TJA1080TS/N

NXP Semiconductors
Part No. TJA1080TS/N
OCR Text ...ut; when high enabled; internal pull-down v io 4 p supply voltage for v io voltage level adaptation txd 5 i transmit data input; internal pull-down txen 6 i transmitter enable input; when high transmitter disabled; internal pull-up rxd 7 o...
Description FlexRay transceiver

File Size 195.20K  /  44 Page

View it Online

Download Datasheet





    Integrated Device Technology, Inc.
Part No. ICS9FG107 ICS9FG107YFLFT ICS9FG107YFLNT
OCR Text ...ns preceeded by * have 120 kohm pull up resistors pins preceeded by ** have 120 kohm pull down resistors fs(2:0) and sel14m_25m# are latched inputs ics9fg107 idt tm /ics tm programmable ftg for differential p4 tm cpu, pci-express & sa...
Description Programmable FTG for Differential P4TM CPU, PCI-Express & SATA Clocks

File Size 229.44K  /  18 Page

View it Online

Download Datasheet

    Vishay
Part No. MSM
OCR Text ...ll 1000 hour period 4 1/2 pound pull for 30 seconds 10,000 megohm (minimum) no evidence of arcing or damage (200 v rms for 1 minute) max. ?...down ? line termination ? ttl input pull-down 1 2 3 n-1 n r 2...
Description Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics

File Size 99.13K  /  4 Page

View it Online

Download Datasheet

    Gensys
Part No. GL911TX
OCR Text ...n is the same pin (active low). pull up resistor (30k~100k ohm) is required for this pin. when the setup button is pressed (change from low...down resistor 30k ohm. 18 butnr/k5 i right key butto n 1 = pressed, 0= released need pull...
Description Wireless Mouse Transmitter Controller

File Size 157.49K  /  10 Page

View it Online

Download Datasheet

    80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C

PHILIPS[Philips Semiconductors]
Part No. 80C51 P80C51SBAA P80C51SBBB P80C51SBPN P80C51SFAA P80C51SFBB P80C51SFPN P80C51UBAA P80C51UBBB P80C51UBPN P80C51UFAA P80C51UFBB P80C51UFPN P87C51 P80C31 P80C31SBAA P80C31SBBB P80C31SBPN P80C31SFAA P80C31SFBB P80C31SFPN P80C31UBAA P80C31UBBB P80C31UBPN P80C31UFAA P80C31UFBB P80C31UFPN P87C51SBPN P87C51UBAA P87C51UBBB P87C51UBPN P87C51SFAA P87C51SFBB P87C51SFPN P87C51SBAA 80C31 P80C51 P87C51UFPN 87C51 P87C51SBBB P87C51UFAA P87C51UFBB
OCR Text ...cation, it uses strong internal pull-ups when emitting 1s. Port 0 also outputs the code bytes during program verification and received code ...Down) enables or disables the wakeup from power down with external interrupt. Where: WUPD = 0 Disabl...
Description 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz

File Size 349.80K  /  38 Page

View it Online

Download Datasheet

    http://
Asahi Kasei Microsystems Co., Ltd.
Asahi Kasei Microsystems Co.,Ltd
Part No. AK4544 AK4544A AK4544AVQ
OCR Text ...ormal operation) :with internal pull-down. 44 test3 i test pin (this pin should be open for normal operation) :with internal pull-down. 45 codec id0 # i codec id configuration (id select input for multiple codec extension) see page21. neg...
Description AC97 MULTIMEDIA AUDIO CODEC WITH SRC AC97多媒体音频编解码器与SRC

File Size 384.97K  /  35 Page

View it Online

Download Datasheet

    意法半导
Part No. STA002
OCR Text ...pin cmos input pad buffer with pull-down 22 23, 25, 33, 34, 44 test (4:9) i test pin 2 agc o agc output cmos 2ma output driver 3, 14, 21, 26, 38, 40 vdd positive supply voltage 4 a_vdd analog positive supply voltage 5 rxi i if signal inp...
Description STARMANO CHANNEL DECODER

File Size 368.59K  /  43 Page

View it Online

Download Datasheet

    意法半导
Part No. STA400A
OCR Text ...rnal adc 0=internal buffer with pull-down pin n pin name type function pad description pin description (continued) 5/117 sta400a 35 mclko o master clock output 4ma output driver 36 mclkon o inverted master clock output 4ma output driver ...
Description XMRADIO SDARS CHANNEL DECODER

File Size 939.57K  /  117 Page

View it Online

Download Datasheet

    ST Microelectronics
Part No. STA400A STA400A13TR
OCR Text ...rnal adc 0=internal buffer with pull-down pin n pin name type function pad description pin description (continued) 5/117 sta400a 35 mclko o master clock output 4ma output driver 36 mclkon o inverted master clock output 4ma output driver ...
Description XMRADIO SDARS CHANNEL DECODER

File Size 915.74K  /  117 Page

View it Online

Download Datasheet

    TMP86FH46ANG

Toshiba Semiconductor
Part No. TMP86FH46ANG
OCR Text ...2-600-1.78 vdd r in r r without pull down resister without protect diode on the vdd side vdd r in r r vdd without pull down resister tmp86fh46ang difference among produc t (tmp86xx47 series) note 1: the products with flash memor...
Description 8-Bit Microcontroller

File Size 2,281.02K  /  214 Page

View it Online

Download Datasheet

For pull-down Found Datasheets File :: 33069    Search Time::2.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pull-down

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.57600092887878