Part Number Hot Search : 
HIN208CP LX1660 70N70 MLX16303 SL431 TLP1224 HIN208CA MRF555
Product Description
Full Text Search
  protection Datasheet PDF File

For protection Found Datasheets File :: 137356    Search Time::2.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G

http://
ONSEMI[ON Semiconductor]
Part No. 1.5SMC68AT3 1.5SMC24AT3 1.5SMC51AT3 1.5SMC30AT3 1.5SMC13AT 1.5SMC56AT3 1.5SMC33AT3 1.5SMC12AT3 1.5SMC10AT3 1.5SMC15AT3G 1.5SMC7.5AT3 1.5SMC8.2AT3 1.5SMCXXXAT3 15SMC68AT3 1.5SMCXXXAT3G 1.5SMC11AT3 1.5SMC13AT3 1.5SMC15AT3 1.5SMC16AT3 1.5SMC18AT3 1.5SMC20AT3 1.5SMC22AT3 1.5SMC27AT3 1.5SMC36AT3 1.5SMC39AT3 1.5SMC43AT3 1.5SMC47AT3 1.5SMC6.8AT3 1.5SMC62AT3G 1.5SMC82AT3 1.5SMC9.1AT3 1.5SMC91AT3 1.5SMC62AT3 1.5SMC16A 1.5SMC22A 1.5SMC24A 1.5SMC27A 1.5SMC43A 1.5SMC47A 1.5SMC51A 1.5SMC56A 1.5SMC68A 1.5SMC82A 1.5SMC15A 1.5SMC62A 1.5SMC75A 1.5SMC75AT3
OCR Text ... 497B for Isolated Loop Circuit protection Maximum Temperature Coefficient Specified Response Time is Typically < 1.0 ns Pb-Free Packages are Available Cathode Anode SMC CASE 403 PLASTIC MARKING DIAGRAM YWW xxxA Y WW xxxA = Yea...
Description Zener Diode
Transistor Suppressor
High Power
1500 Watt Peak Power Zener Transient Voltage Suppressors
ELR 2/1-230Z
1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE

File Size 73.47K  /  8 Page

View it Online

Download Datasheet





    JR48D12-420 JR48D15-330 JR48D5-1000 JR48S12-830 JR48S15-660 JR48S33-2000 JR48S5-2000 JR12S5-2000 JR12S12-830

Wall Industries,Inc.
Part No. JR48D12-420 JR48D15-330 JR48D5-1000 JR48S12-830 JR48S15-660 JR48S33-2000 JR48S5-2000 JR12S5-2000 JR12S12-830
OCR Text ... coefficient 0.02 %/c protection 3.3v output models 3.9 5v output models 6.2 12v output models 15 over voltage protection zener diode clamp 15v output models 18 vdc over load protection % of full load...
Description 10 Watt DC/DC Power Converters

File Size 346.63K  /  5 Page

View it Online

Download Datasheet

    XC6218P252NR-G

Torex Semiconductor
Part No. XC6218P252NR-G
OCR Text ... diode inside the circuit is a protection diode for the ic. parameter symbol ratings units input voltage v in v ss - 0.3 ~ 7.0 v output current i out 500 (*1) ma output voltage...
Description Low Power Supply LDO Regulators(Ultra Small Packages)

File Size 402.75K  /  22 Page

View it Online

Download Datasheet

    UPA2670T1R UPA2670T1R-E2-AX

Renesas Electronics Corporation
Part No. UPA2670T1R UPA2670T1R-E2-AX
OCR Text ... = ? 1.5 a) ? built-in gate protection diode ? lead-free and halogen-free ordering information part number package pa2670t1r-e2-ax ? 1 6pinhuson2020 note: ? 1.pb-free (this product does not contain pb in the external elec...
Description DUAL P-CHANNEL MOSFET -20 V, -3.0 A, 79 m

File Size 256.75K  /  7 Page

View it Online

Download Datasheet

    UPA2600T1R UPA2600T1R-E2-AX

Renesas Electronics Corporation
Part No. UPA2600T1R UPA2600T1R-E2-AX
OCR Text ... d = 3.5 a) ? built-in gate protection diode ? lead-free and halogen-free ordering information part number package pa2600t1r-e2-ax ? 1 6pinhuson2020 note: ? 1.pb-free (this product does not contain pb in the external elec...
Description N-CHANNEL MOSFET 20 V, 7.0 A, 13.8 m

File Size 234.58K  /  7 Page

View it Online

Download Datasheet

   
Part No. UNAM30N1104/S14
OCR Text ... ripple < 10 % vs short circuit protection yes reverse polarity protection yes mechanical data width / diameter 30 mm height / length 70 mm type cylindrical housing material brass nickel plated ambient conditions operating temperature -25 ....
Description PROXIMITY SENSOR-ULTROSONIC, 200-1500mm, 200mA, CYLINDRICAL

File Size 76.75K  /  2 Page

View it Online

Download Datasheet

    Taiwan Semiconductor
Part No. SMBJ40
OCR Text ... to provide various degrees of protection. the following is a typical linear power suppl y with transient voltage suppressor units placed at different points. all provide protection of the load. figure 1 transient voltage suppressors...
Description (SMBJ Series) Surface Mount Transient Voltage Suppressor

File Size 101.39K  /  4 Page

View it Online

Download Datasheet

For protection Found Datasheets File :: 137356    Search Time::2.078ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of protection

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
4.8079741001129