Part Number Hot Search : 
T15CA TMP86 U2505 BF720T3G MBR104 MAX3232 L3380 IRF7380
Product Description
Full Text Search
  power-transistor Datasheet PDF File

For power-transistor Found Datasheets File :: 67141    Search Time::2.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    YB1200SC70S-2.6G YB1200SC70S-2.5G YB1200SC70S-1.8G YB1200 YB1200SC70S-2.8G YB1200SC70S-3.0G YB1200SC70S-3.3G YB1200SC82S

YOBON TECHNOLOGIES, INC.
YOBON TECHNOLOGIES,INC.
Part No. YB1200SC70S-2.6G YB1200SC70S-2.5G YB1200SC70S-1.8G YB1200 YB1200SC70S-2.8G YB1200SC70S-3.0G YB1200SC70S-3.3G YB1200SC82S-2.6G YB1200SC82S-3.0G YB1200SC82S-3.3G YB1200SC82S-1.8G YB1200SC82S-2.5G YB1200SC82S-2.8G YOBONTECHNOLOGIESINC.-YB1200SC70S-2.8G
OCR Text ...eed Input and Output Capacitors Power Saving Shutdown Mode (<1A) Thermal Protection Shutdown Built-In Internal Soft-Start Output Short-circu...transistor, internal feedback voltage divider, thermal sensor, and short circuit current limiter. Th...
Description High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator 高精度超低噪声,高PSRR LDO稳压

File Size 427.64K  /  11 Page

View it Online

Download Datasheet





    2SA1010 2SA1010-AZ 2SA10102

NEC[NEC]
Part No. 2SA1010 2SA1010-AZ 2SA10102
OCR Text POWER TRANSISTOR 2SA1010 PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-VOLTAGE HIGH-SPEED SWITCHING The 2SA1010 is a mold power transistor developed for highvoltage high-speed switching, and is ideal for use as a driver in devices such a...
Description Silicon transistor
SILICON POWER TRANSISTOR
7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN

File Size 115.28K  /  6 Page

View it Online

Download Datasheet

    UPA1914TE-T2

NEC
Part No. UPA1914TE-T2
OCR Text ...n be driven directly by a 4 v power source. the pa1914 features a low on-state resistance and excellent switching characteristics, and...transistor serves as a protector against esd. when this device actually used, an additional protecti...
Description Pch enhancement type MOS FET

File Size 68.46K  /  8 Page

View it Online

Download Datasheet

    UPA1913TE-T2

NEC
Part No. UPA1913TE-T2
OCR Text ...n be driven directly by a 2.5-v power source. the pa1913 features a low on-state resistance and excellent switching characteristics, and...transistor serves as a protector against esd. when this device actually used, an additional protecti...
Description Pch enhancement type MOS FET

File Size 69.22K  /  8 Page

View it Online

Download Datasheet

    UPA1912TE-T2

NEC
Part No. UPA1912TE-T2
OCR Text ...n be driven directly by a 2.5-v power source. the pa1912 features a low on-state resistance and excellent switching characteristics, and...transistor serves as a protector against esd. when this device actually used, an additional protecti...
Description Pch enhancement type MOS FET

File Size 62.42K  /  8 Page

View it Online

Download Datasheet

    UPA1911TE-T2

NEC
Part No. UPA1911TE-T2
OCR Text ...be driven directly by a 2.5 - v power source. the pa1911 features a low on-state resistance and excellent switching characteristics, and...transistor serves as a protector against esd. when this device actually used, an additional protecti...
Description Pch enhancement type MOS FET

File Size 66.36K  /  8 Page

View it Online

Download Datasheet

    SIEMENS AG
Part No. TLE5250
OCR Text power stepper-motor driver with diagnostic interface spt-ic overview features ? single phase driver for stepper motor 2.5 a ? low on-resist...transistor by internally driven, external rc element or external ttl trigger signal 14 nom input fo...
Description 2.5-A High Performance Smart Power Stepper-Motor Driver with Diagnostic Interface(2.5A 高性能步进电机驱动带诊断接)

File Size 97.59K  /  22 Page

View it Online

Download Datasheet

    Allegro MicroSystems, Inc.
Part No. STR-S5708 STR-S5707 STRS5708
OCR Text ...uxiliary or bias winding of the power transformer. a versatile triple-level inhibit circuit includes the off time synchronization required ...transistor with proportional drive maximum on time and off time set during manufacture interna...
Description RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS
OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR

File Size 161.54K  /  8 Page

View it Online

Download Datasheet

    Sanyo Electric Co.,Ltd.
Part No. STK391-020
OCR Text ...operating ic substrate internal power dissipation and pc represents the power dissipation per transistor. the heatsink thermal re- sistance, q c-a, required to dissipate the total power dissi- pation, pd, is determined as follows : conditi...
Description 2-Channel Convergence Correction Circuit (IC max = 6A)(2通道覆盖校正电路)
2-Channel Convergence Correction Circuit (IC max = 6A)(2???瑕???℃??佃矾)

File Size 103.19K  /  6 Page

View it Online

Download Datasheet

For power-transistor Found Datasheets File :: 67141    Search Time::2.828ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of power-transistor

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
2.6407649517059