Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
  power signal Datasheet PDF File

For power signal Found Datasheets File :: 158638    Search Time::1.969ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    FTR-1631-41 FTR-1631-40 FTR-1631-17 FTR-1631-18 FTR-1631-19 FTR-1631-39 FTR-1631-45 FTR-1631-21 FTR-1631-31 FTR-1631-42

Finisar Corporation.
Part No. FTR-1631-41 FTR-1631-40 FTR-1631-17 FTR-1631-18 FTR-1631-19 FTR-1631-39 FTR-1631-45 FTR-1631-21 FTR-1631-31 FTR-1631-42 FTR-1631-44 FTR-1631-20 FTR-1631-23 FTR-1631-26 FTR-1631-27 FTR-1631-33 FTR-1631-38 FTR-1631-25 FTR-1631-30 FTR-1631-34 FTR-1631-36 FTR-1631-28 FTR-1631-43 FTR-1631-24 FTR-1631-35 FTR-1631-46 FTR-1631-29 FTR-1631-37 FTR-1631-32
OCR Text ...ansport with dramatically lower power and cost in a standard pluggable GBIC package. The FTR-1631 is designed expressly for service provider...signal Definitions" in the GBIC Specification Revision 5.51 for a description of the function of eac...
Description FIBER OPTIC TRANSCEIVER, 2700Mbps(Tx), 2700Mbps(Rx), PANEL MOUNT
DWDM GBIC Transceiver

File Size 84.19K  /  10 Page

View it Online

Download Datasheet





    MAX126CCAX

Maxim Integrated Products
Part No. MAX126CCAX
OCR Text ...tions Multiphase Motor Control power-Grid Synchronization power-Factor Monitoring Digital signal Processing Vibration and Waveform Analysis Typical Operating Circuit appears at end of data sheet. Pin Configuration appears at end of data s...
Description 2x4-Channel, Simultaneous-Sampling 14-Bit DAS

File Size 175.04K  /  15 Page

View it Online

Download Datasheet

    DS2484

Maxim Integrated Products
Part No. DS2484
OCR Text ... pullup features support 1-wire power deliv - ery to 1-wire devices such as eeproms and sensors. when not in use, the ds2484 can be put in ...signal (referenced to the v ih(min) of the scl signal) to bridge the undefined region of the falli...
Description Single-Channel 1-Wire Master

File Size 2,061.52K  /  29 Page

View it Online

Download Datasheet

    MAX11501USA MAX11502USA

Maxim Integrated Products, Inc.
Part No. MAX11501USA MAX11502USA
OCR Text ...tection on Outputs o Single +5V power Supply o Small 8-Pin SO Package MAX11501/MAX11502 The MAX11501/MAX11502 integrated filters offer...signal into two standard 150 (75 back-terminated) video loads. The buffers drive either AC- or DC-co...
Description Three-Channel, Standard-Definition Video Filters SPECIALTY CONSUMER CIRCUIT, PDSO8

File Size 225.14K  /  11 Page

View it Online

Download Datasheet

    M391T2953BGZ0-CD5_CC M391T2953BGZ3-CD5_CC M378T3354BGZ0-CD5_CC M378T6553BGZ0-CD5_CC M391T6553BGZ0-CD5_CC M378T6553BGZ0-C

SAMSUNG SEMICONDUCTOR CO. LTD.
Part No. M391T2953BGZ0-CD5_CC M391T2953BGZ3-CD5_CC M378T3354BGZ0-CD5_CC M378T6553BGZ0-CD5_CC M391T6553BGZ0-CD5_CC M378T6553BGZ0-CD5/CC M391T6553BGZ0-CD5/CC M378T6553BGZ3-CD5/CC M378T3354BGZ3-CD5/CC M378T3354BGZ0-CD5/CC M378T2953BGZ0-CD5/CC M391T2953BGZ3-CD5/CC M391T2953BGZ0-CD5/CC M378T2953BGZ3-CD5/CC M391T6553BGZ3-CD5/CC M378T6553BG0-CD5
OCR Text ... * JEDEC standard 1.8V 0.1V power Supply * VDDQ = 1.8V 0.1V * 200 MHz fCK for 400Mb/sec/pin, 267MHz fCK for 533Mb/sec/pin * 4 Banks * P...signal when high and deactivates the CK signal When low. By deactivating the clocks, CKE low initiat...
Description 64M X 64 DDR DRAM MODULE, 0.5 ns, DMA240
TVS ZENER BIDIRECT 1500W 13V SMC
TVS BIDIRECT 1500W 130V SMC
240pin Unbuffered Module based on 512Mb B-die 64/72-bit Non-ECC/ECC

File Size 467.83K  /  22 Page

View it Online

Download Datasheet

    ISL78215 ISL78215AUZ ISL78215AUZ-T

Intersil Corporation
Part No. ISL78215 ISL78215AUZ ISL78215AUZ-T
OCR Text power, pulse width modulating (PWM) current mode controllers is designed for a wide range of power conversion applications including boost, ...signal is nominally 0V to 1.0V and has an internal offset of 100mV. This is the oscillator timing co...
Description Improved Industry Standard Single-Ended Current Mode PWM Controller

File Size 208.88K  /  11 Page

View it Online

Download Datasheet

    ISL78211 ISL78211ARZ ISL78211ARZ-T

Intersil Corporation
Part No. ISL78211 ISL78211ARZ ISL78211ARZ-T
OCR Text ...technology effectively reducing power dissipation in lntelTM Pentium processors. The heart of the ISL78211 is the patented R3 TechnologyTM, ...signal representing the CPU instantaneous power. The power monitor function can be used by the syste...
Description Automotive Single-Phase Core Regulator for IMVP-6 CPUs
SWITCHING REGULATOR, PQCC40

File Size 1,242.70K  /  35 Page

View it Online

Download Datasheet

    WM7121P WM7121PE

Wolfson Microelectronics plc
Part No. WM7121P WM7121PE
OCR Text ...al to noise ratio (snr) and low power consumption and is suited to a wide variety of consumer applications. the wm7121p incorporates wolf...signal ordering information device description temperature range moisture sensitivity lev...
Description Top Port Analogue Silicon Microphone

File Size 294.91K  /  13 Page

View it Online

Download Datasheet

For power signal Found Datasheets File :: 158638    Search Time::1.969ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of power signal

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.0941109657288