Part Number Hot Search : 
BD46421 41000 T1210 SC2411K SJ2520 SMAJ13 IC18F DTA143T
Product Description
Full Text Search
  pole-3 Datasheet PDF File

For pole-3 Found Datasheets File :: 15593    Search Time::1.954ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    GRAYHILL INC
Part No. GRAYHILLINC-63TAH-3-3-6-1-2 63TAH-4-1-4-2-1 63TEL-1-1-0-2-1 63TBL-1-1-0-2-1 63TEH-4-4-0-1-2 63TEL-4-2-4-1-2 63TCH-3-1-4-1-1 63TEH-1-1-4-1-1 63TBH-3-6-8-1-1 63TBH-1-1-0-2-0 63TAL-1-1-0-2-2 63TDH-1-1-0-2-2 63TBH-1-4-0-2-2 63TAH-1-4-0-2-2 63TBH-2-1-6-1-2 63TDL-2-1-4-1-2 63TDH-2-1-8-1-2 63TAH-4-2-8-1-0 63TAL-4-2-8-2-1 63TBH-4-1-4-2-1 63TBH-4-4-4-1-0 63TBH-4-4-4-1-2 63TAH-4-2-6-2-2 63TCH-4-2-6-2-2 63TAL-4-1-4-1-0 63TAH-3-2-8-1-0 63TEL-1-2-4-1-1 63TDH-1-2-4-1-0 63TAH-2-1-0-2-1 63TAL-2-1-0-2-1 63TEH-2-1-0-1-2 63TCH-2-1-0-2-2 63TAL-3-1-0-2-1 63TAL-2-3-0-2-1 63TAH-2-4-0-2-1 63TBH-3-2-8-2-1 63TEH-1-1-6-1-1 GRAYHILLINC-63TBL-1-1-6-1-0 63TAH-1-1-6-1-0 63TAL-2-5-6-2-0 63TBH-2-5-6-1-1 63TDL-1-4-4-1-2 3TAL-3-3-4-1-0
OCR Text ...e-phase commutation in 4,6 or 8 pole versions ? conductive carbon fiber housing ? standard 1.812" (46mm) bolt circle mounting ? hollow shaft...3 = ttl, output option: 4 = rs422a, for a, b, z; open collector for u, r, w mounting: 1 = std. 1.8...
Description SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER

File Size 101.16K  /  2 Page

View it Online

Download Datasheet





    Electronic Theatre Controls, Inc.
Part No. D828H8EX-3 D828L8D10-4 D828L8B-4
OCR Text ...es 2" x 2" differential input 8-pole filters description the d828 series are digitally programmable low- pass and high-pass active ...3 d828 l8e 8-pole, 6 zero elliptic, 1.77 (-80db) . . . 3 d828 l8ex 8-pole, 6 zero elliptic, 1.56 (-...
Description Analog Filter 模拟滤波

File Size 519.37K  /  18 Page

View it Online

Download Datasheet

    16000-3 16000-4 16003-2 16000-2 16003-3 16003-4 16500-1 16500-2 16500-3 16504-1 16504-2 16504-3

Cooper Bussmann, Inc.
Part No. 16000-3 16000-4 16003-2 16000-2 16003-3 16003-4 16500-1 16500-2 16500-3 16504-1 16504-2 16504-3
OCR Text ... number example: 16204-3 is a 3-pole 16204 where: ? the prefix 16204 defines the blocks lineside and loadside characteristics (i.e., conductor port per pole that accepts 2/0 - #14 cu, or 2/0 - #12 al conductors). ? the suffix 3 in this...
Description    Splicer blocks

File Size 1,025.13K  /  4 Page

View it Online

Download Datasheet

    DBCTB11-3-15 DBCTB11-2 DBCTB11-2-15 DBCTB48-2 DBCTB48-3 DBCTB11-3-2 DBCTB11-2-2

Dubilier
Part No. DBCTB11-3-15 DBCTB11-2 DBCTB11-2-15 DBCTB48-2 DBCTB48-3 DBCTB11-3-2 DBCTB11-2-2
OCR Text pole 1 and 2 Pole interlocking 1 pole in 10mm and 15mm length Moulded in UL94V-0 Flame retardant material 2.5mm2 wire acceptance Screw termi...3 = 3 ways /2 Options Blank = STD *15 = 15mm Length on 1 way 9 4.5 4.5 1010 AA 4.5 4.5 ...
Description TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT

File Size 115.05K  /  1 Page

View it Online

Download Datasheet

    3-101-015 3-101-014 3-101-012 1241.6833.1111000 1241.6833.1114000 1241.6833.1112000 1241.6833.1121000 1241.6833.1122000

Schurter Inc.
Part No. 3-101-015 3-101-014 3-101-012 1241.6833.1111000 1241.6833.1114000 1241.6833.1112000 1241.6833.1121000 1241.6833.1122000 1241.6833.1124000
OCR Text ...nation - available with single-pole and double-pole switching system, switching status is easy to discern by looking at or feeling the res...3 mm shock protection ik 07 tightening torque plastic nut 4.5 nm for thread m19, 3.5 nm for m22 tig...
Description Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC

File Size 996.08K  /  7 Page

View it Online

Download Datasheet

    71L30-01-3-02N

Grayhill, Inc
Part No. 71L30-01-3-02N
OCR Text ...horting or throw decks deck per pole non-shrtg. series 71 switches 30 01 to 12 1 02 to 12* n or s 01 to 08 2 02 to 06 n or s 01 to 05 3 02 to 03 n or s 01 to 04 4 02 to 03 n or s 01 to 03 5 02 n or s 01 or 02 6 02 n or s 36 01 to 12 1 02 to...
Description Multi-Deck, Standard & Anti-Static

File Size 63.83K  /  2 Page

View it Online

Download Datasheet

    3-101-007 3-101-005 3-101-022 3-101-011

Schurter Inc.
Part No. 3-101-007 3-101-005 3-101-022 3-101-011
OCR Text ...o 16 a - available with single-pole and double-pole switching system, switching status is easy to discern by looking at or feeling the res...3 mm shock protection ik 07 tightening torque plastic nut 4.5 nm for thread m19, 3.5 nm for m22 tig...
Description Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC

File Size 706.48K  /  6 Page

View it Online

Download Datasheet

    3-100-991

Schurter Inc.
Part No. 3-100-991
OCR Text ...nation - available with single-pole and double-pole switching system, switching status is easy to discern by looking at or feeling the res...3 mm shock protection ik 07 tightening torque plastic nut 4.5 nm for thread m19, 3.5 nm for m22 tig...
Description Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC

File Size 912.19K  /  6 Page

View it Online

Download Datasheet

    TYCO ELECTRONICS ALCOSWITCH
Part No. 1-1437558-3 8-1437558-3 7-1437558-3 MTL206S MTB206N MTA106D MTM206NPC MTA106EPC MTM406NPC
OCR Text ...ggles s standard m short single pole 3 * position out out 2 out 3 jumper 2 3 6 4 5 1 1 2 (in) 3 5 4 6 (out) pos 1 pos. 3 pos 2pos. 1 functions the following functions available in sp or dp. * sp3t functions achieved with external jumper in...
Description TOGGLE SWITCH, SPDT, LATCHED, 4A, 28VDC, THROUGH HOLE-STRAIGHT
TOGGLE SWITCH, SPDT, LATCHED, 4A, 28VDC, PANEL MOUNT
TOGGLE SWITCH, DPDT, LATCHED, 4A, 28VDC, PANEL MOUNT
TOGGLE SWITCH, DPDT, MOMENTARY, 4A, 28VDC, PANEL MOUNT
TOGGLE SWITCH, DPDT, LATCHED, 4A, 28VDC, THROUGH HOLE-STRAIGHT
TOGGLE SWITCH, 4PDT, LATCHED, 4A, 28VDC, THROUGH HOLE-STRAIGHT

File Size 1,939.05K  /  21 Page

View it Online

Download Datasheet

    TYCO ELECTRONICS ALCOSWITCH
Part No. 2-1437558-3
OCR Text ...ghlights: l mta series l single pole - three throw c onfiguration (pole-throw) l c urrent rating = 6 amps. l mount style = panel l termination type = vertical, wire lugs view all features c heck pricing & availability search for tooling pro...
Description TOGGLE SWITCH, SP3T, LATCHED, 4A, 28VDC, PANEL MOUNT-THREADED

File Size 113.15K  /  1 Page

View it Online

Download Datasheet

For pole-3 Found Datasheets File :: 15593    Search Time::1.954ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of pole-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.826061964035