Part Number Hot Search : 
81150A LTC2910 FZT649TC CDRH8D43 10150C AD7684 MAJ17 SMS3404
Product Description
Full Text Search
  plunger Datasheet PDF File

For plunger Found Datasheets File :: 463    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    BA3708F A5800776

Rohm
Part No. BA3708F A5800776
OCR Text ...ich enables direct drive of the plunger. A mute function is included which makes it possible to stop detection. FApplications 3V tape players FFeatures 1) Low supply voltage (can be operated at 1.8V; recommended operating voltage is 2.0 to ...
Description From old datasheet system
Mute detector IC for 3V sets

File Size 153.21K  /  8 Page

View it Online

Download Datasheet





    NTE1478

NTE[NTE Electronics]
Part No. NTE1478
OCR Text ...of a rotary signal and drives a plunger. It is designed for use in auto-reverse and auto-eject car stereo applications and can be used as a solenoid driver in many other control circuits. Features: D Internal Output Power Transistor: 5A Loa...
Description Integrated Circuit Solenoid Driver & Signal Sensing Circuit

File Size 18.40K  /  2 Page

View it Online

Download Datasheet

    AN6263N AN6262 AN6262N

Panasonic, Corp.
Panasonic Corporation
PANASONIC[Panasonic Semiconductor]
Part No. AN6263N AN6262 AN6262N
OCR Text ...ly at FF/REW mode. (1) When the plunger is ON between the program AN6262N, AN6263N 22k R Ch. 1 L Ch. 22k 2 150k 3 220k VCC 22k 16V 47F + - 5 4 6 8 0.01F 47pF Search SW Open (ON) 7 (OFF) 9 0.027F AN6262N 4.7k (2) When the plun...
Description Pause Detection Circuits of Radio Cassette, Cassette Deck SPECIALTY CONSUMER CIRCUIT, PSIP9
Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:13-35 RoHS Compliant: No
Pause Detection Circuits of Radio Cassette Cassette Deck

File Size 57.97K  /  5 Page

View it Online

Download Datasheet

    SAIA-Burgess Electronics
Part No. F1T8GPUL F1T8Y1GPUL
OCR Text ...ns (mm) 16 x 6.5 x 5.7 actuator plunger, plain lever approvals ul, csa preferred product range ordering actuating force sealing operating position terminal circuit actuator contacts electrical rating reference (n) (oz) (mm) (in) f1t8gpul 1...
Description SNAP ACTION SWITCH SPDT LEVER 5A 250VAC

File Size 116.64K  /  3 Page

View it Online

Download Datasheet

    PB-12332Z3B PB-12632Z3B PB-12612CB PB-12613CB PB-12323CB PB-12613ZB PB-12633Z3B

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. PB-12332Z3B PB-12632Z3B PB-12612CB PB-12613CB PB-12323CB PB-12613ZB PB-12633Z3B
OCR Text ...erial-type other options pb pbs plunger seal pbw plunger & panel seal -123 on-none-on push to make contact and push again to reverse action -126 on-none-on * normally open or normally closed. (for nc circuit use terminal 2 & 1, for no. 2 ...
Description Standard Ordering Table . Pushbutton Switches . Panelmount Maintained and Momentary Action (SPDT)
   Standard Ordering Table . Pushbutton Switches . Panelmount Maintained and Momentary Action (SPDT)

File Size 197.87K  /  4 Page

View it Online

Download Datasheet

    SHL-W55

Omron Electronics LLC
Part No. SHL-W55
OCR Text ...micro load actuator model model plunger shl-d55 shl-d55-01 panel mount plunger shl-q55 shl-q55-01 panel mount roller plunger shl-q2255 shl-q2255-01 panel mount crossroller plunger shl-q2155 shl-q2155-01 short hinge lever shl-w55 shl-w55-0...
Description Compact, General-purpose Horizontal Switches

File Size 864.27K  /  8 Page

View it Online

Download Datasheet

    LA2000M

Sanyo Electric Co.,Ltd.
SANYO[Sanyo Semicon Device]
Part No. LA2000M
OCR Text ...ed switch (OFF at play mode) plunger Unit (resistance: , capacitance: F) No.4158-3/7 LA2000M Sample Application Circuit 2 Use a mechanism for the plunger off while functioning for program selection Unit (resistance: , capaci...
Description Audio Level Sensor

File Size 136.92K  /  7 Page

View it Online

Download Datasheet

    LA2000

SANYO[Sanyo Semicon Device]
Part No. LA2000
OCR Text ...verse voltages induced when the plunger is turned off from on. Pin 8 functions in phase with pin 6 and can drive external transistors (such as for MUTE ). . . . No.982-2/8 LA2000 3. Time delays and obtaining CRs When input signals...
Description Audio Level Sensor

File Size 169.75K  /  8 Page

View it Online

Download Datasheet

    Panasonic
Part No. SA-AK630EE
OCR Text ... q2936 cd mot or suppl y switch plunger mot or suppl y control switch /reset 5 71 fl_reset /cs 6 72 fl_cs 74 fl_clk sck 7 sdata 8 73 fl_dout xin 13 xout 12 rmt 18 mld 79 m d ata 80 mclk 81 22 sd 77 21 st/do 78 st a tus 84 chg_cw 85 chg_ccw ...
Description CD Stereo System Service Manual

File Size 2,151.62K  /  44 Page

View it Online

Download Datasheet

    38EWSP73B4M2RT 38EWSP73B4M6RT 38EWSP73B4M1RT 38EWSP73B4M1QT 38EWSP73B4S3RT 38EWSP73B4S5RT 38EWSP73B4V3RT 38EWSP73B4V4RT

Grayhill, Inc
Part No. 38EWSP73B4M2RT 38EWSP73B4M6RT 38EWSP73B4M1RT 38EWSP73B4M1QT 38EWSP73B4S3RT 38EWSP73B4S5RT 38EWSP73B4V3RT 38EWSP73B4V4RT 38EWSP73B4S6RT 38EWSP73B1M1QT 38EWSP73B1M6QT 38EWSP73B1M2RT 38EWSP73B1M2QT 38EWSP73B1M1RT 38EWSP71B1M1QT 38EWSP71B1M7RT 38EWSP71B1M6RT 38EWSP71B1S2RT 38EWSP71B1S3RT 38EWSP71B1S6RT 38EWSP71B1S5RT 38EWSP71B4M1RT 38EWSP71B4M2RT 38EWSP71B1V3RT 38EWSP71B4M7RT 38EWSP71B4S5RT 38EWSP71B4S6RT 38EWSP71B1S4RT 38EWSP71B1M2RT
OCR Text ...hes (and millimeters) spdt dpdt plunger options in inches (and millimeters) pushbutton 18 switch position model no. wsp7 1-3 on 1-2 (on) 1 2 3 term. comm. 1 2 3 4 5 6 ()=momentary ()=momentary schematic 01comm. 3 2 schematic 01comm. ...
Description Sealed Snap Action Miniature Pushbutton Switches

File Size 471.92K  /  5 Page

View it Online

Download Datasheet

For plunger Found Datasheets File :: 463    Search Time::1.422ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of plunger

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.4200601577759